Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADNS-7700-H4MY Arkusz danych(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Numer części ADNS-7700-H4MY
Szczegółowy opis  One chip USB LaserStream Mouse Sensors Single 5.0 volts power supply
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Strona internetowa  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNS-7700-H4MY Arkusz danych(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ADNS-7700-H4MY Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ADNS-7700-H4MY Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ADNS-7700-H4MY Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ADNS-7700-H4MY Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ADNS-7700-H4MY Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ADNS-7700-H4MY Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ADNS-7700-H4MY Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ADNS-7700-H4MY Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ADNS-7700-H4MY Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
8
Application Schematics
Mechanical Z-Wheel
Q1
ZB
QB
ZA
QA
COM
P16 = B4/KM2
P16
SW4
P3 = TW1/KM2
P3
SW6
P2 = TW2/OTF/OTF_L/KM1
P2
SW7
SW1
SW2
SW3
(21) D+
(20) D-
(3) TW1*/KM2/
LED1/NC
(2) TW2*/OTF/OTF_L
LED0/NC
(18) B2
(17) B3
(16) B4/KM2/
LED2/NC
(15) B5/OTF/OTF_L
KM1
--VCSEL (22)
+VCSEL (1)
VDD 5 (6)
REFA (11)
REFC (7)
ZB (9)
ZA (8)
DGND (12)
LASER_GND (4)
AGND (10)
OSC_OUT (13)
OSC_IN (14)
(5) REFB
R1
1.5K
±1%
C1
0.1uF
C2
3.3uF
C7
3.3uF
J1
USB
VDD
GND
D+
D-
SHIELD
(19) B1
ZA
+5.0V
ZB
Refer to notes
on grounding layout
P16
SW5
P3
P2
Connect REFC pin
to 50mm length
trace within the
DGND plane
+5.0V
P16
D2
D3
D4
P3
P2
R6
240
R5
240
R7
240
ADNS-7700-HAMY
P16 = LED2, P3 = LED1, P2 = LED0
C9
100pF
C10
100pF
C3
470pF
C5
4.7uF
C6
0.1uF
C4
0.1uF
X1
24MHz
+5.0V
Figure 6. ADNS-7700 Sensor’s Application Schematics
* DISCLAIMER: ALL DESIGNERS AND MANUFACTURERS OF THIS DESIGN MUST ASSURE THAT THEY HAVE ALL NECESSARY INTELLECTUAL PROPERTY
RIGHTS.


Podobny numer części - ADNS-7700-H4MY

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-7700-HAMY AVAGO-ADNS-7700-HAMY Datasheet
115Kb / 1P
   One Chip USB LaserStream??Sensor
logo
Broadcom Corporation.
ADNS-7700-HAMY BOARDCOM-ADNS-7700-HAMY Datasheet
83Kb / 1P
   One Chip USB LaserStream??Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-7700-HCMY AVAGO-ADNS-7700-HCMY Datasheet
115Kb / 1P
   One Chip USB LaserStream??Sensor
logo
Broadcom Corporation.
ADNS-7700-HCMY BOARDCOM-ADNS-7700-HCMY Datasheet
83Kb / 1P
   One Chip USB LaserStream??Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-7700-HMMY AVAGO-ADNS-7700-HMMY Datasheet
115Kb / 1P
   One Chip USB LaserStream??Sensor
More results

Podobny opis - ADNS-7700-H4MY

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Broadcom Corporation.
ADNK-7700 BOARDCOM-ADNK-7700 Datasheet
83Kb / 1P
   One Chip USB LaserStream??Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-7700 AVAGO-ADNK-7700 Datasheet
115Kb / 1P
   One Chip USB LaserStream??Sensor
ADNS-2700 AVAGO-ADNS-2700 Datasheet
271Kb / 39P
   Single Chip USB Optical Mouse Sensor One chip USB mouse sensor
logo
Pixart Imaging Inc.
PAW3502 PIXART-PAW3502 Datasheet
477Kb / 10P
   USB OPTICAL MOUSE SINGLE CHIP
PAW3515DB PIXART-PAW3515DB Datasheet
69Kb / 4P
   USB OPTICAL MOUSE SINGLE CHIP
PAW3529DH-TXWA PIXART-PAW3529DH-TXWA Datasheet
821Kb / 23P
   USB OPTICAL MOUSE SINGLE CHIP
PAW3509DH PIXART-PAW3509DH Datasheet
125Kb / 5P
   USB OPTICAL MOUSE SINGLE CHIP
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-7630-TR AVAGO-ADNS-7630-TR Datasheet
658Kb / 48P
   One-Chip Bluetooth SoC LaserStream Navigation Sensor
logo
Pixart Imaging Inc.
PAW3501UI PIXART-PAW3501UI Datasheet
226Kb / 14P
   USB OPTICAL MOUSE SENSOR SINGLE CHIP
logo
Broadcom Corporation.
ADNS-7630 BOARDCOM-ADNS-7630 Datasheet
658Kb / 48P
   One-Chip Bluetooth짰 SoC LaserStream??Navigation Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com