Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADNS-7700-HMMY Arkusz danych(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Numer części ADNS-7700-HMMY
Szczegółowy opis  One chip USB LaserStream Mouse Sensors Single 5.0 volts power supply
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Strona internetowa  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNS-7700-HMMY Arkusz danych(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  ADNS-7700-HMMY Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ADNS-7700-HMMY Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ADNS-7700-HMMY Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ADNS-7700-HMMY Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ADNS-7700-HMMY Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ADNS-7700-HMMY Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ADNS-7700-HMMY Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ADNS-7700-HMMY Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ADNS-7700-HMMY Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
5
Figure 2. Package outline drawing
CAUTION: It is advised that normal static precautions be taken in handling and assembly
of this component to prevent damage and/or degradation which may be induced by ESD.
Section A-A
VCSEL
Sensor
Sensor
Reference Plane
1.65
0.065
NOTES: (Unless otherwise specified)
1. Dimensions in milimeter / inches.
2. Dimensional tolerance:
± 0.1mm.
3. Coplanarity of leads: 0.1mm.
4. Lead pitch tolerance:
± 0.15mm.
5. Non-cumulative pitch tolerance:
± 0.15mm.
6. Angular tolerance:
±
7. Maximum flash: 0.2mm.
8. Chamfer (25° x 2) on the taper side of the lead.
9. Brackets () indicate reference dimension.
10. Document Number: LSR_SOC_INT_22A_Pkg_001
4.26
0.168
Optical Center
VCSEL Center
(7.27)
0.286
4.60
0.181
(4.55)
0.179
22X 0.50
0.020
0.89
0.035
1.78
0.070
A
A
12.70
± 0.40 (At lead tip)
0.500
± 0.016
0.20
0.008
4.05
0.160
12.70
(At Shoulder)
0.500
0.50
0.020
2.45
0.096
Pin 1
Feature for
Illustration only
0.80
0.031
19.80
0.78
9.10
0.358
0.80
0.031


Podobny numer części - ADNS-7700-HMMY

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-7700-HMMY AVAGO-ADNS-7700-HMMY Datasheet
115Kb / 1P
   One Chip USB LaserStream??Sensor
logo
Broadcom Corporation.
ADNS-7700-HMMY BOARDCOM-ADNS-7700-HMMY Datasheet
83Kb / 1P
   One Chip USB LaserStream??Sensor
More results

Podobny opis - ADNS-7700-HMMY

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Broadcom Corporation.
ADNK-7700 BOARDCOM-ADNK-7700 Datasheet
83Kb / 1P
   One Chip USB LaserStream??Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-7700 AVAGO-ADNK-7700 Datasheet
115Kb / 1P
   One Chip USB LaserStream??Sensor
ADNS-2700 AVAGO-ADNS-2700 Datasheet
271Kb / 39P
   Single Chip USB Optical Mouse Sensor One chip USB mouse sensor
logo
Pixart Imaging Inc.
PAW3502 PIXART-PAW3502 Datasheet
477Kb / 10P
   USB OPTICAL MOUSE SINGLE CHIP
PAW3515DB PIXART-PAW3515DB Datasheet
69Kb / 4P
   USB OPTICAL MOUSE SINGLE CHIP
PAW3529DH-TXWA PIXART-PAW3529DH-TXWA Datasheet
821Kb / 23P
   USB OPTICAL MOUSE SINGLE CHIP
PAW3509DH PIXART-PAW3509DH Datasheet
125Kb / 5P
   USB OPTICAL MOUSE SINGLE CHIP
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-7630-TR AVAGO-ADNS-7630-TR Datasheet
658Kb / 48P
   One-Chip Bluetooth SoC LaserStream Navigation Sensor
logo
Pixart Imaging Inc.
PAW3501UI PIXART-PAW3501UI Datasheet
226Kb / 14P
   USB OPTICAL MOUSE SENSOR SINGLE CHIP
logo
Broadcom Corporation.
ADNS-7630 BOARDCOM-ADNS-7630 Datasheet
658Kb / 48P
   One-Chip Bluetooth짰 SoC LaserStream??Navigation Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com