Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HCPL-7710 Arkusz danych(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Numer części HCPL-7710
Szczegółowy opis  40 ns Propagation Delay, CMOS Optocoupler 8 ns maximum pulse width distortion
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Strona internetowa  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-7710 Arkusz danych(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-7710 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-7710 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-7710 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-7710 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-7710 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-7710 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-7710 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-7710 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-7710 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
Application Information
Bypassing and PC Board Layout
The HCPL-x710 optocouplers are extremely easy to
use. No external interface circuitry is required because
the HCPL-x710 use high-speed CMOS IC technology
allowing CMOS logic to be connected directly to the
inputs and outputs.
As shown in Figure 12, the only external components
required for proper operation are two bypass capacitors.
Capacitor values should be between 0.01 µF and 0.1 µF.
For each capacitor, the total lead length between both
ends of the capacitor and the power-supply pins should
not exceed 20 mm. Figure 13 illustrates the recommend-
ed printed circuit board layout for the HPCL-x710.
Figure 12. Recommended Printed Circuit Board layout.
Figure 13. Recommended Printed Circuit Board layout.
Propagation Delay, Pulse-Width Distortion and Propagation Delay
Skew
Propagation Delay is a figure of merit that describes
how quickly a logic signal propagates through a
system. The propagation delay from low to high (tPLH)
is the amount of time required for an input signal to
propagate to the output, causing the output to change
from low to high. Similarly, the propagation delay from
high to low (tPHL) is the amount of time required for the
input signal to propagate to the output, causing the
output to change from high to low. See Figure 14.
Figure 14.
INPUT
tPLH
tPHL
OUTPUT
VI
VO
10%
90%
90%
10%
VOH
VOL
0 V
50%
5 V CMOS
2.5 V CMOS
HCPL-0710 fig 13
VDD2
HCPL-0710 fig 12
C1
C2
VO
GND2
VDD1
VI
GND1
C1, C2 = 0.01 µF TO 0.1 µF
7
5
6
8
2
3
4
1
GND2
C1
C2
NC
VDD2
NC
VO
VDD1
VI
HCPL-0710 fig 11
C1, C2 = 0.01 µF TO 0.1 µF
GND1


Podobny numer części - HCPL-7710

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
HCPL-7710 HP-HCPL-7710 Datasheet
454Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
Broadcom Corporation.
HCPL-7710 BOARDCOM-HCPL-7710 Datasheet
101Kb / 2P
   Optocoupler Option 020 for 5000 V rms/1 Minute Requirement
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7710-000E AVAGO-HCPL-7710-000E Datasheet
305Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
HCPL-7710-020E AVAGO-HCPL-7710-020E Datasheet
305Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
HCPL-7710-060E AVAGO-HCPL-7710-060E Datasheet
305Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
More results

Podobny opis - HCPL-7710

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7721-520 AVAGO-HCPL-7721-520 Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
Broadcom Corporation.
HCPL-0720 BOARDCOM-HCPL-0720 Datasheet
903Kb / 21P
   40-ns Propagation Delay, CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0720-500E AVAGO-HCPL-0720-500E Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-7710 HP-HCPL-7710 Datasheet
454Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7710-000E AVAGO-HCPL-7710-000E Datasheet
305Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-7720 HP-HCPL-7720 Datasheet
305Kb / 18P
   40 ns Propagation Delay CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7721-000E AVAGO-HCPL-7721-000E Datasheet
306Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
HCPL-7720 AVAGO-HCPL-7720 Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
ACPL-P343 AVAGO-ACPL-P343 Datasheet
283Kb / 20P
   200 ns maximum propagation delay
HCPL-0720 AVAGO-HCPL-0720 Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler High speed: 25 MBd
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com