Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HCPL-7710 Arkusz danych(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Numer części HCPL-7710
Szczegółowy opis  40 ns Propagation Delay, CMOS Optocoupler 8 ns maximum pulse width distortion
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Strona internetowa  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-7710 Arkusz danych(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-7710 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-7710 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-7710 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-7710 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-7710 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-7710 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-7710 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-7710 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-7710 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
IEC/EN/DIN EN 60747-5-5 Insulation Related Characteristics* (Option 060)
Characteristic
Description
Symbol
HCPL-7710
HCPL-0710
Units
Installation classification per DIN VDE 0110, Table 1
for rated mains voltage ≤ 150 Vrms
I-IV
I-IV
for rated mains voltage ≤ 300 Vrms
I-IV
I-III
for rated mains voltage ≤ 600 Vrms
I-IV
I-III
Climatic Classification
55/85/21
55/85/21
Pollution Degree (DIN VDE 0110/39)
2
2
Maximum Working Insulation Voltage
VIORM
630
567
Vpeak
Input-to-Output Test Voltage, Method b*
VPR
1181
1063
Vpeak
VIORM x 1.875 = VPR, 100% Production Test with
tm = 1 sec, Partial Discharge < 5 pC
Input-to-Output Test Voltage, Method a*
VPR
1008
907
Vpeak
VIORM x 1.6 = VPR, Type and Sample Test,
tm = 10 sec, Partial Discharge < 5 pC
Highest Allowable Overvoltage
VIOTM
8000
6000
Vpeak
(Transient Overvoltage, tini = 60 sec)
Safety Limiting Values - maximum values allowed
in the event of a failure
Case Temperature
TS
175
150
°C
Input Current
IS,INPUT
230
150
mA
Output Power
PS,OUTPUT
600
600
mW
Insulation Resistance at TS, V10 = 500 V
RIO
≥109
≥109
Ω
* Refer to the front of the optocoupler section of the Isolation and Control Component Designer’s Catalog, under Product Safety Regulations sec-
tion IEC/EN/DIN EN 60747-5-5, for a detailed description of Method a and Method b partial discharge test profiles.
Note: These optocouplers are suitable for “safe electrical isolation” only within the safety limit data. Maintenance of the safety data shall be
ensured by means of protective circuits.
Note: The surface mount classification is Class A in accordance with CECC 00802.
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Storage Temperature
TS
–55
125
°C
Ambient Operating Temperature
TA
–40
+100
°C
Supply Voltages
VDD1, VDD2
0
6.0
Volts
Input Voltage
VI
–0.5
VDD1 +0.5
Volts
Output Voltage
VO
–0.5
VDD2 +0.5
Volts
Input Current
II
–10
+10
mA
Average Output Current
IO
10
mA
Lead Solder Temperature
260°C for 10 sec., 1.6 mm below seating plane
Solder Reflow Temperature Profile
See Solder Reflow Temperature Profile Section
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Ambient Operating Temperature
TA
–40
+100
°C
Supply Voltages
VDD1, VDD2
4.5
5.5
V
Logic High Input Voltage
VIH
2.0
VDD1
V
Logic Low Input Voltage
VIL
0.0
0.8
V
Input Signal Rise and Fall Times
tr, tf
1.0
ms


Podobny numer części - HCPL-7710

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
HCPL-7710 HP-HCPL-7710 Datasheet
454Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
Broadcom Corporation.
HCPL-7710 BOARDCOM-HCPL-7710 Datasheet
101Kb / 2P
   Optocoupler Option 020 for 5000 V rms/1 Minute Requirement
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7710-000E AVAGO-HCPL-7710-000E Datasheet
305Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
HCPL-7710-020E AVAGO-HCPL-7710-020E Datasheet
305Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
HCPL-7710-060E AVAGO-HCPL-7710-060E Datasheet
305Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
More results

Podobny opis - HCPL-7710

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7721-520 AVAGO-HCPL-7721-520 Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
Broadcom Corporation.
HCPL-0720 BOARDCOM-HCPL-0720 Datasheet
903Kb / 21P
   40-ns Propagation Delay, CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0720-500E AVAGO-HCPL-0720-500E Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-7710 HP-HCPL-7710 Datasheet
454Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7710-000E AVAGO-HCPL-7710-000E Datasheet
305Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-7720 HP-HCPL-7720 Datasheet
305Kb / 18P
   40 ns Propagation Delay CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7721-000E AVAGO-HCPL-7721-000E Datasheet
306Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
HCPL-7720 AVAGO-HCPL-7720 Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
ACPL-P343 AVAGO-ACPL-P343 Datasheet
283Kb / 20P
   200 ns maximum propagation delay
HCPL-0720 AVAGO-HCPL-0720 Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler High speed: 25 MBd
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com