Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HCPL-4502 Arkusz danych(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Numer części HCPL-4502
Szczegółowy opis  Single Channel, High Speed Optocouplers TTL compatible
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Strona internetowa  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-4502 Arkusz danych(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-4502 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-4502 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-4502 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-4502 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-4502 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-4502 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-4502 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-4502 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-4502 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
IEC/EN/DIN EN 60747-5-5 Insulation Related Characteristics (HCNW4502/3 ONLY)
Description
Symbol
Characteristic
Units
Installation classification per DIN VDE 0110/39, Table 1
for rated mains voltage ≤600 V rms
I-IV
for rated mains voltage ≤1000 V rms
I-III
Climatic Classification
55/85/21
Pollution Degree (DIN VDE 0110/39)
2
Maximum Working Insulation Voltage
V
IORM
1414
V
peak
Input to Output Test Voltage, Method b*
V
IORM x 1.875 = VPR, 100% Production Test with tm = 1 sec,
V
PR
2652
V
peak
Partial Discharge < 5 pC
Input to Output Test Voltage, Method a*
V
IORM x 1.6 = VPR, Type and sample test,
V
PR
2262
V
peak
t
m = 10 sec, Partial Discharge < 5 pC
Highest Allowable Overvoltage*
(Transient Overvoltage, t
ini = 60 sec)
V
IOTM
8000
V
peak
Safety Limiting Values
(Maximum values allowed in the event of a failure,
also see Figure 9, Thermal Derating curve.)
Case Temperature
T
S
150
°C
Input Current
I
S,INPUT
400
mA
Output Power
P
S,OUTPUT
700
mW
Insulation Resistance at T
S, VIO = 500 V
R
S
≥ 109
Ω
*Refer to the front of the optocoupler section of the current catalog, under Product Safety Regulations section IEC/EN/DIN EN 60747-5-5, for a
detailed description.
Note: Isolation characteristics are guaranteed only within the safety maximum ratings which must be ensured by protective circuits in application.
IEC/EN/DIN EN 60747-5-5 Insulation Related Characteristics (OPTION 060 ONLY)
Characteristic
Description
Symbol
HCPL-4502/4503
HCPL-0452/0453
Units
Installation classification per DIN VDE 0110/39, Table 1
for rated mains voltage ≤ 300 V
rms
I-IV
I-IV
for rated mains voltage ≤ 600 V
rms
I-IV
I-I I I
Climatic Classification
55/100/21
55/100/21
Pollution Degree (DIN VDE 0110/39)
2
2
Maximum Working Insulation Voltage
V
IORM
630
560
V
peak
Input to Output Test Voltage, Method b*
V
IORM x 1.875 = VPR, 100% Production Test with tm = 1 sec,
V
PR
1181
1050
V
peak
Partial Discharge < 5 pC
Input to Output Test Voltage, Method a*
V
IORM x 1.6 = VPR, Type and sample test,
V
PR
1008
896
V
peak
t
m = 10 sec, Partial Discharge < 5 pC
Highest Allowable Overvoltage*
(Transient Overvoltage, t
ini = 60 sec)
V
IOTM
8000
6000
V
peak
Safety Limiting Values
(Maximum values allowed in the event of a failure,
also see Figure 9, Thermal Derating curve.)
Case Temperature
T
S
175
175
°C
Input Current
I
S,INPUT
230
150
mA
Output Power
P
S,OUTPUT
600
600
mW
Insulation Resistance at T
S, VIO = 500 V
R
S
≥109
≥109
Ω


Podobny numer części - HCPL-4502

ProducentNumer częściArkusz danychSzczegółowy opis
logo
QT Optoelectronics
HCPL-4502 QT-HCPL-4502 Datasheet
169Kb / 9P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL-4502 FAIRCHILD-HCPL-4502 Datasheet
606Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
HCPL-4502 HP-HCPL-4502 Datasheet
149Kb / 16P
   Single Channel, High Speed Optocouplers
logo
Fairchild Semiconductor
HCPL-4502 FAIRCHILD-HCPL-4502 Datasheet
577Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL-4502 FAIRCHILD-HCPL-4502 Datasheet
200Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
More results

Podobny opis - HCPL-4502

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
6N135 AVAGO-6N135 Datasheet
691Kb / 17P
   Single Channel, High Speed Optocouplers TTL compatible
HCPL-2631-500E AVAGO-HCPL-2631-500E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0611-500E AVAGO-HCPL-0611-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
6N137 AVAGO-6N137 Datasheet
241Kb / 22P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0600-000E AVAGO-HCPL-0600-000E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
logo
Broadcom Corporation.
6N137 BOARDCOM-6N137 Datasheet
1Mb / 30P
   High CMR, High Speed TTL Compatible Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-000E AVAGO-HCPL-2631-000E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0601-500E AVAGO-HCPL-0601-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0630-500E AVAGO-HCPL-0630-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0631-500E AVAGO-HCPL-0631-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com