Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HLMP-HM64-Y30XX Arkusz danych(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Numer części HLMP-HM64-Y30XX
Szczegółowy opis  Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Strona internetowa  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-HM64-Y30XX Arkusz danych(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-HM64-Y30XX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM64-Y30XX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM64-Y30XX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM64-Y30XX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM64-Y30XX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM64-Y30XX Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM64-Y30XX Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM64-Y30XX Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM64-Y30XX Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
Packaging Box for Ammo Packs
LABEL ON THIS
SIDE OF BOX
FROM LEFT SIDE OF BOX
ADHESIVE TAPE MUST BE
FACING UPWARDS.
ANODE LEAD LEAVES
THE BOX FIRST.
Note: For InGaN device, the ammo pack packaging box contain ESD logo
Packaging Label
(i) Avago Mother Label: (Available on packaging box of ammo pack and shipping box)
(1P) Item: Part Number
(1T) Lot: Lot Number
LPN:
(9D)MFG Date: Manufacturing Date
(P) Customer Item:
(V) Vendor ID:
DeptID:
Made In: Country of Origin
(Q) QTY: Quantity
CAT: Intensity Bin
BIN: Refer to below information
(9D) Date Code: Date Code
STANDARD LABEL LS0002
RoHS Compliant
e3
max temp 260C


Podobny numer części - HLMP-HM64-Y30XX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HM61 AVAGO-HLMP-HM61 Datasheet
272Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
HLMP-HM61-Y30ZZ AVAGO-HLMP-HM61-Y30ZZ Datasheet
272Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
HLMP-HM63 AVAGO-HLMP-HM63 Datasheet
449Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HM63-Y30XX AVAGO-HLMP-HM63-Y30XX Datasheet
449Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HM65 AVAGO-HLMP-HM65 Datasheet
884Kb / 14P
   Precision Optical Performance Red, Green, and Blue New 5mm Standard Oval LEDs
More results

Podobny opis - HLMP-HM64-Y30XX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HG63 AVAGO-HLMP-HG63 Datasheet
449Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG65 AVAGO-HLMP-HG65 Datasheet
884Kb / 14P
   Precision Optical Performance Red, Green, and Blue New 5mm Standard Oval LEDs
HLMP-AG64 AVAGO-HLMP-AG64 Datasheet
231Kb / 12P
   Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
logo
Broadcom Corporation.
HLMP-AG64 BOARDCOM-HLMP-AG64 Datasheet
231Kb / 12P
   Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HD61 AVAGO-HLMP-HD61 Datasheet
272Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
HLMP-LD63 AVAGO-HLMP-LD63 Datasheet
469Kb / 12P
   Precision Optical Performance Red, Green and Blue New 4mm Standard Oval LEDs
HLMP-LG65-VY0DD AVAGO-HLMP-LG65-VY0DD Datasheet
343Kb / 8P
   Precision Optical Performance Red New 4mm Standard Oval LEDs
HLMP-AD61 AVAGO-HLMP-AD61 Datasheet
204Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
logo
Agilent(Hewlett-Packard...
HLMP-AB87 HP-HLMP-AB87 Datasheet
78Kb / 8P
   5mm Mini Oval Precision Optical Performance Red, Blue and Green LEDs.
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AD85 AVAGO-HLMP-AD85 Datasheet
353Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com