Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74VHC123AMX Arkusz danych(PDF) 9 Page - Fairchild Semiconductor

Numer części 74VHC123AMX
Szczegółowy opis  Dual Retriggerable Monostable Multivibrator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC123AMX Arkusz danych(HTML) 9 Page - Fairchild Semiconductor

Back Button 74VHC123AMX Datasheet HTML 5Page - Fairchild Semiconductor 74VHC123AMX Datasheet HTML 6Page - Fairchild Semiconductor 74VHC123AMX Datasheet HTML 7Page - Fairchild Semiconductor 74VHC123AMX Datasheet HTML 8Page - Fairchild Semiconductor 74VHC123AMX Datasheet HTML 9Page - Fairchild Semiconductor 74VHC123AMX Datasheet HTML 10Page - Fairchild Semiconductor 74VHC123AMX Datasheet HTML 11Page - Fairchild Semiconductor 74VHC123AMX Datasheet HTML 12Page - Fairchild Semiconductor 74VHC123AMX Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
©1993 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VHC123A Rev. 1.2
9
AC Operating Requirement(6)
Note:
6. Refer to Timing Chart.
Symbol
Parameter
VCC (V)
Conditions
TA = 25°C
TA = –40°C
to +85°C
Units
Min.
Typ.
Max.
Min.
Max.
tW(L), tW(H) Minimum Trigger
Pulse Width
3.3
5.0
5.0
ns
5.0
5.0
5.0
tW(L)
Minimum Clear
Pulse Width
3.3
5.0
5.0
ns
5.0
5.0
5.0
tRR
Minimum Retrigger
Time
3.3 ± 0.3
Rx = 1kΩ,
CX = 100pF
60
ns
5.0 ± 0.5
39
3.3
Rx = 1kΩ,
CX = 0.01µF
1.5
µs
5.0
1.2


Podobny numer części - 74VHC123AMX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74VHC123AM FAIRCHILD-74VHC123AM Datasheet
107Kb / 9P
   Dual Retriggerable Monostable Multivibrator
74VHC123AM FAIRCHILD-74VHC123AM Datasheet
468Kb / 14P
   Dual Retriggerable Monostable Multivibrator
74VHC123AM FAIRCHILD-74VHC123AM Datasheet
469Kb / 14P
   Dual Retriggerable Monostable Multivibrator
logo
ON Semiconductor
74VHC123AM ONSEMI-74VHC123AM Datasheet
467Kb / 16P
   Dual Retriggerable Monostable Multivibrator
May 2007 Rev. 1.2
logo
Fairchild Semiconductor
74VHC123AMTC FAIRCHILD-74VHC123AMTC Datasheet
107Kb / 9P
   Dual Retriggerable Monostable Multivibrator
More results

Podobny opis - 74VHC123AMX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
M74HC123 STMICROELECTRONICS-M74HC123 Datasheet
503Kb / 12P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Toshiba Semiconductor
TC74HC423AP TOSHIBA-TC74HC423AP Datasheet
435Kb / 9P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC423A FAIRCHILD-MM74HC423A Datasheet
108Kb / 10P
   Dual Retriggerable Monostable Multivibrator
logo
Toshiba Semiconductor
TC74HC4538AP TOSHIBA-TC74HC4538AP Datasheet
477Kb / 10P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC123A FAIRCHILD-MM74HC123A_01 Datasheet
133Kb / 10P
   Dual Retriggerable Monostable Multivibrator
74VHC123A FAIRCHILD-74VHC123A_07 Datasheet
468Kb / 14P
   Dual Retriggerable Monostable Multivibrator
logo
Toshiba Semiconductor
TC74HC123AP TOSHIBA-TC74HC123AP_07 Datasheet
505Kb / 14P
   Dual Retriggerable Monostable Multivibrator
logo
National Semiconductor ...
MM54HC123A NSC-MM54HC123A Datasheet
198Kb / 6P
   Dual Retriggerable Monostable Multivibrator
logo
Microsemi Corporation
TSC347 MICROSEMI-TSC347 Datasheet
600Kb / 4P
   Dual Retriggerable Monostable Multivibrator
logo
ON Semiconductor
74VHC123A ONSEMI-74VHC123A Datasheet
467Kb / 16P
   Dual Retriggerable Monostable Multivibrator
May 2007 Rev. 1.2
logo
Fairchild Semiconductor
74VHC123ASJX FAIRCHILD-74VHC123ASJX Datasheet
469Kb / 14P
   Dual Retriggerable Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com