Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HLMP-BD06-L00XX Arkusz danych(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Numer części HLMP-BD06-L00XX
Szczegółowy opis  5mm mini Oval Precision Optical Performance AlInGaP Lamps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Strona internetowa  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-BD06-L00XX Arkusz danych(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-BD06-L00XX Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD06-L00XX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD06-L00XX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD06-L00XX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD06-L00XX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD06-L00XX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD06-L00XX Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD06-L00XX Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD06-L00XX Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Figure 1. Relative intensity vs. wavelength.
Figure 2a. Amber, red forward current vs.
forward voltage.
Figure 2b. Forward current vs. forward voltage
for option -xxTxx red, and option
-xxRxx and -xxSxx amber.
Figure 4. Amber, red maximum forward current
vs. ambient temperature.
Figure 3. Amber, red relative luminous intensity
vs. forward current.
0
70
60
40
20
VF – FORWARD VOLTAGE – V
1.0
3.0
AMBER
HLMP-ALXX fig 3
1.5
2.0
2.5
10
30
50
RED
0
40
20
FORWARD VOLTAGE – V
0
3.0
1.0
1.5
2.5
10
30
50
0.5
2.0
AMBER
RED
0
0
FORWARD CURRENT – mA
20
30
2.0
1.0
50
0.5
1.5
2.5
10
40
AMBER
RED
HLMP-ALXX fig 7
0
0
TA – AMBIENT TEMPERATURE – °C
40
80
50
40
30
20
10
20
60
100
R
θJA = 585° C/W
R
θJA = 780° C/W
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
500
550
600
650
700
WAVELENGTH - nm
RED
AMBER


Podobny numer części - HLMP-BD06-L00XX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-BD06-L00 AVAGO-HLMP-BD06-L00 Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
More results

Podobny opis - HLMP-BD06-L00XX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-BL06-QRKDD AVAGO-HLMP-BL06-QRKDD Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
logo
Agilent(Hewlett-Packard...
ALMP-ALXX HP-ALMP-ALXX Datasheet
92Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
HLMP-ABXX HP-HLMP-ABXX Datasheet
103Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
HLMP-EL24 HP-HLMP-EL24 Datasheet
99Kb / 12P
   T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
logo
Unity Opto Technology
MVL-63XXX UOT-MVL-63XXX Datasheet
151Kb / 16P
   OVAL PRECISION OPTICAL PERFORMANCE LED LAMPs
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX Datasheet
280Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-ED16-WZ0DD AVAGO-HLMP-ED16-WZ0DD Datasheet
342Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
HLMP-SL11 AVAGO-HLMP-SL11 Datasheet
205Kb / 7P
   4 mm Oval Precision Optical Performance Best Value AlInGaP and InGaN Lamps
HLMP-AD61 AVAGO-HLMP-AD61 Datasheet
204Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
logo
Agilent(Hewlett-Packard...
HLMP-AB87 HP-HLMP-AB87 Datasheet
78Kb / 8P
   5mm Mini Oval Precision Optical Performance Red, Blue and Green LEDs.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com