Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HLMP-BD06-P00XX Arkusz danych(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Numer części HLMP-BD06-P00XX
Szczegółowy opis  5mm mini Oval Precision Optical Performance AlInGaP Lamps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Strona internetowa  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-BD06-P00XX Arkusz danych(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-BD06-P00XX Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD06-P00XX Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD06-P00XX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD06-P00XX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD06-P00XX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD06-P00XX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD06-P00XX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD06-P00XX Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-BD06-P00XX Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Absolute Maximum Ratings at TA = 25˚C
Parameter
Red and Amber
DCForwardCurrent[1]
50mA
PeakPulsedForwardCurrent[2]
100mA
AverageForwardCurrent
30mA
ReverseVoltage(IR=100µA)
5V
PowerDissipation
120mW
LEDJunctionTemperature
130°C
OperatingTemperatureRange
–40°Cto+100°C
StorageTemperatureRange
–40°Cto+100°C
Notes:
1. Deratelinearlyasshowninfigure4.
2. DutyFactor30%,Frequency1kHz.
Electrical/Optical Characteristics at TA = 25°C
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
TypicalViewingAngle
Major
2
q1/2
70
deg
Minor
35
ForwardVoltage
VF
V
IF=20mA
Red(
ld=626nm)
2.0
2.4
Red(
ld=630nm)
Optionxx0xx
2.2
2.4
OptionxxTxx
2.3
2.6
Amber(
ld=590nm)
2.0
2.4
Amber(
ld=592nm)
Optionxx0xx
2.2
2.4
OptionxxRxx,xxSxx
2.3
2.6
ReverseVoltage
Amber,Red
VR
5
20
V
IR=100µA
PeakWavelength
PeakofWavelengthof
Amber(
ld=592nm)
lpeak
594
nm
SpectralDistribution
Red(
ld=630nm)
639
atIF=20mA
SpectralHalfwidth
WavelengthWidthat
Amber(
ld=592nm)
∆l1/2
17
nm
SpectralDistribution1/2
Red(
ld=630nm)
17
PowerPointatIF=20mA
Capacitance
VF=0,F=1MHz
Amber,Red
C
40
pF
LuminousEfficacy
EmittedLuminous
Amber(
ld=592nm)
hv
500
lm/W
Power/EmittedRadiant
Red(
ld=630nm)
155
PoweratIF=20mA
ThermalResistance
R
QJ-PIN
240
°C/W
LEDJunction-to-
CathodeLead
Notes:
1. 2
q1/2istheoff-axisanglewheretheluminousintensityis1/2theon-axisintensity.
2. Theradiantintensity,Ieinwattspersteradian,maybefoundfromtheequationIe=Iv/hvwhereIvistheluminousintensityincandelasandhvis
theluminousefficacyinlumens/watt.
3. Theluminousintensityismeasuredonthemechanicalaxisofthelamppackage.
4. Theopticalaxisiscloselyalignedwiththepackagemechanicalaxis.
5. Thedominantwavelength,
ld,isderivedfromtheCIEChromaticityDiagramandrepresentsthecolorofthelamp.
6. ForOptions-xxRxx,-xxSxxand-xxTxx,max.forwardvoltage(Vf)is2.6V.RefertoVfbintable.


Podobny numer części - HLMP-BD06-P00XX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-BD06-P00 AVAGO-HLMP-BD06-P00 Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
More results

Podobny opis - HLMP-BD06-P00XX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-BL06-QRKDD AVAGO-HLMP-BL06-QRKDD Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
logo
Agilent(Hewlett-Packard...
ALMP-ALXX HP-ALMP-ALXX Datasheet
92Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
HLMP-ABXX HP-HLMP-ABXX Datasheet
103Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
HLMP-EL24 HP-HLMP-EL24 Datasheet
99Kb / 12P
   T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
logo
Unity Opto Technology
MVL-63XXX UOT-MVL-63XXX Datasheet
151Kb / 16P
   OVAL PRECISION OPTICAL PERFORMANCE LED LAMPs
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX Datasheet
280Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-ED16-WZ0DD AVAGO-HLMP-ED16-WZ0DD Datasheet
342Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
HLMP-SL11 AVAGO-HLMP-SL11 Datasheet
205Kb / 7P
   4 mm Oval Precision Optical Performance Best Value AlInGaP and InGaN Lamps
HLMP-AD61 AVAGO-HLMP-AD61 Datasheet
204Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
logo
Agilent(Hewlett-Packard...
HLMP-AB87 HP-HLMP-AB87 Datasheet
78Kb / 8P
   5mm Mini Oval Precision Optical Performance Red, Blue and Green LEDs.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com