Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2841 Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części LM2841
Szczegółowy opis  LM2840/LM2841/LM2842/ LM2840-Q1/LM2841-Q1/LM2842-Q1 100/300/600 mA 42V Input Step-Down DC/DC Regulator in Thin SOT
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM2841 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button LM2841_13 Datasheet HTML 3Page - Texas Instruments LM2841_13 Datasheet HTML 4Page - Texas Instruments LM2841_13 Datasheet HTML 5Page - Texas Instruments LM2841_13 Datasheet HTML 6Page - Texas Instruments LM2841_13 Datasheet HTML 7Page - Texas Instruments LM2841_13 Datasheet HTML 8Page - Texas Instruments LM2841_13 Datasheet HTML 9Page - Texas Instruments LM2841_13 Datasheet HTML 10Page - Texas Instruments LM2841_13 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Max Duty
Cycle Limit
OSC
DC
LIMIT
SET
+
+
-
+
PWM
Comp
RESET
FET
Driver
BUCK
DRIVE
+
-
Error
Amp
FB
Bandgap
Soft
Start
Thermal
Shutdown
TSD
SHDN
Inductor
Current
Measurement
CB
SW
GND
UVLO
Comp
BG
UVLO
Voltage
Regulator
VIN
LM2841, LM2842
www.ti.com
SNVS540H – MARCH 2009 – REVISED APRIL 2013
BLOCK DIAGRAM
Figure 13. Block Diagram
OPERATION
PROTECTION
The LM2840/1/2 has dedicated protection circuitry running during normal operation to protect the IC. The thermal
shutdown circuitry turns off the power device when the die temperature reaches excessive levels. The UVLO
comparator protects the power device during supply power startup and shutdown to prevent operation at
voltages less than the minimum input voltage. A gate drive (CB) under-voltage lockout is included to ensure that
there is enough gate drive voltage to drive the MOSFET before the device tries to start switching. The
LM2840/1/2 also features a shutdown mode decreasing the supply current to approximately 16 µA.
CONTINUOUS CONDUCTION MODE
The LM2840/1/2 contains a current-mode, PWM buck regulator. A buck regulator steps the input voltage down to
a lower output voltage. In continuous conduction mode (when the inductor current never reaches zero at steady
state), the buck regulator operates in two cycles. The power switch is connected between VIN and SW. In the first
cycle of operation the transistor is closed and the diode is reverse biased. Energy is collected in the inductor and
the load current is supplied by COUT and the rising current through the inductor. During the second cycle the
transistor is open and the diode is forward biased due to the fact that the inductor current cannot instantaneously
change direction. The energy stored in the inductor is transferred to the load and output capacitor. The ratio of
these two cycles determines the output voltage. The output voltage is defined approximately as: D=VOUT/VIN and
D’ = (1-D) where D is the duty cycle of the switch. D and D' will be required for design calculations.
DESIGN PROCEDURE
This section presents guidelines for selecting external components.
SETTING THE OUTPUT VOLTAGE
The output voltage is set using the feedback pin and a resistor divider connected to the output as shown on the
front page schematic. The feedback pin voltage 0.765V, so the ratio of the feedback resistors sets the output
voltage according to the following equation: VOUT=0.765V(1+(R1/R2))
Typically R2 will be given as 100
Ω-10 kΩ for a starting value. To solve for R1 given R2 and VOUT use
R1=R2((VOUT/0.765V)-1).
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM2841 LM2842


Podobny numer części - LM2841_13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM2841 TI-LM2841_15 Datasheet
848Kb / 20P
[Old version datasheet]   Input Step-Down DC/DC Regulator in Thin SOT
More results

Podobny opis - LM2841_13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM2840 TI1-LM2840 Datasheet
271Kb / 15P
[Old version datasheet]   100/300/600 mA 42V Input Step-Down DC/DC Regulator in Thin SOT-23
logo
National Semiconductor ...
LM2841 NSC-LM2841 Datasheet
324Kb / 14P
   300 mA/600 mA up to 42V Input Step-Down DC/DC Regulator in Thin SOT-23
logo
Texas Instruments
LM3671 TI-LM3671_15 Datasheet
6Mb / 36P
[Old version datasheet]   LM3671/-Q1 2-MHz, 600-mA Step-Down DC-DC Converter6
LM2841 TI-LM2841_15 Datasheet
848Kb / 20P
[Old version datasheet]   Input Step-Down DC/DC Regulator in Thin SOT
AN-1876 TI-AN-1876 Datasheet
319Kb / 5P
[Old version datasheet]   The LM2841 is a PWM DC/DC buck (step-down) regulator.
AN-1908 TI-AN-1908 Datasheet
359Kb / 5P
[Old version datasheet]   The LM2842 is a PWM DC/DC buck (step-down) regulator.
LP8728C-Q1 TI1-LP8728C-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   LP8728C-Q1 Quad-Output Step-Down DC-DC Converter
LP8728B-Q1 TI1-LP8728B-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   LP8728B-Q1 Quad-Output Step-Down DC-DC Converter
LP8728-Q1 TI1-LP8728-Q1 Datasheet
571Kb / 18P
[Old version datasheet]   LP8728-Q1 Quad-Output Step-Down DC/DC Converter
LP8728D-Q1 TI1-LP8728D-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   LP8728D-Q1 Quad-Output Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com