Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UC2838N Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części UC2838N
Szczegółowy opis  MAGNETIC AMPLIFIER CONTROLLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

UC2838N Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button UC2838N Datasheet HTML 2Page - Texas Instruments UC2838N Datasheet HTML 3Page - Texas Instruments UC2838N Datasheet HTML 4Page - Texas Instruments UC2838N Datasheet HTML 5Page - Texas Instruments UC2838N Datasheet HTML 6Page - Texas Instruments UC2838N Datasheet HTML 7Page - Texas Instruments UC2838N Datasheet HTML 8Page - Texas Instruments UC2838N Datasheet HTML 9Page - Texas Instruments UC2838N Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
21-Mar-2013
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Op Temp (°C)
Top-Side Markings
(4)
Samples
UC2838AJ
NRND
CDIP
J
16
TBD
Call TI
Call TI
-40 to 85
UC2838AN
OBSOLETE
PDIP
N
16
TBD
Call TI
Call TI
-40 to 85
UC2838AN
UC2838ANG4
OBSOLETE
PDIP
N
16
TBD
Call TI
Call TI
-40 to 85
UC2838AQ
NRND
PLCC
FN
20
TBD
Call TI
Call TI
-40 to 85
UC2838AQTR
OBSOLETE
PLCC
FN
20
TBD
Call TI
Call TI
-40 to 85
UC3838ADW
OBSOLETE
SOIC
DW
16
TBD
Call TI
Call TI
0 to 70
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) Only one of markings shown within the brackets will appear on the physical device.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.


Podobny numer części - UC2838N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UC2838 TI1-UC2838 Datasheet
424Kb / 12P
[Old version datasheet]   MAGNETIC AMPLIFIER CONTROLLER
UC2838A TI-UC2838A Datasheet
270Kb / 5P
[Old version datasheet]   Magnetic Amplifier Controller
UC2838A TI1-UC2838A Datasheet
424Kb / 12P
[Old version datasheet]   MAGNETIC AMPLIFIER CONTROLLER
UC2838AJ TI1-UC2838AJ Datasheet
424Kb / 12P
[Old version datasheet]   MAGNETIC AMPLIFIER CONTROLLER
UC2838AN TI1-UC2838AN Datasheet
424Kb / 12P
[Old version datasheet]   MAGNETIC AMPLIFIER CONTROLLER
More results

Podobny opis - UC2838N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UC2838 TI1-UC2838 Datasheet
424Kb / 12P
[Old version datasheet]   MAGNETIC AMPLIFIER CONTROLLER
UC1838A TI-UC1838A Datasheet
270Kb / 5P
[Old version datasheet]   Magnetic Amplifier Controller
logo
STMicroelectronics
AN904 STMICROELECTRONICS-AN904 Datasheet
39Kb / 3P
   MAGNETIC AMPLIFIER WITH LPR30 CONTROLLER
December 1997
logo
Advanced Micro Devices
AM95C95 AMD-AM95C95 Datasheet
295Kb / 6P
   Magnetic Disk Controller
logo
STMicroelectronics
L484 STMICROELECTRONICS-L484 Datasheet
442Kb / 11P
   MAGNETIC PICKUP IGNITION CONTROLLER
logo
Sanyou Corporation Limi...
SY33L SANYOU-SY33L Datasheet
515Kb / 3P
   Magnetic Magnetic
logo
Cirrus Logic
CS44800 CIRRUS-CS44800_06 Datasheet
1Mb / 80P
   8-Channel Digital Amplifier Controller
CS44600 CIRRUS-CS44600_06 Datasheet
1Mb / 76P
   6-Channel Digital Amplifier Controller
CS44600 CIRRUS-CS44600 Datasheet
744Kb / 78P
   6-Channel Digital Amplifier Controller
logo
NXP Semiconductors
TDA8929T PHILIPS-TDA8929T Datasheet
479Kb / 36P
   Controller class-D audio amplifier
2001 Dec 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com