Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FM25C640UV Arkusz danych(PDF) 9 Page - Fairchild Semiconductor

Numer części FM25C640UV
Szczegółowy opis  64K-Bit SPI??Interface Serial CMOS EEPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM25C640UV Arkusz danych(HTML) 9 Page - Fairchild Semiconductor

Back Button FM25C640UV Datasheet HTML 3Page - Fairchild Semiconductor FM25C640UV Datasheet HTML 4Page - Fairchild Semiconductor FM25C640UV Datasheet HTML 5Page - Fairchild Semiconductor FM25C640UV Datasheet HTML 6Page - Fairchild Semiconductor FM25C640UV Datasheet HTML 7Page - Fairchild Semiconductor FM25C640UV Datasheet HTML 8Page - Fairchild Semiconductor FM25C640UV Datasheet HTML 9Page - Fairchild Semiconductor FM25C640UV Datasheet HTML 10Page - Fairchild Semiconductor FM25C640UV Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
www.fairchildsemi.com
FM25C640U Rev. B
The FM25C640U is also capable of a 32 byte PAGE WRITE
operation. Page write is performed similar to byte write operation
described above. During a Page write operation, after the first byte
of data, additional bytes (up to 31 bytes) can be input, before
bringing the /CS pin high to start the programming. After receipt of
each byte of data, the EEPROM internally increments the four low
order address bits (A4-A0) by one. The high order address bits
(A12-A5) will remain constant. If the master should transmit more
than 32 bytes of data, the address counter (A4-A0) will “roll over”
and the previously loaded data will be reloaded. See
Figure 11.
FIGURE 11. Page Write
CS
SI
SO
Write
Opcode
High Addr
Byte
Low Addr
Byte
Data
(1)
Data
(2)
Data
(32)
High Z
/CS
SI
SO
WRSR
Op-Code
SR Data
xxxxBP1BP0xx
FIGURE 12. Write Status Register
BP0
SCK
SI
SO
/CS
/CS
SI
SO
INVALID CODE
At the completion of a write cycle the EEPROM is automatically
returned to the write disabled state. Note that if the EEPROM is not
write enabled (WEN=0) before issuing the WRITE instruction, the
EEPROM will ignore the WRITE instruction and return to the
standby state when /CS is brought high.
WRITE STATUS REGISTER (WRSR):
The Write Status Register (WRSR) instruction provides write
access to the status register. This instruction is used to set Block
Write protection to a portion of the array as defined under Table
4. During a WRSR instruction only Bit3 (BP1) and Bit2 (BP0) can
be written with valid information while other bits are ignored.
Following is the format of WRSR data:
Status Register Write Data
Bit
Bit
Bit
Bit
Bit
Bit
Bit
Bit
7
6
54
32
1
0
X
X
X
X
BP1
BP0
X
X
X = Don’t Care
Note that the first four bits are don’t care bits followed by BP1 and
BP0 and two more don’t care bits.
WRSR instruction is enabled only when /WP pin is held high and
the EEPROM is write enabled previously (via WREN instruction).
WRSR command requires the following sequence. The /CS pin is
pulled low to select the EEPROM and then the WRSR opcode is
transmitted on the SI pin followed by the data to be programmed.
See
Figure 12.
Programming will start after the /CS pin is forced back to a high
level. As in the WRITE instruction the LOW to HIGH transition of
the /CS pin must occur during the SCK low time immediately after
clocking in the last don’t care bit. See
Figure 13.
FIGURE 13. Start WRSR Condition
At the completion of this instruction the EEPROM is automatically
returned to write disabled state.
INVALID OPCODE
If an invalid code is received, then no data is shifted into the
EEPROM, and the SO data output pin remains high impedance
state until a new /CS falling edge reinitializes the serial communi-
cation. See
Figure 14.
FIGURE 14. Invalid Op-Code


Podobny numer części - FM25C640UV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FM25C020 FAIRCHILD-FM25C020 Datasheet
105Kb / 11P
   2K-Bit SPI??Interface Serial CMOS EEPROM
FM25C020U FAIRCHILD-FM25C020U Datasheet
105Kb / 11P
   2K-Bit SPI??Interface Serial CMOS EEPROM
FM25C020UE FAIRCHILD-FM25C020UE Datasheet
105Kb / 11P
   2K-Bit SPI??Interface Serial CMOS EEPROM
FM25C020UV FAIRCHILD-FM25C020UV Datasheet
105Kb / 11P
   2K-Bit SPI??Interface Serial CMOS EEPROM
FM25C040 FAIRCHILD-FM25C040 Datasheet
105Kb / 11P
   4K-Bit SPI??Interface Serial CMOS EEPROM
More results

Podobny opis - FM25C640UV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Catalyst Semiconductor
CAT25C64 CATALYST-CAT25C64_06 Datasheet
413Kb / 16P
   64K-Bit SPI Serial CMOS EEPROM
logo
Fairchild Semiconductor
NM25C640 FAIRCHILD-NM25C640 Datasheet
93Kb / 10P
   64K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
logo
Catalyst Semiconductor
CAT25C32 CATALYST-CAT25C32_04 Datasheet
76Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C33 CATALYST-CAT25C33_05 Datasheet
315Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C65 CATALYST-CAT25C65 Datasheet
90Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
logo
Fairchild Semiconductor
FM25C020U FAIRCHILD-FM25C020U Datasheet
105Kb / 11P
   2K-Bit SPI??Interface Serial CMOS EEPROM
FM25C040U FAIRCHILD-FM25C040U Datasheet
105Kb / 11P
   4K-Bit SPI??Interface Serial CMOS EEPROM
FM25C160U FAIRCHILD-FM25C160U Datasheet
102Kb / 11P
   16K-Bit SPI??Interface Serial CMOS EEPROM
FM25C041U FAIRCHILD-FM25C041U Datasheet
103Kb / 11P
   4K-Bit SPI??Interface Serial CMOS EEPROM
logo
Catalyst Semiconductor
CAT24FC64 CATALYST-CAT24FC64 Datasheet
407Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com