Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FM3580 Arkusz danych(PDF) 8 Page - Fairchild Semiconductor

Numer części FM3580
Szczegółowy opis  5-Bit VID Controller with PC Security Element
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM3580 Arkusz danych(HTML) 8 Page - Fairchild Semiconductor

Back Button FM3580 Datasheet HTML 3Page - Fairchild Semiconductor FM3580 Datasheet HTML 4Page - Fairchild Semiconductor FM3580 Datasheet HTML 5Page - Fairchild Semiconductor FM3580 Datasheet HTML 6Page - Fairchild Semiconductor FM3580 Datasheet HTML 7Page - Fairchild Semiconductor FM3580 Datasheet HTML 8Page - Fairchild Semiconductor FM3580 Datasheet HTML 9Page - Fairchild Semiconductor FM3580 Datasheet HTML 10Page - Fairchild Semiconductor FM3580 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
www.fairchildsemi.com
FM3580 Rev. A.5
Y[0:4]
Non_Mux_Out
I[0:4]
I[0:4]
Mux_Sel
/Override
/Override
Level
Mux_Sel
Level
MXSB MXSA
I4
I3
I2
I1
I0
BIT 7
BIT 0
MXSB MXSA
I4
NMO
I3
I2
I1
I0
BIT 7
BIT 0
SOPR-A
µ
SOPR-B
5
5
2
NMO
Output
Control
Output
Control
&
Latch
Note: Bit7 and Bit 6 are common to both the SOPR-A and SOPR-B registers
Multiplexer Block Diagram
Table 1. Multiplexer Path Control
/Override
Mux_Sel
MXSB
MXSA
Y-Port Outputs
Non_Mux_Out
Signal
Signal
Bit
Bit
Y[4:0]
Signal
0
0
X
X
Logic “0”
Logic “0”
X
1
X
X
I-Port Inputs
Latched Non_Mux_Out
I[4:0]
(see Note)
1000
Data from SOPR-A register
Data from SOPR-A register
0
1
Data from SOPR-B register
Data from SOPR-B register
1
0
I-Port Inputs
Latched Non_Mux_Out
I[4:0]
(see Note)
1
1
Reserved (Do Not Use)
Reserved (Do Not Use)
Note: Latched Non_Mux_Out is the data that was present at NMO multiplexer input during the rising edge of Mux_sel signal.


Podobny numer części - FM3580

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rectron Semiconductor
FM350 RECTRON-FM350 Datasheet
25Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE RANGE 20 to 100 Volts CURRENT 3.0 Amperes)
logo
Formosa MS
FM350 FORMOSA-FM350 Datasheet
70Kb / 2P
   Silicon epitaxial planer type
logo
SHENZHEN YONGERJIA INDU...
FM350 WINNERJOIN-FM350 Datasheet
87Kb / 2P
   Chip Schottky Barrier Diodes
logo
Formosa MS
FM350-A FORMOSA-FM350-A Datasheet
69Kb / 2P
   Silicon epitaxial planer type
FM350-AL FORMOSA-FM350-AL Datasheet
71Kb / 2P
   Chip Schottky Barrier Diodes - Silicon epitaxial planer type
More results

Podobny opis - FM3580

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
L6919E STMICROELECTRONICS-L6919E Datasheet
606Kb / 33P
   5 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
L6919C STMICROELECTRONICS-L6919C Datasheet
558Kb / 32P
   5 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
logo
Linear Technology
LTC1703 LINER-LTC1703 Datasheet
343Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
LTC1703IG LINER-LTC1703IG Datasheet
345Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
LTC1873 LINER-LTC1873 Datasheet
308Kb / 32P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
LTC1873 LINER-LTC1873_15 Datasheet
323Kb / 32P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
LTC1703 LINER-LTC1703_15 Datasheet
390Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
logo
ON Semiconductor
NCP5269B ONSEMI-NCP5269B Datasheet
253Kb / 12P
   Synchronous Buck Controller with 2-Bit VID Inputs
September, 2020 ??Rev. 0
logo
Infineon Technologies A...
SLE88CF4000P INFINEON-SLE88CF4000P Datasheet
129Kb / 9P
   32-Bit Security Controller
12.2009
logo
Linear Technology
LTC1705 LINER-LTC1705 Datasheet
310Kb / 28P
   Dual 550kHz Synchronous Switching Regulator Controller with 5-Bit VID and 150mA LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com