Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADUM5211 Arkusz danych(PDF) 4 Page - Analog Devices

Numer części ADUM5211
Szczegółowy opis  Evaluation Board User Guide
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADUM5211 Arkusz danych(HTML) 4 Page - Analog Devices

  ADUM5211 Datasheet HTML 1Page - Analog Devices ADUM5211 Datasheet HTML 2Page - Analog Devices ADUM5211 Datasheet HTML 3Page - Analog Devices ADUM5211 Datasheet HTML 4Page - Analog Devices ADUM5211 Datasheet HTML 5Page - Analog Devices ADUM5211 Datasheet HTML 6Page - Analog Devices ADUM5211 Datasheet HTML 7Page - Analog Devices ADUM5211 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
UG-486
Evaluation Board User Guide
Rev. 0 | Page 4 of 8
DATA I/O
There are two data I/O pins on each side of the board. For
example, examining Channel A on Side 1, Figure 3 shows the
following structures, starting from each I/O connector:
A position for a pull-down resistor or termination to be
installed in R2A and R4A.
A 0 Ω resistor at R6A connects the trace to the SMA
connector and termination. This allows extra trace length
and components to be removed when capacitance must
be controlled.
Two positions for connection of the trace to VDDP or GND.
R8A and C1A are available for a pull-up or pull-down
resistor or for a capacitive load when the I/O is an output.
There is the P1A test point, with a 200mil pitch. This is for
hard wiring inputs or installing a Tektronix active probe
header.
Position R10A allows interconnection of Channel A and
Channel B. Inputs on the same side can share a single off
board connection, or an output signal can be wrapped back
to an input.
The same set of structures is present on each channel, allowing
a wide range of tests to be conducted with minimum config-
uration.
EMI MITIGATION
The PCB implements EMI mitigation techniques discussed
in the AN-0971 Application Note to demonstrate the recom-
mended board layout options for this device. These techniques
include stitching capacitance and edge guarding.
Stitching Capacitance
Capacitance between the primary and secondary power
and ground planes is the most effective way to reduce high
frequency emissions from an isoPower device. Figure 2
shows how the inner layers of a PCB can create this stitching
capacitance by overlapping inner layer metal to create an
extremely low inductance capacitance. The green area
shows the active coupling area.
Edge Guarding
Providing guard rings laced together with vias on each layer of
the primary side reduces edge emissions from the PCB stack-up.
This addresses emissions due to differential currents flowing in
the ground planes from reaching the edge of the PCB where
they could radiate. Figure 4 shows the top layer guard ring and
the bottom layer ground fill as well as the regularly spaced vias
in the guard ring that creates a cage type structure to reflect
inter-plane emissions back into the PCB. Figure 5 shows the
top layer power fill along with its vias to the Layer 3 power
plane. This top layer power fill adds distributed capacitance
as well as shielding for the layer below.
HIGH VOLTAGE TESTING
This PCB is designed in line with 2500 V basic insulation
practices. High voltage testing beyond 2500 V is not recom-
mended. Appropriate care must be taken when using this
evaluation board at high voltages, and it should not be relied
on for safety functions because it has not been hi-pot tested
or certified for safety.


Podobny numer części - ADUM5211

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADuM5211 AD-ADuM5211 Datasheet
555Kb / 24P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
REV. 0
ADUM5211 AD-ADUM5211 Datasheet
527Kb / 23P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
Rev. D
ADuM5211ARSZ AD-ADuM5211ARSZ Datasheet
555Kb / 24P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
REV. 0
ADUM5211ARSZ AD-ADUM5211ARSZ Datasheet
527Kb / 23P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
Rev. D
ADuM5211ARSZ-RL7 AD-ADuM5211ARSZ-RL7 Datasheet
555Kb / 24P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
REV. 0
More results

Podobny opis - ADUM5211

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
UG-1121 AD-UG-1121 Datasheet
196Kb / 7P
   Evaluation Board User Guide
Rev. 0
UG-287 AD-UG-287 Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
UG-128 AD-UG-128 Datasheet
225Kb / 8P
   Evaluation Board User Guide
REV. B
UG-272 AD-UG-272 Datasheet
558Kb / 12P
   Evaluation Board User Guide
REV. A
UG-317 AD-UG-317 Datasheet
568Kb / 12P
   Evaluation Board User Guide
REV. 0
logo
International Rectifier
IRDC3138EVAL IRF-IRDC3138EVAL Datasheet
541Kb / 6P
   EVALUATION BOARD USER GUIDE
IRDC3046 IRF-IRDC3046 Datasheet
164Kb / 7P
   IRU3046 EVALUATION BOARD USER GUIDE
IRDC3146EVAL IRF-IRDC3146EVAL Datasheet
1Mb / 15P
   IRU3146 EVALUATION BOARD USER GUIDE
logo
Intersil Corporation
ISL282X7SOICEVAL2Z INTERSIL-ISL282X7SOICEVAL2Z Datasheet
252Kb / 4P
   Evaluation Board User?셲 Guide
ISL281X7MSOPEVAL1Z INTERSIL-ISL281X7MSOPEVAL1Z Datasheet
254Kb / 4P
   Evaluation Board User?셲 Guide
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com