Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N4148W-GS08 Arkusz danych(PDF) 3 Page - Vishay Siliconix

Numer części 1N4148W-GS08
Szczegółowy opis  Small Signal Fast Switching Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N4148W-GS08 Arkusz danych(HTML) 3 Page - Vishay Siliconix

  1N4148W-GS08 Datasheet HTML 1Page - Vishay Siliconix 1N4148W-GS08 Datasheet HTML 2Page - Vishay Siliconix 1N4148W-GS08 Datasheet HTML 3Page - Vishay Siliconix 1N4148W-GS08 Datasheet HTML 4Page - Vishay Siliconix 1N4148W-GS08 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1N4148W-V
www.vishay.com
Vishay Semiconductors
Rev. 1.5, 27-Jul-12
3
Document Number: 85748
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Admissible Power Dissipation vs. Ambient Temperature
Fig. 4 - Relative Capacitance vs. Reverse Voltage
Fig. 5 - Leakage Current vs. Junction Temperature
Fig. 6 - Admissible Repetitive Peak Forward Current vs. Pulse Duration
0
50
100
150
200
250
300
350
400
450
500
0
50
100
150
T
amb - Ambient Temperature (°C)
20809
17440
VR (V)
0.7
0.8
0.9
1.0
1.1
f = 1 MHz
T
j = 25 °C
2
08
6
410
17441
Tj (°C)
10
102
103
104
100
200
2
5
2
5
2
5
2
5
V
R = 20 V
1
0
17442
t
P (s)
100
1
3
5
10-5
10-4
10-3
10
10-1
10-2
25
2
5
25
2
5
25
25
2
4
10
3
5
2
4
1
3
5
2
4
0.1
I
I
FRM
T
n = t
P/T
T = 1/f
P
t
t
P
n = 0
0.1
0.2
0.5


Podobny numer części - 1N4148W-GS08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
1N4148W-G TSC-1N4148W-G Datasheet
191Kb / 3P
   High Speed SMD Switching Diode
1N4148W-G TSC-1N4148W-G Datasheet
191Kb / 4P
   High Speed SMD Switching Diode
logo
Vishay Siliconix
1N4148W-G VISHAY-1N4148W-G Datasheet
96Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.2, 08-May-13
1N4148W-G VISHAY-1N4148W-G Datasheet
99Kb / 5P
   Small Signal Fast Switching Diode
08-Feb-17
logo
Taiwan Semiconductor Co...
1N4148W-GRB TSC-1N4148W-GRB Datasheet
191Kb / 3P
   High Speed SMD Switching Diode
More results

Podobny opis - 1N4148W-GS08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
1N4151W-V VISHAY-1N4151W-V Datasheet
205Kb / 6P
   Small Signal Fast Switching Diode
Rev. 1.2, 06-Apr-05
1N4148W-V VISHAY-1N4148W-V_15 Datasheet
93Kb / 6P
   Small Signal Fast Switching Diode
Rev. 1.5, 27-Jul-12
LL4154-M VISHAY-LL4154-M Datasheet
85Kb / 4P
   Small Signal Fast Switching Diode
Rev. 1.0, 02-Mar-15
1N4148WFL-G VISHAY-1N4148WFL-G Datasheet
94Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.0., 24-Oct-13
1N4148W-G VISHAY-1N4148W-G Datasheet
96Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.2, 08-May-13
1N4448WS VISHAY-1N4448WS Datasheet
91Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.4, 14-Oct-16
1N4148W VISHAY-1N4148W Datasheet
105Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.7, 08-May-13
BAS16-V-GS08 VISHAY-BAS16-V-GS08 Datasheet
140Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.5, 09-Mar-06
logo
KODENSHI_AUK CORP.
SDS914 KODENSHI-SDS914 Datasheet
251Kb / 5P
   Small Signal Fast Switching Diode
SDS2838EF KODENSHI-SDS2838EF Datasheet
265Kb / 5P
   Small Signal Fast Switching Diode
SUD494J KODENSHI-SUD494J Datasheet
280Kb / 5P
   Small Signal Fast Switching Diode
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com