Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FM93C86AV Arkusz danych(PDF) 7 Page - Fairchild Semiconductor

Numer części FM93C86AV
Szczegółowy opis  16K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM93C86AV Arkusz danych(HTML) 7 Page - Fairchild Semiconductor

Back Button FM93C86AV Datasheet HTML 3Page - Fairchild Semiconductor FM93C86AV Datasheet HTML 4Page - Fairchild Semiconductor FM93C86AV Datasheet HTML 5Page - Fairchild Semiconductor FM93C86AV Datasheet HTML 6Page - Fairchild Semiconductor FM93C86AV Datasheet HTML 7Page - Fairchild Semiconductor FM93C86AV Datasheet HTML 8Page - Fairchild Semiconductor FM93C86AV Datasheet HTML 9Page - Fairchild Semiconductor FM93C86AV Datasheet HTML 10Page - Fairchild Semiconductor FM93C86AV Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
www.fairchildsemi.com
FM93C86A Rev. C.1
5) Write Disable (WDS)
Write Disable (WDS) instruction disables all programming opera-
tions and should follow all programming operations. Executing
this instruction after a valid write instruction would protect against
accidental data disturb due to spurious noise, glitches, inadvert-
ent writes etc. Input information (Start bit, Opcode and Address)
for this WDS instruction should be issued as listed under Table 1
or Table 2. The device becomes write-disabled at the end of this
cycle when the CS signal is brought low. Execution of a READ
instruction is independent of WDS instruction. Refer
Write Disable
cycle diagram.
6) Erase (ERASE)
The ERASE instruction will program all bits in the specified
location to logical “1” state. Input information (Start bit, Opcode
and Address) for this WDS instruction should be issued as listed
under Table 1 or Table 2. The self-timed programming cycle starts
with the clocking of the last data bit (DO). It takes t
WP time (Refer
appropriate DC and AC Electrical Characteristics table) for the
internal programming cycle to finish. During this time, the device
remains busy and is not ready for another instruction. Status of the
internal programming can be polled as described under WRITE
instruction description. While the device is busy, it is recom-
mended that no new instruction be issued. Refer
Erase cycle
diagram.
7) Erase All (ERAL)
The Erase all instruction will program all locations to logical “1”
state. Input information (Start bit, Opcode and Address) for this
WDS instruction should be issued as listed under Table 1 or Table
2. The self-timed programming cycle starts with the clocking of the
last data bit (DO). It takes tWP time (Refer appropriate DC and AC
Electrical Characteristics table) for the internal programming
cycle to finish. During this time, the device remains busy and is not
ready for another instruction. Status of the internal programming
can be polled as described under WRITE instruction description.
While the device is busy, it is recommended that no new instruc-
tion be issued. Refer
Erase All cycle diagram.
Note: The Fairchild CMOS EEPROMs do not require an “ERASE” or “ERASE ALL”
instruction prior to the “WRITE” or “WRITE ALL” instruction, respectively. The
“ERASE” and “ERASE ALL” instructions are included to maintain compatibility with
earlier technology EEPROMs.
Clearing of Ready/Busy status
When programming is in progress, the Data-Out pin will display
the programming status as either BUSY (low) or READY (high)
when CS is brought high (DO output will be tri-stated when CS is
low). To restate, during programming, the CS pin may be brought
high and low any number of times to view the programming status
without affecting the programming operation. Once programming
is completed (Output in READY state), the output is ‘cleared’
(returned to normal tri-state condition) by clocking in a Start Bit.
After the Start Bit is clocked in, the output will return to a tri-stated
condition. When clocked in, this Start Bit can be the first bit in a
command string, or CS can be brought low again to reset all
internal circuits. Refer
Clearing Ready Status diagram.
Related Document
Application Note: AN758 - Using Fairchild’s MICROWIRE™ EE-
PROM.


Podobny numer części - FM93C86AV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FM93C06 FAIRCHILD-FM93C06 Datasheet
114Kb / 13P
   256-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C06E FAIRCHILD-FM93C06E Datasheet
114Kb / 13P
   256-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C06V FAIRCHILD-FM93C06V Datasheet
114Kb / 13P
   256-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C46 FAIRCHILD-FM93C46 Datasheet
114Kb / 13P
   1024-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C46 FAIRCHILD-FM93C46 Datasheet
117Kb / 13P
   1024-Bit Serial CMOS EEPROM (MICROWIRE Synchronous Bus)
More results

Podobny opis - FM93C86AV

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
NM93C86A FAIRCHILD-NM93C86A Datasheet
110Kb / 13P
   16K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C56A FAIRCHILD-FM93C56A Datasheet
118Kb / 13P
   2K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C66 FAIRCHILD-FM93C66 Datasheet
114Kb / 13P
   4096-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C46A FAIRCHILD-NM93C46A Datasheet
112Kb / 13P
   1K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C06 FAIRCHILD-FM93C06 Datasheet
114Kb / 13P
   256-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C56 FAIRCHILD-FM93C56 Datasheet
114Kb / 13P
   2048-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C56 FAIRCHILD-NM93C56 Datasheet
107Kb / 13P
   2048-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C66 FAIRCHILD-NM93C66 Datasheet
107Kb / 13P
   4096-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C66A FAIRCHILD-NM93C66A Datasheet
111Kb / 13P
   4K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C46N FAIRCHILD-FM93C46N Datasheet
117Kb / 13P
   1024-Bit Serial CMOS EEPROM (MICROWIRE Synchronous Bus)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com