Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ZZL-4016-10P Arkusz danych(PDF) 10 Page - Amphenol Corporation

Numer części ZZL-4016-10P
Szczegółowy opis  Amphenol pyle MIL-C-26500 Connectors
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMPHENOL [Amphenol Corporation]
Strona internetowa  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

ZZL-4016-10P Arkusz danych(HTML) 10 Page - Amphenol Corporation

Back Button ZZL-4016-10P Datasheet HTML 6Page - Amphenol Corporation ZZL-4016-10P Datasheet HTML 7Page - Amphenol Corporation ZZL-4016-10P Datasheet HTML 8Page - Amphenol Corporation ZZL-4016-10P Datasheet HTML 9Page - Amphenol Corporation ZZL-4016-10P Datasheet HTML 10Page - Amphenol Corporation ZZL-4016-10P Datasheet HTML 11Page - Amphenol Corporation ZZL-4016-10P Datasheet HTML 12Page - Amphenol Corporation ZZL-4016-10P Datasheet HTML 13Page - Amphenol Corporation ZZL-4016-10P Datasheet HTML 14Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
8
MIL-C-26500 – how to order
aluminum/stainless steel,
ratchet lock plug, mating flange receptacle
Amphenol®/Pyle® connectors are specifically designed to meet high
vibration requirements above and beyond the specification require-
ments of MIL-C-26500. The plug connector features a unique non-
decoupling device which offers a ratchet mechanism designed to
engage as the threaded connectors approach a bottomed condi-
tion. Connector coupling assembly continues to ratchet for approxi-
mately 120 degrees until the mated connectors reach a complete
metal-to-metal bottomed condition. The ratchet device maintains
the connectors in a fully coupled condition, thus eliminating the
need for safety wiring.
Additional features include:
Modified accessory thread to accommodate MIL-C-83723 back-
shell hardware.
Rear accessory teeth are featured on both the plug and recepta-
cle shell to assure non-rotation of accessory hardware
Intermateable with all MIL-C-26500 threaded connectors of like
insert arrangement and key position
Amphenol®/Pyle-National® Designation
Sample ordering number:
ZZY–A C–12
D
14–04
P
06
D
Shell Style
ZZY – Threaded Coupling
Series
A – Anodized Aluminum Shell
R – Stainless Steel, passivated
F – Clear Cadmium plated Aluminum Shell
Contacts & Accessories
No Digit – with contacts, with clamp
C – with contacts
O – without contacts
Shell Style
12 – Non-Decoupling Plug, Ratchet Lock
17 – Square Flange Receptacle
Contact Finish
Gold plate per MIL-C-39029 – D
Rhodium plate per MIL-C-26636 – T
Alternate Key Position
06, 07, 08, 09, 10 (omit for normal)
See page 4
Contact Type
Pin – P
Socket – S
Insert Arrangement
See chart, page 4
Shell Size
10, 12, 14, 16, 18, 20, 22, 24, 28
Accessory Size*
Rear accessories per MIL-C-83723 – D
Rear accessories per MS 3155 – E
Rear accessories per MS 3155 with EMI Band – F
* Accessory threads for aluminum and stainless steel hardware differ, and care
should be taken in selection of alternate accessory hardware that will conform to
the threads noted in the dimensional tables within this catalog.


Podobny numer części - ZZL-4016-10P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
ZZL39 TSC-ZZL39 Datasheet
76Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
ZZL39V TSC-ZZL39V Datasheet
151Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
More results

Podobny opis - ZZL-4016-10P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Amphenol Corporation
MS3474W20-41P AMPHENOL-MS3474W20-41P Datasheet
1Mb / 20P
   AMPHENOL MIL-C-26482 SERIES 2 CONNECTORS
M39029 AMPHENOL-M39029 Datasheet
266Kb / 17P
   Amphenol /Matrix MIL-C-26482, Series 2 Connectors
MIL-C-5015 AMPHENOL-MIL-C-5015 Datasheet
28Kb / 41P
   Amphenol MIL-C-5015 Connectors MS/DS Series Accessories Dimension
logo
Amphenol Aerospace Oper...
AMPHS12683-1 AAO-AMPHS12683-1 Datasheet
158Kb / 1P
   MIL-DTL-26500 Type – 48 Series
logo
Amphenol Corporation
MS3102E18-1S AMPHENOL-MS3102E18-1S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102R28-21P AMPHENOL-MS3102R28-21P Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3101A24-10S AMPHENOL-MS3101A24-10S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 ahd MIL-5015 Type Standard Cylindrical Connectors
MS3102A14S-6S AMPHENOL-MS3102A14S-6S Datasheet
2Mb / 73P
   AMPHENOL MIL-DTL-5015 AND MIL-5015 TYPE STANDARD CYLINDRICAL CONNECTORS
MS3106E14S-2S AMPHENOL-MS3106E14S-2S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102A12S-3S AMPHENOL-MS3102A12S-3S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com