Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM15T6V8AY Arkusz danych(PDF) 3 Page - STMicroelectronics

Numer części SM15T6V8AY
Szczegółowy opis  Automotive 1500 W Transil
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM15T6V8AY Arkusz danych(HTML) 3 Page - STMicroelectronics

  SM15T6V8AY Datasheet HTML 1Page - STMicroelectronics SM15T6V8AY Datasheet HTML 2Page - STMicroelectronics SM15T6V8AY Datasheet HTML 3Page - STMicroelectronics SM15T6V8AY Datasheet HTML 4Page - STMicroelectronics SM15T6V8AY Datasheet HTML 5Page - STMicroelectronics SM15T6V8AY Datasheet HTML 6Page - STMicroelectronics SM15T6V8AY Datasheet HTML 7Page - STMicroelectronics SM15T6V8AY Datasheet HTML 8Page - STMicroelectronics SM15T6V8AY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SM15TY
Characteristics
Doc ID 17865 Rev 3
3/12
Table 2.
Electrical characteristics, typical values unless otherwise stated (Tamb = 25 °C)
Order code
IRM max@VRM
VBR @IR
(1)
VCL @IPP
10/1000 µs
RD
10/1000
µs
VCL @IPP
8/20 µs
RD
8/20
µs
αT (2)
25 °C 85 °C
min
typ max
max
max
max
µA
V
V
mA
V(3)
A(4)
Ω
V(3)
A(4)
Ω
10-4/
°C
SM15T6V8AY/CAY
500
2000
5.8
6.45 6.8
7.14
10
10.5
143
0.023
13.4 746 0.008
5.7
SM15T7V5AY/CAY
250
1000
6.4
7.13 7.5
7.88
10
11.3
132
0.026
14.5 690
0.01
6.1
SM15T10AY/CAY
10
50
8.55
9.5
10
10.5
1
14.5
103
0.039
18.6 538 0.015
7.3
SM15T12AY/CAY
0.2
1
10.2 11.4
12
12.6
1
16.7
90
0.046
21.7 461
0.02
7.8
SM15T15AY/CAY
0.2
1
12.8 14.3
15
15.8
1
21.2
71
0.076
27.2 368 0.031
8.4
SM15T18AY/CAY
0.2
1
15.3 17.1
18
18.9
1
25.2
59.5
0.106
32.5 308 0.044
8.8
SM15T22AY/CAY
0.2
1
18.8 20.9
22
23.1
1
30.6
49
0.153
39.3 254 0.064
9.2
SM15T24AY/CAY
0.2
1
20.5 22.8
24
25.2
1
33.2
45
0.178
42.8 234 0.075
9.4
SM15T27AY/CAY
0.2
1
23.1 25.7
27
28.4
1
37.5
40
0.228
48.3 207 0.096
9.6
SM15T30AY/CAY
0.2
1
25.6 28.5
30
31.5
1
41.5
36
0.278
53.5 187
0.12
9.7
SM15T33AY/CAY
0.2
1
28.2 31.4
33
34.7
1
45.7
33
0.333
59
169
0.14
9.8
SM15T36AY/CAY
0.2
1
30.8 34.2
36
37.8
1
49.9
30
0.403
64.3 156
0.17
9.9
SM15T39AY/CAY
0.2
1
33.3 37.1
39
41.0
1
53.9
28
0.461
69.7 143
0.2
10
SM15T47AY/CAY
0.2
1
40.2 44.7
47
49.4
1
64.5
23.2
0.653
84
119 0.291
10.1
SM15T56AY/CAY
0.2
1
48
53.3
56
58.9
1
77.4
20
0.925
100
100 0.411
10.3
SM15T68AY/CAY
0.2
1
58.1 64.6
68
71.4
1
92
16.3
1.26
121
83
0.6
10.4
SM15T75AY/CAY
0.2
1
64.1 71.3
75
78.8
1
103
14.6
1.66
134
75
0.74
10.5
SM15T82AY/CAY
0.2
1
70
77.8
82
86.0
1
113
13.9
1.94
146
69
0.87
10.5
1.
Pulse test: tp < 50 ms
2.
To calculate maximum clamping voltage at other surge level, use the following formula: VCLmax = VCL - RD x (IPP - IPPappli)
where IPPappli is the surge current in the application
3.
To calculate VBR or VCL versus junction temperature, use the following formulas:
VBR @ TJ = VBR @ 25 °C x (1 + αT x (TJ - 25))
VCL @ TJ = VCL @ 25 °C x (1 + αT x (TJ - 25))
4.
Surge capability given for both directions for unidirectional and bidirectional types.


Podobny numer części - SM15T6V8AY

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
SM15T6V8A STMICROELECTRONICS-SM15T6V8A Datasheet
189Kb / 5P
   TRANSILTM
logo
General Semiconductor
SM15T6V8A GE-SM15T6V8A Datasheet
73Kb / 3P
   TRANSZORB??SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
STMicroelectronics
SM15T6V8A STMICROELECTRONICS-SM15T6V8A Datasheet
125Kb / 9P
   TransilTM
logo
Vishay Siliconix
SM15T6V8A VISHAY-SM15T6V8A Datasheet
112Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
logo
MDE Semiconductor, Inc.
SM15T6V8A MDE-SM15T6V8A Datasheet
157Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Podobny opis - SM15T6V8AY

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
SM15TY STMICROELECTRONICS-SM15TY Datasheet
171Kb / 12P
   Automotive 1500 W Transil
SM4T28AY STMICROELECTRONICS-SM4T28AY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM6T6V8CAY STMICROELECTRONICS-SM6T6V8CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil
SM6T36CAY STMICROELECTRONICS-SM6T36CAY Datasheet
228Kb / 12P
   Automotive 600 W Transil
SM4T68AY STMICROELECTRONICS-SM4T68AY Datasheet
237Kb / 12P
   Automotive 400 W Transil
SM6T68CAY STMICROELECTRONICS-SM6T68CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
SM6T56CAY STMICROELECTRONICS-SM6T56CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
SM6T39CAY STMICROELECTRONICS-SM6T39CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil?
SM6TY STMICROELECTRONICS-SM6TY Datasheet
155Kb / 11P
   Automotive 600 W Transil
SM4T6V7AY STMICROELECTRONICS-SM4T6V7AY Datasheet
237Kb / 12P
   Automotive 400 W Transil
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com