Zakładka z wyszukiwarką danych komponentów |
|
SMBJ12A Arkusz danych(PDF) 7 Page - STMicroelectronics |
|
SMBJ12A Arkusz danych(HTML) 7 Page - STMicroelectronics |
7 / 10 page SMBJ Package information Doc ID 5616 Rev 10 7/10 3 Package information ● Case: JEDEC DO-214AA molded plastic over planar junction ● Terminals: solder plated - solderable per MIL-STD-750, Method 2026 ● Polarity: for unidirectional types the band indicates cathode ● Flammability: epoxy is rated UL94V-0 ● RoHS package In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. Table 4. SMB dimensions Ref. Dimensions Millimeters Inches Min. Max. Min. Max. A1 1.90 2.45 0.075 0.096 A2 0.05 0.20 0.002 0.008 b 1.95 2.20 0.077 0.087 c 0.15 0.40 0.006 0.016 D 3.30 3.95 0.130 0.156 E 5.10 5.60 0.201 0.220 E1 4.05 4.60 0.159 0.181 L 0.75 1.50 0.030 0.059 Figure 13. Footprint dimensions in mm (inches) Figure 14. Marking layout(1) 1. Marking layout can vary according to assembly location. E C L E1 D A1 A2 b 2.60 5.84 1.62 2.18 1.62 (0.064) (0.102) (0.23) (0.064) (0.086) y w w e z x x x e: ECOPACK compliance XXX: Marking Z: Manufacturing location Y: Year WW: week Cathode bar ( unidirectional devices only ) |
Podobny numer części - SMBJ12A |
|
Podobny opis - SMBJ12A |