Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM6T30CA Arkusz danych(PDF) 9 Page - STMicroelectronics

Numer części SM6T30CA
Szczegółowy opis  Transil
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM6T30CA Arkusz danych(HTML) 9 Page - STMicroelectronics

Back Button SM6T30CA Datasheet HTML 2Page - STMicroelectronics SM6T30CA Datasheet HTML 3Page - STMicroelectronics SM6T30CA Datasheet HTML 4Page - STMicroelectronics SM6T30CA Datasheet HTML 5Page - STMicroelectronics SM6T30CA Datasheet HTML 6Page - STMicroelectronics SM6T30CA Datasheet HTML 7Page - STMicroelectronics SM6T30CA Datasheet HTML 8Page - STMicroelectronics SM6T30CA Datasheet HTML 9Page - STMicroelectronics SM6T30CA Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
SM6T
Ordering information
Doc ID 3082 Rev 9
9/10
4
Ordering information
5
Revision history
Table 6.
Ordering information
Order code
Marking
Package
Weight
Base qty
Delivery mode
SM6TxxxA/CA(1)
1.
Where xxx is nominal value of VBR and A or CA indicates unidirectional or bidirectional version. See
Table 3 for list of available devices and their order codes
See Table 5 on page 8
SMB
0.11 g
2500
Tape and reel
Table 7.
Document revision history
Date
Revision
Changes
August-2001
4A
Previous update.
15-Sep-2004
5
1. Types table parameters on page 2: IRM @ Tj = 85 °C condition added
2. IRM max values changed
26-Mar-2008
6
Reformatted to current standard. SMB dimensions and footprint updated.
Maximum junction temperature replaced with operating junction
temperature range in Table 1.
25-May-2009
7
Reformatted to current standard. Added standards compliance
information on page 1. Added device SM6T56 to Table 3. Updated all
characteristic curves.
17-Sep-2009
8
Document updated for low leakage current.
20-Oct-2010
9
Updated Figure 13.


Podobny numer części - SM6T30CA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
SM6T30CA STMICROELECTRONICS-SM6T30CA Datasheet
186Kb / 5P
   TRANSILTM
logo
MDE Semiconductor, Inc.
SM6T30CA MDE-SM6T30CA Datasheet
86Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SM6T30CA LUGUANG-SM6T30CA Datasheet
2Mb / 5P
   600Watts Surface Mount TVS
logo
SUNMATE electronic Co.,...
SM6T30CA SUNMATE-SM6T30CA Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SM6T30CA-E3 VISHAY-SM6T30CA-E3 Datasheet
108Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 06-Jun-14
More results

Podobny opis - SM6T30CA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
SMAJ STMICROELECTRONICS-SMAJ Datasheet
152Kb / 6P
   TRANSIL
SMBJ5.0A-TR STMICROELECTRONICS-SMBJ5.0A-TR Datasheet
133Kb / 10P
   Transil
P6KE6V8A STMICROELECTRONICS-P6KE6V8A_04 Datasheet
96Kb / 6P
   TRANSIL
BZW04-13 STMICROELECTRONICS-BZW04-13 Datasheet
124Kb / 6P
   TRANSIL
SM2T STMICROELECTRONICS-SM2T_05 Datasheet
54Kb / 6P
   TRANSIL?
SMCJ STMICROELECTRONICS-SMCJ Datasheet
129Kb / 10P
   Transil?
July 2010 Rev 8
15KE250CA STMICROELECTRONICS-15KE250CA Datasheet
142Kb / 10P
   Transil
SM4T6V8 STMICROELECTRONICS-SM4T6V8 Datasheet
126Kb / 7P
   TRANSIL
BZW06-28B STMICROELECTRONICS-BZW06-28B Datasheet
176Kb / 6P
   TRANSIL
ESDA14V2BP6 STMICROELECTRONICS-ESDA14V2BP6 Datasheet
32Kb / 5P
   TRANSIL?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com