Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM6T30CA Arkusz danych(PDF) 1 Page - STMicroelectronics

Numer części SM6T30CA
Szczegółowy opis  Transil
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM6T30CA Arkusz danych(HTML) 1 Page - STMicroelectronics

  SM6T30CA Datasheet HTML 1Page - STMicroelectronics SM6T30CA Datasheet HTML 2Page - STMicroelectronics SM6T30CA Datasheet HTML 3Page - STMicroelectronics SM6T30CA Datasheet HTML 4Page - STMicroelectronics SM6T30CA Datasheet HTML 5Page - STMicroelectronics SM6T30CA Datasheet HTML 6Page - STMicroelectronics SM6T30CA Datasheet HTML 7Page - STMicroelectronics SM6T30CA Datasheet HTML 8Page - STMicroelectronics SM6T30CA Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
October 2010
Doc ID 3082 Rev 9
1/10
10
SM6T
Transil™
Features
Peak pulse power:
– 600 W (10/1000 µs)
– 4 kW (8/20 µs)
Breakdown voltage range: from 6.8 V to 220 V
Unidirectional and bidirectional types
Low leakage current:
– 0.2 µA at 25 °C
– 1 µA at 85 °C
Operating Tj max: 150 °C
High power capability at Tjmax:
– 515 W (10/1000 µs)
JEDEC registered package outline
Complies with the following standards
IEC 61000-4-2 level 4:
– 15 kV (air discharge)
– 8 kV (contact discharge)
IEC 61000-4-5
MIL STD 883G, method 3015-7: class 3B:
– 25 kV HBM (human body model)
UL 497B, file number: QVGQ2.E136224
Resin meets UL 94, V0
MIL-STD-750, method 2026 soldererability
EIA STD RS-481 and IEC 60286-3 packing
IPC 7531 footprint
Description
The SM6T Transil series has been designed to
protect sensitive equipment against electrostatic
discharges according to IEC 61000-4-2 and MIL
STD 883, method 3015, and electrical overstress
according to IEC 61000-4-4 and 5. These devices
are more generally used against surges below
600 W (10/1000 µs).
Planar technology makes these devices suitable
for high-end equipment and SMPS where low
leakage current and high junction temperature are
required to provide reliability and stability over
time.
SM6T are packaged in SMB (SMB footprint in
accordance with IPC 7531 standard).
TM: Transil is a trademark of STMicroelectronics
K
A
Unidirectional
Bidirectional
SMB
(JEDEC DO-214AA)
www.st.com


Podobny numer części - SM6T30CA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
SM6T30CA STMICROELECTRONICS-SM6T30CA Datasheet
186Kb / 5P
   TRANSILTM
logo
MDE Semiconductor, Inc.
SM6T30CA MDE-SM6T30CA Datasheet
86Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SM6T30CA LUGUANG-SM6T30CA Datasheet
2Mb / 5P
   600Watts Surface Mount TVS
logo
SUNMATE electronic Co.,...
SM6T30CA SUNMATE-SM6T30CA Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SM6T30CA-E3 VISHAY-SM6T30CA-E3 Datasheet
108Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 06-Jun-14
More results

Podobny opis - SM6T30CA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
SMAJ STMICROELECTRONICS-SMAJ Datasheet
152Kb / 6P
   TRANSIL
SMBJ5.0A-TR STMICROELECTRONICS-SMBJ5.0A-TR Datasheet
133Kb / 10P
   Transil
P6KE6V8A STMICROELECTRONICS-P6KE6V8A_04 Datasheet
96Kb / 6P
   TRANSIL
BZW04-13 STMICROELECTRONICS-BZW04-13 Datasheet
124Kb / 6P
   TRANSIL
SM2T STMICROELECTRONICS-SM2T_05 Datasheet
54Kb / 6P
   TRANSIL?
SMCJ STMICROELECTRONICS-SMCJ Datasheet
129Kb / 10P
   Transil?
July 2010 Rev 8
15KE250CA STMICROELECTRONICS-15KE250CA Datasheet
142Kb / 10P
   Transil
SM4T6V8 STMICROELECTRONICS-SM4T6V8 Datasheet
126Kb / 7P
   TRANSIL
BZW06-28B STMICROELECTRONICS-BZW06-28B Datasheet
176Kb / 6P
   TRANSIL
ESDA14V2BP6 STMICROELECTRONICS-ESDA14V2BP6 Datasheet
32Kb / 5P
   TRANSIL?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com