Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FMC6G20US60 Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części FMC6G20US60
Szczegółowy opis  Compact & Complex Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMC6G20US60 Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  FMC6G20US60 Datasheet HTML 1Page - Fairchild Semiconductor FMC6G20US60 Datasheet HTML 2Page - Fairchild Semiconductor FMC6G20US60 Datasheet HTML 3Page - Fairchild Semiconductor FMC6G20US60 Datasheet HTML 4Page - Fairchild Semiconductor FMC6G20US60 Datasheet HTML 5Page - Fairchild Semiconductor FMC6G20US60 Datasheet HTML 6Page - Fairchild Semiconductor FMC6G20US60 Datasheet HTML 7Page - Fairchild Semiconductor FMC6G20US60 Datasheet HTML 8Page - Fairchild Semiconductor FMC6G20US60 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
©2001 Fairchild Semiconductor Corporation
FMC6G20US60 Rev. A3
Fig 1. Typical Output Characteristics
Fig 2. Typical Saturation Voltage
Characteristics
Fig 3. Saturation Voltage vs. Case
Temperature at Variant Current Level
Fig 4. Load Current vs. Frequency
Fig 5. Saturation Voltage vs. VGE
Fig 6. Saturation Voltage vs. VGE
0246
8
0
10
20
30
40
50
60
20V
12V
15V
V
GE = 10V
Common Emitter
T
C = 25
Collector - Emitter Voltage, V
CE [V]
110
0
10
20
30
40
50
60
Common Emitter
V
GE = 15V
T
C =
25℃ ━━
T
C = 125
℃ ------
Collector - Emitter Voltage, V
CE [V]
-50
0
50
100
150
0
1
2
3
4
5
20A
40A
30A
I
C
= 10A
Common Emitter
V
GE = 15V
Case Temperature, T
C [
℃]
0
4
8
12
16
20
24
28
0.1
1
10
100
1000
Duty cycle : 50%
T
C = 100
Power Dissipation = 32W
V
CC = 300V
Load Current : peak of square wave
Frequency [KHz]
04
8
12
16
20
0
4
8
12
16
20
Common Emitter
T
C = 25
40A
20A
I
C = 10A
Gate - Emitter Voltage, V
GE
[V]
04
8
12
16
20
0
4
8
12
16
20
Common Emitter
T
C = 125
40A
20A
I
C = 10A
Gate - Emitter Voltage, V
GE
[V]


Podobny numer części - FMC6G20US60

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FMC6G10US60 FAIRCHILD-FMC6G10US60 Datasheet
649Kb / 9P
   Compact & Complex Module
FMC6G15US60 FAIRCHILD-FMC6G15US60 Datasheet
657Kb / 9P
   Compact & Complex Module
FMC6G30US60 FAIRCHILD-FMC6G30US60 Datasheet
713Kb / 9P
   Compact & Complex Module
FMC6G50US60 FAIRCHILD-FMC6G50US60 Datasheet
665Kb / 9P
   Compact & Complex Module
More results

Podobny opis - FMC6G20US60

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FMS6G10US60 FAIRCHILD-FMS6G10US60 Datasheet
794Kb / 10P
   Compact & Complex Module
FMS6G15US60 FAIRCHILD-FMS6G15US60 Datasheet
738Kb / 10P
   Compact & Complex Module
FMS6G15US60S FAIRCHILD-FMS6G15US60S Datasheet
754Kb / 10P
   Compact & Complex Module
FMS7G10US60S FAIRCHILD-FMS7G10US60S Datasheet
799Kb / 10P
   Compact & Complex Module
FMS7G15US60 FAIRCHILD-FMS7G15US60 Datasheet
747Kb / 10P
   Compact & Complex Module
FMC7G20US60 FAIRCHILD-FMC7G20US60 Datasheet
650Kb / 9P
   Compact & Complex Module
FMC7G30US60 FAIRCHILD-FMC7G30US60 Datasheet
662Kb / 9P
   Compact & Complex Module
FMC7G50US60 FAIRCHILD-FMC7G50US60 Datasheet
667Kb / 9P
   Compact & Complex Module
FMS7G20US60 FAIRCHILD-FMS7G20US60 Datasheet
902Kb / 9P
   Compact & Complex Module
FMS7G20US60S FAIRCHILD-FMS7G20US60S Datasheet
781Kb / 10P
   Compact & Complex Module
FMC6G15US60 FAIRCHILD-FMC6G15US60 Datasheet
657Kb / 9P
   Compact & Complex Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com