Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC33937APEK Arkusz danych(PDF) 6 Page - Freescale Semiconductor, Inc

Numer części MC33937APEK
Szczegółowy opis  Three Phase Field Effect Transistor Pre-driver
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33937APEK Arkusz danych(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MC33937APEK Datasheet HTML 2Page - Freescale Semiconductor, Inc MC33937APEK Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33937APEK Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33937APEK Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33937APEK Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33937APEK Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33937APEK Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33937APEK Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33937APEK Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
33937A
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 2. Maximum Ratings
All voltages are with respect to VSS unless otherwise noted. Exceeding these ratings may cause a malfunction or permanent
damage to the device.
Ratings
Symbol
Value
Unit
ELECTRICAL RATINGS
VSUP Supply Voltage
Normal Operation (Steady-state)
Transient Survival(1)
VSUP
58
-1.5 to 80
V
VPWR Supply Voltage
Normal Operation (Steady-state)
Transient Survival(1)
VPWR
58
-1.5 to 80
V
Charge Pump (PUMP, VPUMP)
VPUMP
-0.3 to 40
V
VLS Regulator Outputs (VLS, VLS_CAP)
VLS
-0.3 to 18
V
Logic Supply Voltage
VDD
-0.3 to 7.0
V
Logic Output (INT, SO, PHASEA, PHASEB, PHASEC, OC_OUT)(2)
VOUT
-0.3 to 7.0
V
Logic Input Pin Voltage (EN1, EN2, Px_HS, Px_LS, SI, SCLK, CS, RST) 10 mA
VIN
-0.3 to 7.0
V
Amplifier Input Voltage
(Both Inputs-GND), (AMP_P - GND) or (AMP_N - GND) 6.0 mA source or sink
VIN_A
-7.0 to 7.0
V
Over-current comparator threshold 10 mA
VOC
-0.3 to 7.0
V
Driver Output Voltage(3)
High Side bootstrap (PA_BOOT, PB_BOOT, PC_BOOT)
High Side (PA_HS_G, PB_HS_G, PC_HS_G)
Low Side (PA_LS_G, PB_LS_G, PC_LS_G)
VBOOT
VHS_G
VLS_G
75
75
16
V
Driver Voltage Transient Survival(4)
High Side (PA_HS_G, PB_HS_G, PC_HS_G, PA_HS_S, PB_HS_S,
PC_HS_S)
Low Side (PA_LS_G, PB_LS_G, PC_LS_G, PA_LS_S, PB_LS_S, PC_LS_S)
VHS_G
VHS_S
VLS_G
VLS_S
-7.0 to 75.0
-7.0 to 75.0
-7.0 to 18.0
-7.0 to 7.0
V
Notes
1.
The device will withstand load dump transient as defined by ISO7637 with peak voltage of 80 V.
2.
Short-circuit proof, the device will not be damaged or induce unexpected behavior due to shorts to external sources within this range.
3.
This voltage should not be applied without also taking voltage at HS_S and voltage at PX_LS_S into account.
4.
Actual operational limitations may differ from survivability limits. The VLS - VLS_S differential and the VBOOT - VHS_S differential must be
greater than 3.0 V to insure the output gate drive will maintain a commanded OFF condition on the output.


Podobny numer części - MC33937APEK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
MC33937APEK NXP-MC33937APEK Datasheet
787Kb / 55P
   Three phase field effect transistor
Rev. 13.0-27 October 2020
More results

Podobny opis - MC33937APEK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC33927 FREESCALE-MC33927 Datasheet
534Kb / 44P
   Three-Phase Field Effect Transistor Pre-Driver
33937 FREESCALE-33937_09 Datasheet
739Kb / 48P
   Three Phase Field Effect Transistor Pre-driver
logo
NXP Semiconductors
MC34GD3000 NXP-MC34GD3000 Datasheet
1Mb / 50P
   Three phase field effect transistor pre-driver
Rev. 3.0, 5/2016
logo
Freescale Semiconductor...
33937 FREESCALE-33937 Datasheet
656Kb / 47P
   Three Phase Field Effect Transistor Pre-driver
MCZ33927EK FREESCALE-MCZ33927EK Datasheet
534Kb / 44P
   Three-Phase Field Effect Transistor Pre-Driver
MC34937 FREESCALE-MC34937 Datasheet
733Kb / 49P
   Three Phase Field Effect Transistor Pre-driver
logo
NXP Semiconductors
MC33GD3000 NXP-MC33GD3000 Datasheet
1Mb / 50P
   Three phase field effect transistor pre-driver
Rev. 6.0, 8/2018
MC33937 NXP-MC33937 Datasheet
787Kb / 55P
   Three phase field effect transistor
Rev. 13.0-27 October 2020
logo
International Rectifier
AUIRS20302S IRF-AUIRS20302S_15 Datasheet
792Kb / 28P
   Pre-regulated Three Phase Gate Driver
logo
Rohm
BA6680FS ROHM-BA6680FS Datasheet
280Kb / 3P
   Three-phase motor pre-driver for LBP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com