Zakładka z wyszukiwarką danych komponentów |
|
2SC2412K Arkusz danych(PDF) 2 Page - Rohm |
|
2SC2412K Arkusz danych(HTML) 2 Page - Rohm |
2 / 4 page 2/3 www.rohm.com ○ c 2012 ROHM Co., Ltd. All rights reserved. 2012.01 - Rev.D Data Sheet 2SC2412K / 2SC4081 / 2SC4617 / 2SC5658 Packaging specifications and hFE Package Code Taping Basic ordering unit (pieces) T146 T106 3000 3000 − − QR hFE QR 2SC2412K 2SC4081 −− TL 3000 − − T2L 8000 − − − QR 2SC4617 −− − QR 2SC5658 Type hFE values are classified as follows : Item Q R hFE 120 to 270 180 to 390 Electrical characterristic curves Fig.1 Grounded emitter propagation characteristics 0 0.1 0.2 0.5 2 20 50 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1 5 10 VCE =6V BASE TO EMITTER VOLTAGE : VBE (V) Fig.2 Grounded emitter output characteristics ( Ι ) 0 20 40 60 80 100 0.4 0.8 1.2 1.6 2.0 0 COLLECTOR TO EMITTER VOLTAGE : VCE (V) 0.05mA 0.10mA 0.15mA 0.25mA 0.30mA 0.35mA 0.20mA Ta=25 °C IB=0A 0.40mA 0.50mA 0.45mA 0 0 2 8 10 4 8 12 16 4 6 20 IB=0A Ta=25 °C COLLECTOR TO EMITTER VOLTAGE : VCE (V) 3 μA 6 μA 9 μA 12 μA 15 μA 18 μA 21 μA 24 μA 27 μA 30 μA Fig.3 Grounded emitter output characteristics ( ΙΙ ) 0.2 20 10 0.5 1 2 5 10 20 50 100 200 50 100 200 500 VCE=5V 3V 1V Ta=25 °C Fig.4 DC current gain vs. collector current ( Ι ) COLLECTOR CURRENT : IC (mA) 0.2 0.5 1 2 5 10 20 50 100 200 20 10 50 100 200 500 25 °C −55°C Ta=100 °C VCE= 5V Fig.5 DC current gain vs. collector current ( ΙΙ ) COLLECTOR CURRENT : IC (mA) Fig. 6 Collector-emitter saturation voltage vs. collector current 0.2 COLLECTOR CURRENT : IC (mA) 0.01 0.02 0.05 0.1 0.2 0.5 0.5 1 2 5 10 20 50 100 200 IC/IB=50 20 10 Ta=25 °C |
Podobny numer części - 2SC2412K |
|
Podobny opis - 2SC2412K |