Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9857 Arkusz danych(PDF) 9 Page - Analog Devices

Numer części AD9857
Szczegółowy opis  CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9857 Arkusz danych(HTML) 9 Page - Analog Devices

Back Button AD9857_04 Datasheet HTML 5Page - Analog Devices AD9857_04 Datasheet HTML 6Page - Analog Devices AD9857_04 Datasheet HTML 7Page - Analog Devices AD9857_04 Datasheet HTML 8Page - Analog Devices AD9857_04 Datasheet HTML 9Page - Analog Devices AD9857_04 Datasheet HTML 10Page - Analog Devices AD9857_04 Datasheet HTML 11Page - Analog Devices AD9857_04 Datasheet HTML 12Page - Analog Devices AD9857_04 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
AD9857
Rev. C| Page 9 of 40
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
80 79 78 77 76
71 70 69 68
75 74 73 72
21 22 23 24 25 26 27 28 29 30 31 32 33
1
2
3
4
5
6
7
8
9
10
11
13
12
60
59
58
57
56
55
54
53
52
51
50
49
48
NC = NO CONNECT
AD9857
TOP VIEW
(Not to Scale)
D13
D12
D11
D10
D9
D8
D7
DVDD
DVDD
DVDD
DGND
DGND
DGND
DIFFCLKEN
AGND
AVDD
NC
AGND
PLL_FILTER
AVDD
AGND
NC
NC
DAC_RSET
DAC_BP
AVDD
PIN 1
INDICATOR
14
15
16
17
18
20
19
47
46
45
44
43
42
41
D6
D5
D4
D3
D2
D1
D0
AGND
IOUT
IOUT
AGND
AVDD
AGND
NC
64 63 62 61
67 66 65
34 35 36 37 38 39 40
Figure 2. Pin Configuration
Table 4. Pin Function Descriptions
Pin Number
Mnemonic
I/O
Function
20–14, 7–1
D0–D6, D7–
D13
I
14-Bit Parallel Data Bus for I and Q Data. The required numeric format is twos complement with D13
as the sign bit and D12–D0 as the magnitude bits. Alternating 14-bit words are demultiplexed onto
the I and Q data pathways (except when operating in the interpolating DAC mode, in which case
every word is routed onto the I data path). When the TxENABLE pin is asserted high, the next
accepted word is presumed to be I data, the next Q data, and so forth.
8–10, 31–33,
73–75
DVDD
3.3 V Digital Power pin(s).
11–13, 28–30,
70–72, 76–78
DGND
Digital Ground pin(s).
21
PS1
I
Profile Select Pin 1. The LSB of the two profile select pins. In conjunction with PS0, selects one of four
profile configurations.
22
PS0
I
Profile Select Pin 0. The MSB of the two profile select pins. In conjunction with P1, selects one of four
profile configurations.
23
CS
I
Serial Port Chip Select pin. An active low signal that allows multiple devices to operate on a single
serial bus.
24
SCLK
I
Serial Port Data Clock pin. The serial data CLOCK for the serial port.
25
SDIO
I/O
Serial Port Input/Output Data pin. Bidirectional serial DATA pin for the serial port. This pin can be
programmed to operate as a serial input only pin, via the control register bit 00h<7>. The default
state is bidirectional.
26
SDO
O
Serial Port Output Data pin. This pin serves as the serial data output pin when the SDIO pin is
configured for serial input only mode. The default state is three-state.
27
SYNCIO
I
Serial Port Synchronization pin. Synchronizes the serial port without affecting the programmable
register contents. This is an active high input that aborts the current serial communication cycle.
34, 41, 51, 52,
57
NC
No connect.


Podobny numer części - AD9857_04

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9857/PCB AD-AD9857/PCB Datasheet
551Kb / 31P
   CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
REV. 0
AD9857/PCB AD-AD9857/PCB Datasheet
893Kb / 41P
   CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
AD9857AST AD-AD9857AST Datasheet
551Kb / 31P
   CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
REV. 0
AD9857AST AD-AD9857AST Datasheet
893Kb / 41P
   CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
AD9857ASTZ AD-AD9857ASTZ Datasheet
893Kb / 41P
   CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
More results

Podobny opis - AD9857_04

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9857 AD-AD9857 Datasheet
551Kb / 31P
   CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
REV. 0
AD9857 AD-AD9857_17 Datasheet
893Kb / 41P
   CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
AD9857 AD-AD9857_15 Datasheet
1Mb / 40P
   CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
REV. C
AD9856 AD-AD9856 Datasheet
429Kb / 32P
   CMOS 200 MHz Quadrature Digital Upconverter
REV. B
AD9856 AD-AD9856_15 Datasheet
966Kb / 36P
   CMOS 200 MHz Quadrature Digital Upconverter
REV. C
AD9856 AD-AD9856_17 Datasheet
749Kb / 37P
   CMOS 200 MHz Quadrature Digital Upconverter
AD9957 AD-AD9957_18 Datasheet
1Mb / 61P
   1 GSPS Quadrature Digital Upconverter
AD9957 AD-AD9957_17 Datasheet
1Mb / 62P
   1 GSPS Quadrature Digital Upconverter
AD9957 AD-AD9957_07 Datasheet
1Mb / 60P
   1 GSPS Quadrature Digital Upconverter with 18-Bit IQ Data Path and 14-Bit DAC
REV. 0
AD9784 AD-AD9784_15 Datasheet
1Mb / 52P
   14-Bit, 200 MSPS/500 MSPS TxDAC
Rev. PrC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com