Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA-020 Arkusz danych(PDF) 3 Page - List of Unclassifed Manufacturers

Numer części CA-020
Szczegółowy opis  Aluminium enclosures CA series
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

CA-020 Arkusz danych(HTML) 3 Page - List of Unclassifed Manufacturers

  CA-020 Datasheet HTML 1Page - List of Unclassifed Manufacturers CA-020 Datasheet HTML 2Page - List of Unclassifed Manufacturers CA-020 Datasheet HTML 3Page - List of Unclassifed Manufacturers CA-020 Datasheet HTML 4Page - List of Unclassifed Manufacturers CA-020 Datasheet HTML 5Page - List of Unclassifed Manufacturers CA-020 Datasheet HTML 6Page - List of Unclassifed Manufacturers CA-020 Datasheet HTML 7Page - List of Unclassifed Manufacturers CA-020 Datasheet HTML 8Page - List of Unclassifed Manufacturers CA-020 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
300
Model
Terminal width (mm):
Single core
mm2
Stranded
mm2
Nominal voltage
V
Loading capacityt
A
Terminal bridging
Mounting rail
TS 15
TS 32
TS 35
Part number
Type
CA-020
CA-060
CA-080
CA-100
CA-130
CA-140
CA-150
CA-160
CA-170
CA-180
CA-190
CA-210/215/220
CA-230/235/240
CA-250
CA-270/280
CA-290/300
CA-310
CA-330
CA-350
CA-350*)
CA-360
CA-360*)
CA-370
CA-370*)
CA-380
CA-380*)
CA-390
CA-390*)
CA-400
CA-400*)
CA-420
CA-420*)
CA-450
CA-450*)
CA-450**)
CA-460
CA-460*)
CA-460**)
CA-470
CA-470*)
CA-470**)
CA-480
CA-480*)
CA-480**)
Component overview
for aluminium enclosures
CA series
**) Assembled on 2 mounting rails
**) Assembled on 3 mounting rails
The number of terminals is reduced
when partitions are used.
Weidmüller
Phoenix
Wieland
Block terminal
Block terminal
Block terminal
4
4
4
2.5
4
4
4
2.5
2.5
2.5
2.5
4
4
4
2.5
4
4
4
2.5
2.5
2.5
2.5
380
380
380
380
500
500
500
500
500
500
500
36
36
36
25
36
36
36
25
25
25
25
–––––––––––
–––––––––––
m
––––––––––
m
––––––––––
–––
1
–––––––
1
–––
1
––––––
1
–––
1
1
1
––
––
1
–––
1
1
1
1
1
––
1
1
1
–––
1
1
––
1
1
1
–––
–1
1
–1
1
1
–1
1
–1
1
1
––
1
––––––
1
––
1
–––
1
1
––
2
–––
2
2
–––––––––––
–––––––––––
–––––––––––
–––––––––––
–––––––––––
–––––––––––
–––––––––––
–––––––––––
–––––––––––
–––––––––––
–––––––––––
–––––––––––
–––––––––––
–––––––––––
–––––––––––
–––––––––––
–––––––––––
–––––––––––
–––––––––––
–––––––––––
–––––––––––
–––––––––––
–––––––––––
–––––––––––
–––––––––––
–––––––––––
–––––––––––
–––––––––––
–––––––––––
–––––––––––
–––––––––––
–––––––––––
–––––––––––
Entrelec
Terminal block
5.2
6.2
5.2
6.2
8.2 10.2 12.2
2.5
4
4
4
10
16
25
1.5
4
2.5
4
6
10
16
250
380
750
750
750
750
750
20
35
26
35
46
63
85
mmmmmm
mm
m
–––
––
mmmmm
––
mmmmm
–––
1
–––
4
––––––
10
––––––
20
––––––
6
4
–––––
6
4
–––––
16
13
–––––
16
13
–––––
26
21
–––––
26
21
–––––
39
33
–––––
12
10
8
6
5
31
26
19
15
13
58
49
37
29
24
19
16
12
9
8
38
32
24
19
16
57
48
36
29
24
96
80
61
48
40
27
22
17
13
11
54
44
34
26
27
22
17
13
11
54
44
34
26
42
35
27
21
18
84
70
54
42
52
43
33
26
22
104
86
66
52
52
43
33
26
22
104
86
66
52
66
55
41
33
27
132
110
82
66
104
87
65
53
44
208
174
130
106
65
55
41
33
28
130
110
82
66
56
195
165
123
99
65
55
41
33
28
130
110
82
66
56
195
165
123
99
104
87
65
53
44
208
174
130
106
88
312
261
195
159
104
87
65
53
44
208
174
130
106
88
312
261
195
159
Phoenix
Terminal block
5.2
6.2
7.5
5.2
6.2
8.2 10.2
2.5
410
4
410
16
1.5
4
6
2.5
4
6
10
500
500
500
750
750
750
750
27
36
65
36
36
65
87
m
mmmm
mmm
––––
–––
mmmm
–––
mmmm
–––
1
–––
4
––––––
12
––––––
20
––––––
6
4
–––––
6
4
4
––––
16
13
–––––
16
13
10
––––
26
21
–––––
26
21
17
––––
39
33
27
––––
12
10
8
6
31
26
19
15
58
49
37
29
19
16
12
9
38
32
24
19
57
48
36
29
96
80
61
48
27
22
17
13
54
44
34
26
27
22
17
13
54
44
34
42
35
27
21
84
70
54
42
52
43
33
26
104
86
66
52
52
43
33
26
104
86
66
52
66
55
41
33
132
110
82
66
104
87
65
53
208
174
130
106
65
55
41
33
130
110
82
66
195
165
123
99
65
55
41
33
130
110
82
66
195
165
123
99
104
87
65
53
208
174
130
106
312
261
195
159
104
87
65
53
208
174
130
106
312
261
195
159


Podobny numer części - CA-020

ProducentNumer częściArkusz danychSzczegółowy opis
logo
PREMO CORPORATION S.L
CA-050X PREMO-CA-050X Datasheet
290Kb / 1P
   PTH SMPS Current Transformer Up to 15A
More results

Podobny opis - CA-020

ProducentNumer częściArkusz danychSzczegółowy opis
logo
FIBOX Enclosing innovat...
7720027 FIBOX-7720027 Datasheet
42Kb / 1P
   Front plate (aluminium), for enclosures
19.01.2023
7720070 FIBOX-7720070 Datasheet
42Kb / 1P
   Front plate (aluminium), for enclosures:
19.01.2023
7720139 FIBOX-7720139 Datasheet
42Kb / 1P
   Front plate (aluminium), for enclosures:
19.01.2023
7720026 FIBOX-7720026 Datasheet
42Kb / 1P
   Front plate (aluminium), for enclosures:
19.01.2023
8392227 FIBOX-8392227 Datasheet
53Kb / 2P
   Swing-out door/Front plate (aluminium), for enclosures
11.01.2023
8392224 FIBOX-8392224 Datasheet
51Kb / 2P
   Swing-out door/Front plate (aluminium), for enclosures
11.01.2023
8392228 FIBOX-8392228 Datasheet
50Kb / 2P
   Swing-out door/Front plate (aluminium), for enclosures
11.01.2023
8392226 FIBOX-8392226 Datasheet
60Kb / 2P
   Swing-out door/Front plate (aluminium), for enclosures
11.01.2023
8392229 FIBOX-8392229 Datasheet
48Kb / 1P
   Swing-out door/Front plate (aluminium), for enclosures
26.07.2023
logo
List of Unclassifed Man...
IP67 ETC-IP67 Datasheet
6Mb / 16P
   IP67 DIE-Cast Aluminium Enclosures With EPDM Continuous Seal
01/04/20 V1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com