Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI2323DS-T1-GE3 Arkusz danych(PDF) 1 Page - Vishay Siliconix

Numer części SI2323DS-T1-GE3
Szczegółowy opis  P-Channel 20-V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI2323DS-T1-GE3 Arkusz danych(HTML) 1 Page - Vishay Siliconix

  SI2323DS-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SI2323DS-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI2323DS-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI2323DS-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI2323DS-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI2323DS-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI2323DS-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SI2323DS-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SI2323DS-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Vishay Siliconix
Si2323DS
Document Number: 72024
S09-0133-Rev. D, 02-Feb-09
www.vishay.com
1
P-Channel 20-V (D-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Available
TrenchFET® Power MOSFET
APPLICATIONS
Load Switch
PA Switch
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)ID (A)
- 20
0.039 at VGS = - 4.5 V
- 4.7
0.052 at VGS = - 2.5 V
- 4.1
0.068 at VGS = - 1.8 V
- 3.5
G
S
D
Top View
2
3
TO-236
(SOT-23)
1
Si2323DS (D3)*
* Marking Code
Ordering Information: Si2323DS-T1
Si2323DS-T1-E3 (Lead (Pb)-free)
Si2323DS-T1-GE3 (Lead (Pb)-free and Halogen-free)
Notes:
a. Surface Mounted on 1" x 1" FR4 board.
b. Pulse width limited by maximum junction temperature.
* Pb containing terminations are not RoHS compliant, exemptions may apply.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
5 s
Steady State
Unit
Drain-Source Voltage
VDS
- 20
V
Gate-Source Voltage
VGS
± 8
Continuous Drain Current (TJ = 150 °C)
a, b
TA = 25 °C
ID
- 4.7
- 3.7
A
TA = 70 °C
- 3.8
- 2.9
Pulsed Drain Current
IDM
- 20
Continuous Source Current (Diode Conduction)a, b
IS
- 1.0
- 0.6
Maximum Power Dissipationa, b
TA = 25 °C
PD
1.25
0.75
W
TA = 70 °C
0.8
0.48
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta
t
≤ 5 s
RthJA
75
100
°C/W
Steady State
120
166
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
40
50


Podobny numer części - SI2323DS-T1-GE3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
VBsemi Electronics Co.,...
SI2323DS-T1-GE3 VBSEMI-SI2323DS-T1-GE3 Datasheet
1Mb / 9P
   P-Channel 30 V (D-S) MOSFET
More results

Podobny opis - SI2323DS-T1-GE3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com