Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BA00BC0WFP-E2 Arkusz danych(PDF) 4 Page - Rohm

Numer części BA00BC0WFP-E2
Szczegółowy opis  1A Variable/Fixed Output LDO Regulators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BA00BC0WFP-E2 Arkusz danych(HTML) 4 Page - Rohm

  BA00BC0WFP-E2 Datasheet HTML 1Page - Rohm BA00BC0WFP-E2 Datasheet HTML 2Page - Rohm BA00BC0WFP-E2 Datasheet HTML 3Page - Rohm BA00BC0WFP-E2 Datasheet HTML 4Page - Rohm BA00BC0WFP-E2 Datasheet HTML 5Page - Rohm BA00BC0WFP-E2 Datasheet HTML 6Page - Rohm BA00BC0WFP-E2 Datasheet HTML 7Page - Rohm BA00BC0WFP-E2 Datasheet HTML 8Page - Rohm BA00BC0WFP-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4/16
BAxxBC0 Series
BAxxBC0W Series
BA00BC0WCP-V5
Datasheet
TSZ02201-0R6R0A600120-1-2
TSZ22111・15・001
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
26.Jun.2012 Rev.001
●Absolute Maximum Ratings (Ta = 25°C)
Parameter
Symbol
Limits
Unit
Power supply voltage
VCC
18*1
V
Power
dissipation
TO252-3
Pd
1200*2
mW
TO252-5
1300*3
TO220FP-3
2000*4
TO220FP-5
2000*4
TO220FP-5 (V5)
2000*4
TO220CP-V5
2000*4
Operating temperature range
Topr
−40 to +105
°C
Ambient storage temperature
Tstg
−55 to +150
°C
Maximum junction temperature
Tjmax
150
°C
*1 Must not exceed Pd.
*2 Derated at 9.6mW/°C at Ta>25°C when mounted on a glass epoxy board (70 mm
× 70 mm × 1.6 mm).
*3 Derated at 10.4mW/°C at Ta>25°C when mounted on a glass epoxy board (70 mm
× 70 mm × 1.6 mm).
*4 Derated at 16mW/°C at Ta> 25°C
●Recommended Operating Ratings
Parameter
Symbol
Min.
Max.
Unit
Input power supply voltage
VCC*5
3.0
16.0
V
Input power supply voltage
VCC*6
Vo+1.0
16.0
V
Output current
IO
-
1
A
Variable output voltage setting value
VO
1.5
12
V
*5 When output voltage is 1.5 V, 1.8 V, or 2.5 V.
*6 When output voltage is 3.0 V or higher.
●Electrical Characteristics
BAxxBC0 Series
BAxxBC0W Series (Unless otherwise specified, Ta = 25°C; VCTL = 3 V; VCCDC*7)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Output voltage
VO
VO (T)
×0.98
VO (T)
VO (T)
× 1.02
V
Io = 200mA
Shutdown circuit current
Isd
-
0
10
μA
VCTL = 0 V while in off mode
Minimum I/O voltage difference
*8
∆Vd
-
0.3
0.5
V
Io = 200mA
,Vcc = 0.95 × Vo
Output current capacity
IO
1
-
-
A
Input stability
*9
Reg.I
-
15
35
mV
Vcc= Vo+1.0V→16V, Io = 200mA
Load stability
Reg.L
-
35
75
mV
Io = 0mA →1 A
Temperature coefficient of
output voltage
*10
Tcvo
-
±0.02
-
%/°C
Io = 5mA
、Tj = 0°C to 125℃
Vo (T): Set output voltage
*7
Vo = 1.5 V, 1.8 V, 2.5 V : Vcc = 3.3 V, Vo = 3.0 V, 3.3 V : Vcc = 5 V,
Vo = 5.0 V : Vcc : 8 V, Vo = 6.0 V : Vcc = 9 V, Vo = 8.0 V : Vcc = 11 V,
Vo = 9.0 V : Vcc = 12 V, Vo = 10.0 V : Vcc = 13 V
*8
Vo
≥ 3.3 V
*9
Change Vcc from 3.0 V to 6 V if 1.5 V
≤ Vo ≤ 2.5 V.
*10 Not 100% tested
BA00BC0W Series
(Unless otherwise specified, Ta=25℃, Vcc=3.3V, VCTL=3V, Io=200mA, Vo=2.5V setting)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Shutdown circuit current
Isd
-
0
10
μA
VCTL = 0V while in OFF mode
Bias Current
Ib
-
0.5
0.9
mA
IO = 0mA
Reference voltage(CTL terminal)
Vc
1.225
1.250
1.275
V
IO = 50mA
Minimum I/O voltage difference
∆Vd
-
0.3
0.5
V
IO = 500mA, VCC = 2.5V
Output current capacity
Io
1
-
-
A
Ripple Rejection
R.R.
44
55
-
dB
f=120Hz, ein
12=-20dBV, Io=100mA
Input stability
Reg.I
-
15
30
mV
Vcc = Vo + 1.0 V→16V, Io = 200mA
Load stability
Reg.L
-
35
75
mV
IO = 0mA →1A
Temperature coefficient of output
voltage
*11
Tcvo
-
±0.02
-
%/°C
IO = 5mA, Tj=0°C to 125°C
Output Short Current
Ios
-
0.40
-
Vcc=16V
CTL ON Mode Voltage
Vth1
2.0
-
-
V
ACTIVE MODE, IO = 0mA
CTL OFF Mode Voltage
Vth2
-
-
0.8
V
OFF MODE, IO = 0mA
CTL Input Current
Iin
40
80
130
μA
IO = 0mA
*11 Not 100% tested
*12
ein=Input Voltage Ripple


Podobny numer części - BA00BC0WFP-E2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA00BC0WFP-E2 ROHM-BA00BC0WFP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BA00BC0WFP-E2 ROHM-BA00BC0WFP-E2 Datasheet
490Kb / 19P
   1A Variable/Fixed Output LDO Regulators
More results

Podobny opis - BA00BC0WFP-E2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BAXXBC0 ROHM-BAXXBC0 Datasheet
490Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BD00IC0WEFJ ROHM-BD00IC0WEFJ Datasheet
517Kb / 26P
   1A Variable Fixed Output LDO Regulators
BA00BC0WFP-E2 ROHM-BA00BC0WFP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BD00C0AWFP-E2 ROHM-BD00C0AWFP-E2 Datasheet
827Kb / 21P
   1A Variable Output LDO Regulators
BD15HC0WEFJ ROHM-BD15HC0WEFJ Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
BA00CC0WHFP-TR ROHM-BA00CC0WHFP-TR Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
BA00DD0W ROHM-BA00DD0W Datasheet
2Mb / 25P
   2A/1A Variable Output LDO Regulators
BD00C0AWFP ROHM-BD00C0AWFP Datasheet
391Kb / 12P
   1A Standard Variable Output LDO Regulators
BD00GC0WEFJ-E2 ROHM-BD00GC0WEFJ-E2 Datasheet
476Kb / 22P
   1A Variable Fixed Output LDO Regulator
BD00HC5WEFJ ROHM-BD00HC5WEFJ_12 Datasheet
494Kb / 22P
   1.5A Variable Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com