Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SS39ET Arkusz danych(PDF) 3 Page - Honeywell Accelerometers

Numer części SS39ET
Szczegółowy opis  INDUSTRIAL APPLICATIONS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HONEYWELL-ACC [Honeywell Accelerometers]
Strona internetowa  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

SS39ET Arkusz danych(HTML) 3 Page - Honeywell Accelerometers

  SS39ET Datasheet HTML 1Page - Honeywell Accelerometers SS39ET Datasheet HTML 2Page - Honeywell Accelerometers SS39ET Datasheet HTML 3Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SS39ET/SS49E/SS59ET Series Linear Position Sensor ICs
Sensing and Control
Honeywell
1985 Douglas Drive North
Golden Valley, MN 55422
www.honeywell.com/sensing
Figure 6. Dishwasher
SS39ET/SS49E/SS59ET Series sensors can monitor the
current powering the electromagnets in the pump’s motor. If
the current is not within its normal range, the logic could also
perform overload or motor malfunction detection.
Customer Benefits
Small size: SS39ET is suitable for systems with tight
spacing constraints
Energy efficient: Low voltage capability down to 2.7 V
High volume use: Low cost and taping option for automatic
component placement make this product suitable for high-
volume production
WARRANTY/REMEDY
Honeywell warrants goods of its manufacture as being free of
defective materials and faulty workmanship. Honeywell’s
standard product warranty applies unless agreed to otherwise
by Honeywell in writing; please refer to your order
acknowledgement or consult your local sales office for specific
warranty details. If warranted goods are returned to Honeywell
during the period of coverage, Honeywell will repair or replace,
at its option, without charge those items it finds defective. The
foregoing is buyer s sole remedy and is in lieu of all other
warranties, expressed or implied, including those of
merchantability and fitness for a particular purpose. In no
event shall Honeywell be liable for consequential, special,
or indirect damages.
While we provide application assistance personally, through
our literature and the Honeywell web site, it is up to the
customer to determine the suitability of the product in the
application.
Specifications may change without notice. The information we
supply is believed to be accurate and reliable as of this printing.
However, we assume no responsibility for its use.
SALES AND SERVICE
Honeywell serves its customers through a worldwide network
of sales offices, representatives and distributors. For
application assistance, current specifications, pricing or name
of the nearest Authorized Distributor, contact your local sales
office or:
E-mail: info.sc@honeywell.com
Internet: www.honeywell.com/sensing
Phone and Fax:
Asia Pacific
+65 6355-2828
+65 6445-3033 Fax
Europe
+44 (0) 1698 481481
+44 (0) 1698 481676 Fax
Latin America
+1-305-805-8188
+1-305-883-8257 Fax
USA/Canada
+1-800-537-6945
+1-815-235-6847
+1-815-235-6545 Fax


Podobny numer części - SS39ET

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Honeywell Accelerometer...
SS39ET HONEYWELL-ACC-SS39ET Datasheet
621Kb / 7P
   Linear Hall-Effect Sensor ICs
More results

Podobny opis - SS39ET

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Power System Technology
PST20 PST-PST20 Datasheet
221Kb / 3P
   Industrial applications
logo
Taiyo Yuden (U.S.A.), I...
GMJ325KB7106KMHP TAIYO-YUDEN-GMJ325KB7106KMHP Datasheet
289Kb / 2P
   Industrial Applications
GMJ107BB7104MAHT TAIYO-YUDEN-GMJ107BB7104MAHT Datasheet
288Kb / 2P
   Industrial Applications
JMJ325KB7476MMHP TAIYO-YUDEN-JMJ325KB7476MMHP Datasheet
288Kb / 2P
   Industrial Applications
logo
Power System Technology
PST04 PST-PST04 Datasheet
232Kb / 4P
   Industrial, naval applications
logo
Infineon Technologies A...
ITS711L1 INFINEON-ITS711L1_10 Datasheet
1Mb / 18P
   For Industrial Applications
Rev. 1.3, 2010-03-16
logo
List of Unclassifed Man...
WMF05S82K-F ETC2-WMF05S82K-F Datasheet
185Kb / 2P
   Commercial, Industrial Applications
logo
STMicroelectronics
AN2208 STMICROELECTRONICS-AN2208 Datasheet
2Mb / 51P
   Designing Industrial Applications with
logo
Power System Technology
PST19 PST-PST19 Datasheet
657Kb / 4P
   Naval and industrial applications
FAB0404010 PST-FAB0404010 Datasheet
213Kb / 3P
   Railways and industrial applications
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com