Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FQA11N90 Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części FQA11N90
Szczegółowy opis  900V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQA11N90 Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  FQA11N90 Datasheet HTML 1Page - Fairchild Semiconductor FQA11N90 Datasheet HTML 2Page - Fairchild Semiconductor FQA11N90 Datasheet HTML 3Page - Fairchild Semiconductor FQA11N90 Datasheet HTML 4Page - Fairchild Semiconductor FQA11N90 Datasheet HTML 5Page - Fairchild Semiconductor FQA11N90 Datasheet HTML 6Page - Fairchild Semiconductor FQA11N90 Datasheet HTML 7Page - Fairchild Semiconductor FQA11N90 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Rev. A, September 2000
(Note 4)
(Note 4, 5)
(Note 4, 5)
(Note 4)
©2000 Fairchild Semiconductor International
Electrical Characteristics
TC = 25°C unless otherwise noted
Notes:
1. Repetitive Rating : Pulse width limited by maximum junction temperature
2. L = 15mH, IAS = 11.4A, VDD = 50V, RG = 25 Ω, Starting TJ = 25°C
3. ISD ≤ 11.4A, di/dt ≤ 200A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
4. Pulse Test : Pulse width ≤ 300
µs, Duty cycle ≤ 2%
5. Essentially independent of operating temperature
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = 250 µA
900
--
--
V
∆BV
DSS
/
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = 250 µA, Referenced to 25°C
--
1.0
--
V/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 900 V, VGS = 0 V
--
--
10
µA
VDS = 720 V, TC = 125°C
--
--
100
µA
IGSSF
Gate-Body Leakage Current, Forward
VGS = 30 V, VDS = 0 V
--
--
100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = -30 V, VDS = 0 V
--
--
-100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250 µA
3.0
--
5.0
V
RDS(on)
Static Drain-Source
On-Resistance
VGS = 10 V, ID = 5.7 A
--
0.75
0.96
gFS
Forward Transconductance
VDS = 50 V, ID = 5.7 A
--
12
--
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 25 V, VGS = 0 V,
f = 1.0 MHz
--
2700
3500
pF
Coss
Output Capacitance
--
260
340
pF
Crss
Reverse Transfer Capacitance
--
30
40
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = 450 V, ID = 11.4 A,
RG = 25 Ω
--
65
140
ns
tr
Turn-On Rise Time
--
135
280
ns
td(off)
Turn-Off Delay Time
--
165
340
ns
tf
Turn-Off Fall Time
--
90
190
ns
Qg
Total Gate Charge
VDS = 720 V, ID = 11.4 A,
VGS = 10 V
--
72
94
nC
Qgs
Gate-Source Charge
--
16
--
nC
Qgd
Gate-Drain Charge
--
35
--
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
--
--
11.4
A
ISM
Maximum Pulsed Drain-Source Diode Forward Current
--
--
45.6
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0 V, IS = 11.4 A
--
--
1.4
V
trr
Reverse Recovery Time
VGS = 0 V, IS = 11.4 A,
dIF / dt = 100 A/µs
--
850
--
ns
Qrr
Reverse Recovery Charge
--
11.2
--
µC


Podobny numer części - FQA11N90

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FQA11N90 FAIRCHILD-FQA11N90 Datasheet
816Kb / 9P
   900V N-Channel MOSFET
FQA11N90 FAIRCHILD-FQA11N90 Datasheet
828Kb / 9P
   900V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQA11N90 ISC-FQA11N90 Datasheet
362Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FQA11N90-F109 FAIRCHILD-FQA11N90-F109 Datasheet
460Kb / 8P
   N-Channel QFET짰 MOSFET 900 V, 11.4 A, 960 m廓
FQA11N90C FAIRCHILD-FQA11N90C Datasheet
707Kb / 8P
   900V N-Channel MOSFET
More results

Podobny opis - FQA11N90

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FQP2N90 FAIRCHILD-FQP2N90 Datasheet
744Kb / 8P
   900V N-Channel MOSFET
FQPF5N90 FAIRCHILD-FQPF5N90 Datasheet
665Kb / 8P
   900V N-Channel MOSFET
FQA7N90 FAIRCHILD-FQA7N90 Datasheet
674Kb / 8P
   900V N-Channel MOSFET
FQB5N90 FAIRCHILD-FQB5N90 Datasheet
682Kb / 9P
   900V N-Channel MOSFET
FQB6N90 FAIRCHILD-FQB6N90 Datasheet
596Kb / 9P
   900V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS6N90 SEMIHOW-HFS6N90 Datasheet
996Kb / 7P
   900V N-Channel MOSFET
logo
Fairchild Semiconductor
FQB6N90TMAM002 FAIRCHILD-FQB6N90TMAM002 Datasheet
604Kb / 9P
   900V N-Channel MOSFET
FQD2N90 FAIRCHILD-FQD2N90_09 Datasheet
847Kb / 9P
   900V N-Channel MOSFET
FQA9N90C FAIRCHILD-FQA9N90C Datasheet
680Kb / 8P
   900V N-Channel MOSFET
FQA11N90 FAIRCHILD-FQA11N90_07 Datasheet
828Kb / 9P
   900V N-Channel MOSFET
logo
Shenzhen Meipusen Semic...
SLP9N90CZ MAPLESMI-SLP9N90CZ Datasheet
1Mb / 7P
   900V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com