Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2575-15TB5BT Arkusz danych(PDF) 2 Page - First Components International

Numer części LM2575-15TB5BT
Szczegółowy opis  1.0A Step - Down Voltage Switching Regulators 1A output current
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FCI [First Components International]
Strona internetowa  http://www.cotra.com.tw/
Logo FCI - First Components International

LM2575-15TB5BT Arkusz danych(HTML) 2 Page - First Components International

  LM2575-15TB5BT Datasheet HTML 1Page - First Components International LM2575-15TB5BT Datasheet HTML 2Page - First Components International LM2575-15TB5BT Datasheet HTML 3Page - First Components International LM2575-15TB5BT Datasheet HTML 4Page - First Components International LM2575-15TB5BT Datasheet HTML 5Page - First Components International LM2575-15TB5BT Datasheet HTML 6Page - First Components International LM2575-15TB5BT Datasheet HTML 7Page - First Components International LM2575-15TB5BT Datasheet HTML 8Page - First Components International LM2575-15TB5BT Datasheet HTML 9Page - First Components International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
-5.0TC5T
-5.0TC5R
TO-252-5
TO-252-5
MARKING INFORMATION & PIN CONFIGURATIONS
80 Units/ Tube
2,500 Units/ Tape & Reel
5.0
5.0
ON/OFF
Feedback
Ground
Output
VIN
TO-220- 5
V V, VVV = Output Voltage (33=3.3V , 120=12V,A=Adj)
A
= Assembly Location
Y
= Year
W W
= Weekly
2
TO-263-5(D PAK)
ON/OFF
Feedback
Ground
Output
VIN
TO-252-5 (DPAK)
ON/OFF
Feedback
Ground
Output
VIN
-ATA5T
-3.3TA5T
-5.0TA5T
-12TA5T
-15TA5T
-ATB5T
-3.3TB5T
-5.0TB5T
-12TB5T
-15TB5T
-ATB5BT
-3.3TB5BT
-5.0TB5BT
-12TB5BT
-15TB5BT
-ATA5R
-3.3TA5R
-5.0TA5R
-12TA5R
-15TA5R
TO-220-5
TO-220-5
TO-220-5
TO-220-5
TO-220-5
TO-220-5B
TO-220-5B
TO-220-5B
TO-220-5B
TO-220-5B
50 Units / Tube
50 Units / Tube
50 Units / Tube
50 Units / Tube
50 Units / Tube
50 Units / Tube
50 Units / Tube
50 Units / Tube
50 Units / Tube
50 Units / Tube
800 Units/ Tape & Reel
800 Units/ Tape & Reel
800 Units/ Tape & Reel
800 Units/ Tape & Reel
800 Units/ Tape & Reel
A d j
3.3
5.0
12
15
5.0
12
15
5.0
12
15
5.0
12
15
3.3
3.3
3.3
A d j
A d j
50 Units / Tube
50 Units / Tube
50 Units / Tube
50 Units / Tube
50 Units / Tube
Output Voltage
Package
Shipping
Ordering Number
ORDERING INFORMATION
A d j
TO-263-5
TO-263-5
TO-263-5
TO-263-5
TO-263-5
TO-263-5
TO-263-5
TO-263-5
TO-263-5
TO-263-5
* TB5B: Bent and Staggered Leads of TO-220 package
** For detail Ordering Number identification, please see last page.
ON/OFF
Feedback
Ground
Output
VIN
TO-220- 5B
1 2 3 4 5
LM2575
LM2575
LM2575
LM2575
LM2575
LM2575
LM2575
LM2575
LM2575
LM2575
LM2575
LM2575
LM2575
LM2575
LM2575
LM2575
LM2575
LM2575
LM2575
LM2575
LM2575
LM2575
LM2575 1.0A Step - Down Voltage Switching Regulators


Podobny numer części - LM2575-15TB5BT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
LM2575-15 MOTOROLA-LM2575-15 Datasheet
382Kb / 28P
   EASY SWITCHERE??1.0 A STEP-DOWN VOLTAGE REGULATOR
logo
Texas Instruments
LM2575-15IKC TI-LM2575-15IKC Datasheet
195Kb / 12P
[Old version datasheet]   1-A SIMPLE STEP DOWN SWITCHING VOLTAGE REGULATOR
LM2575-15IKTGR TI-LM2575-15IKTGR Datasheet
195Kb / 12P
[Old version datasheet]   1-A SIMPLE STEP DOWN SWITCHING VOLTAGE REGULATOR
LM2575-15IKTT TI-LM2575-15IKTT Datasheet
195Kb / 12P
[Old version datasheet]   1-A SIMPLE STEP DOWN SWITCHING VOLTAGE REGULATOR
LM2575-15IKTTR TI-LM2575-15IKTTR Datasheet
195Kb / 12P
[Old version datasheet]   1-A SIMPLE STEP DOWN SWITCHING VOLTAGE REGULATOR
More results

Podobny opis - LM2575-15TB5BT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
GS-R51212S STMICROELECTRONICS-GS-R51212S Datasheet
87Kb / 8P
   31WTRIPLE OUTPUT STEP-DOWN SWITCHING REGULATORS
logo
List of Unclassifed Man...
GM7110 ETC-GM7110 Datasheet
295Kb / 11P
   1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
Gamma Microelectronics ...
GM7110 GAMMA-GM7110_05 Datasheet
213Kb / 12P
   1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
GM7130 GAMMA-GM7130_1 Datasheet
142Kb / 9P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130 Datasheet
244Kb / 14P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATORS
GM7130_1312 GAMMA-GM7130_1312 Datasheet
2Mb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130_13 Datasheet
501Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM2574 GAMMA-GM2574 Datasheet
130Kb / 8P
   1.5A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130HV GAMMA-GM7130HV Datasheet
143Kb / 9P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Shanghai Leiditech Elec...
GM7130HV LEIDITECH-GM7130HV Datasheet
696Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com