Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AHC594T16 Arkusz danych(PDF) 6 Page - Diodes Incorporated

Numer części 74AHC594T16
Szczegółowy opis  8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIODES [Diodes Incorporated]
Strona internetowa  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AHC594T16 Arkusz danych(HTML) 6 Page - Diodes Incorporated

Back Button 74AHC594T16 Datasheet HTML 2Page - Diodes Incorporated 74AHC594T16 Datasheet HTML 3Page - Diodes Incorporated 74AHC594T16 Datasheet HTML 4Page - Diodes Incorporated 74AHC594T16 Datasheet HTML 5Page - Diodes Incorporated 74AHC594T16 Datasheet HTML 6Page - Diodes Incorporated 74AHC594T16 Datasheet HTML 7Page - Diodes Incorporated 74AHC594T16 Datasheet HTML 8Page - Diodes Incorporated 74AHC594T16 Datasheet HTML 9Page - Diodes Incorporated 74AHC594T16 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
74AHC594
Document number: DS35484 Rev. 3 - 2
6 of 11
www.diodes.com
June 2013
© Diodes Incorporated
74AHC594
Switching Characteristics (cont.)
Symbol /
Parameter
Pins
Test Conditions
VCC
TA = +25°C
-40°C°C to +85°C
-40°C°C to +125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
tPHLH
HIGH to LOW
Propagation
Delay
SHCP toQ7S
Figure 1 CL = 15pF
3.0V to 3.6V
5.5
8.9
2.3
10.2
2.3
11.0
ns
4.5V to 5.5V
4.1
6.7
1.9
7.6
1.9
8.2
Figure 1 CL = 50pF
3.0V to 3.6V
7.4
12.1
3.0
13.9
3.0
15.1
4.5V to 5.5V
5.4
8.8
2.5
10.1
2.5
11.0
STCP to Qn
Figure 1 CL = 15pF
3.0V to 3.6V
5.5
9.1
2.4
10.4
2.4
11.3
ns
4.5V to 5.5V
3.7
6.0
1.9
6.9
1.9
7.5
Figure 1 CL = 50pF
3.0V to 3.6V
7.3
12.0
3.2
13.8
3.2
15.0
4.5V to 5.5V
5.2
8.5
2.6
9.7
2.6
10.5
SHR to
Q7S
Figure 1 CL = 15pF
3.0V to 3.6V
5.7
9.5
2.3
10.8
2.3
11.7
ns
4.5V to 5.5V
4.1
6.7
2.0
7.6
2.0
8.2
Figure 1 CL = 50pF
3.0V to 3.6V
7.5
12.2
3.6
14.0
3.6
15.2
4.5V to 5.5V
5.4
8.8
2.8
10.1
2.8
11.0
STR
to Qn
Figure 1 CL = 15pF
3.0V to 3.6V
4.1
7.2
2.2
8.2
2.2
8.9
ns
4.5V to 5.5V
4.1
7.2
2.2
8.2
2.2
8.9
Figure 1 CL = 50pF
3.0V to 3.6V
5.4
9.4
3.0
10.7
3.0
11.6
4.5V to 5.5V
5.4
9.4
3.0
10.7
3.0
11.6
tPHL
Propagation
Delay
SHR to Q7S
Figure 1
2.0V
39
150
185
225
ns
4.5V
14
30
37
45
5.0V
11
6.0V
12
26
31
38
STR to Qn
Figure 1
2.0V
39
125
155
185
ns
4.5V
14
25
31
37
5.0V
11
6.0V
12
21
26
31
tTHL
Transition
Time
Serial data
output Q7S
Figure 1
2.0V
19
75
95
110
ns
4.5V
7
15
19
22
6.0V
6
13
16
19
Parallel Data
Outputs QN
Figure 1
2.0V
14
60
75
90
ns
4.5V
5
12
15
18
6.0V
4
10
13
15
Operating Characteristics (@TA = +25°C, unless otherwise specified.)
Parameter
Test
Conditions
VCC = 5V
Unit
Typ
Cpd
Power dissipation
capacitance
f = 1 MHz all outputs switching-no load
51
pF


Podobny numer części - 74AHC594T16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74AHC594 PHILIPS-74AHC594 Datasheet
153Kb / 29P
   8-bit shift register with output register
Rev. 01-4 July 2006
logo
Nexperia B.V. All right...
74AHC594 NEXPERIA-74AHC594 Datasheet
306Kb / 20P
   8-bit shift register with output register
Rev. 4 - 7 July 2021
74AHC594-Q100 NEXPERIA-74AHC594-Q100 Datasheet
764Kb / 24P
   8-bit shift register with output register
logo
NXP Semiconductors
74AHC594BQ PHILIPS-74AHC594BQ Datasheet
153Kb / 29P
   8-bit shift register with output register
Rev. 01-4 July 2006
logo
Nexperia B.V. All right...
74AHC594BQ NEXPERIA-74AHC594BQ Datasheet
306Kb / 20P
   8-bit shift register with output register
Rev. 4 - 7 July 2021
More results

Podobny opis - 74AHC594T16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
74HCT594 DIODES-74HCT594 Datasheet
277Kb / 12P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74AHC595 DIODES-74AHC595 Datasheet
319Kb / 10P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74HC594 DIODES-74HC594 Datasheet
260Kb / 10P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74HCT595 DIODES-74HCT595 Datasheet
346Kb / 11P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74AHCT594 DIODES-74AHCT594 Datasheet
191Kb / 10P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74HC595 DIODES-74HC595 Datasheet
249Kb / 11P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74AHCT595 DIODES-74AHCT595 Datasheet
255Kb / 10P
   8-BIT SHIFT REGISTER 8-BIT OUTPUT REGISTER
logo
NXP Semiconductors
74LVC594A NXP-74LVC594A Datasheet
108Kb / 19P
   8-bit shift register with output register
Rev. 01 - 24 May 2007
74HC_HCT594 PHILIPS-74HC_HCT594_15 Datasheet
137Kb / 26P
   8-bit shift register with output register
Rev. 03-20 December 2006
logo
Nexperia B.V. All right...
74LVC594A NEXPERIA-74LVC594A Datasheet
286Kb / 18P
   8-bit shift register with output register
Rev. 4 - 3 September 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com