Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AHCT138S16 Arkusz danych(PDF) 1 Page - Diodes Incorporated

Numer części 74AHCT138S16
Szczegółowy opis  3 TO 8 LINE DECODER DEMULTIPLEXER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIODES [Diodes Incorporated]
Strona internetowa  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AHCT138S16 Arkusz danych(HTML) 1 Page - Diodes Incorporated

  74AHCT138S16 Datasheet HTML 1Page - Diodes Incorporated 74AHCT138S16 Datasheet HTML 2Page - Diodes Incorporated 74AHCT138S16 Datasheet HTML 3Page - Diodes Incorporated 74AHCT138S16 Datasheet HTML 4Page - Diodes Incorporated 74AHCT138S16 Datasheet HTML 5Page - Diodes Incorporated 74AHCT138S16 Datasheet HTML 6Page - Diodes Incorporated 74AHCT138S16 Datasheet HTML 7Page - Diodes Incorporated 74AHCT138S16 Datasheet HTML 8Page - Diodes Incorporated 74AHCT138S16 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
74AHCT138
Document number: DS35483 Rev. 2 - 2
1 of 9
www.diodes.com
June 2013
© Diodes Incorporated
74AHCT138
3 TO 8 LINE DECODER DEMULTIPLEXER
Description
The 74AHCT138 is an advanced high speed CMOS device that is
designed to be pin compatable with 74LS low power Schottky types.
The device accepts a three bit binary weighted address on input pins
A0, A1 and A2 and when enabled will produce one active low output
with the remaining seven being high.
There are two active LOW enable inputs E1 and E2, and one active
HIGH enable input E3. The disabled device state results in all outputs
being high. The enable state occurs with E1 and E2 asserted low and
E3 asserted high.
The multiple enable lines allow for the parallel expansion of decoders
to create 4-to-16 line versions with no additional parts and 5-to-32
versions with the addition of a single inverter.
Features
Supply Voltage Range from 4.5V to 5.5V
Sinks or Sources 8mA at VCC = 4.5V
CMOS Low Power Consumption
Schmitt Trigger Action at All Inputs
Inputs Accept up to 6.0V
ESD Protection Tested per JESD 22
Exceeds 200-V Machine Model (A115-A)
Exceeds 2000-V Human Body Model (A114-A)
Exceeds 1000-V Charged Device Model (C101C)
Latch-Up Exceeds 250mA per JESD 78, Class II
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
Applications
Memory chip select decoding
Demultiplexing
Single line peripheral control
Allow simple serial bit streams from a microcontroller to control as
many peripheral lines as needed
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Click here for ordering information, located at the end of datasheet


Podobny numer części - 74AHCT138S16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74AHCT138 PHILIPS-74AHCT138 Datasheet
84Kb / 16P
   3-to-8 line decoder/demultiplexer; inverting
1999 Sep 27
logo
Nexperia B.V. All right...
74AHCT138 NEXPERIA-74AHCT138 Datasheet
260Kb / 15P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 5 - 10 September 2020
74AHCT138-Q100 NEXPERIA-74AHCT138-Q100 Datasheet
718Kb / 17P
   Automotive product qualification in accordance with AEC-Q100
74AHCT138BQ NEXPERIA-74AHCT138BQ Datasheet
260Kb / 15P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 5 - 10 September 2020
74AHCT138BQ-Q100 NEXPERIA-74AHCT138BQ-Q100 Datasheet
718Kb / 17P
   Automotive product qualification in accordance with AEC-Q100
More results

Podobny opis - 74AHCT138S16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74ACT11238 TI-74ACT11238 Datasheet
96Kb / 7P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN74LV138AT TI1-SN74LV138AT_15 Datasheet
984Kb / 19P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN74LVC138A-Q1 TI1-SN74LVC138A-Q1_15 Datasheet
808Kb / 14P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
logo
Renesas Technology Corp
HD74HC138 RENESAS-HD74HC138 Datasheet
67Kb / 9P
   3-to-8-line Decoder/Demultiplexer
HD74LVC138 RENESAS-HD74LVC138 Datasheet
178Kb / 6P
   3-to-8-line Decoder / Demultiplexer
HD74LV138A RENESAS-HD74LV138A_15 Datasheet
118Kb / 9P
   3-to-8-line Decoder / Demultiplexer
logo
Mitsubishi Electric Sem...
M74LS138P MITSUBISHI-M74LS138P Datasheet
215Kb / 4P
   3-LINE TO 8-LINE DECODER / DEMULTIPLEXER
logo
Texas Instruments
SN74LVC138A-EP TI1-SN74LVC138A-EP Datasheet
612Kb / 13P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN54HCT138 TI1-SN54HCT138_16 Datasheet
1Mb / 20P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
logo
Hitachi Semiconductor
HD74LVC138 HITACHI-HD74LVC138 Datasheet
37Kb / 8P
   3-to-8-line Decoder / Demultiplexer
logo
Diodes Incorporated
74AHC138 DIODES-74AHC138 Datasheet
307Kb / 10P
   3-TO-8 LINE DECODER DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com