Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT138T16-13 Arkusz danych(PDF) 5 Page - Diodes Incorporated

Numer części 74HCT138T16-13
Szczegółowy opis  3 TO 8 LINE DECODER DEMULTIPLEXER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIODES [Diodes Incorporated]
Strona internetowa  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74HCT138T16-13 Arkusz danych(HTML) 5 Page - Diodes Incorporated

  74HCT138T16-13 Datasheet HTML 1Page - Diodes Incorporated 74HCT138T16-13 Datasheet HTML 2Page - Diodes Incorporated 74HCT138T16-13 Datasheet HTML 3Page - Diodes Incorporated 74HCT138T16-13 Datasheet HTML 4Page - Diodes Incorporated 74HCT138T16-13 Datasheet HTML 5Page - Diodes Incorporated 74HCT138T16-13 Datasheet HTML 6Page - Diodes Incorporated 74HCT138T16-13 Datasheet HTML 7Page - Diodes Incorporated 74HCT138T16-13 Datasheet HTML 8Page - Diodes Incorporated 74HCT138T16-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
74HCT138
Document number: DS35489 Rev. 3 - 2
5 of 10
www.diodes.com
June 2013
© Diodes Incorporated
74HCT138
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Test Conditions
Vcc
TA = 25°C
-40°C to 85°C
-40°C to 125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
VIH
High-level
Input Voltage
4.5V to 5.5V 2.0
1.6
2.0
2.0
V
VIL
Low-level
input voltage
4.5V to 5.5V
1.2
0.8
0.8
0.8
V
VOH
High Level
Output
Voltage
IOH = -20 μA
4.5V
4.4
4.5
4.4
4.4
V
IOH = -4 mA
4.5V
3.98
4.32
3.85
3.7
VOL
Low-level
Output
Voltage
IOL = 20 μA
4.5V
0
0.1
0.1
0.1
V
IOL = 4 mA
4.5V
0.15
0.26
0.33
0.4
II
Input Current
VI =GND to
5.5 V
5.5V
±0.1
± 1
± 1
μA
ICC
Supply
Current
VI = GND or VCC
IO=0
5.5V
8.0
80
160
μA
∆ICC
Additional
Supply
Current
Test Per
Pin
VI =
Vcc -2.1 V
Other
VI = Vcc
or GND
IO=0
PINS
An
4.5V to 5.5V
150
540
675
735
μA
PIN En
125
450
563
613
PIN E3
100
360
450
490
μA
Ci
Input
Capacitance
Vi = VCC or GND
5.5V
4
10
10
10
pF
Switching Characteristics
Symbol /
Parameter
Pins
Test
Conditions
Vcc
TA=25°C
-40°C to 85°C
-40°C to 125°C
Unit
Min
Typ.
Max
Min
Max
Min
Max
tPLH,
tPLH
Propagation
Delay
An to Yn
Figure 2
4.5V
20
35
35
45
ns
5.0V
17
E3 to Yn
Figure 2
4.5V
18
40
40
45
5.0V
19
En to Yn
Figure 2
4.5V
19
40
40
45
5.0V
19
tTLH,
tTHL
Transition
Time
Yn
Figure 2
4.5 V
7
15
15
110
ns


Podobny numer części - 74HCT138T16-13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT138 PHILIPS-74HCT138 Datasheet
50Kb / 7P
   3-to-8 line decoder/demultiplexer; inverting
September 1993
74HCT138 NXP-74HCT138 Datasheet
211Kb / 19P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 4-27 June 2012
74HCT138 NXP-74HCT138 Datasheet
211Kb / 19P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 4-27 June 2012
74HCT138 NXP-74HCT138 Datasheet
211Kb / 19P
   3-to-8 line decoder/demultiplexer inverting
Rev. 4-27 June 2012
logo
Nexperia B.V. All right...
74HCT138 NEXPERIA-74HCT138 Datasheet
274Kb / 15P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 9 - 13 August 2021
More results

Podobny opis - 74HCT138T16-13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74ACT11238 TI-74ACT11238 Datasheet
96Kb / 7P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN74LV138AT TI1-SN74LV138AT_15 Datasheet
984Kb / 19P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN74LVC138A-Q1 TI1-SN74LVC138A-Q1_15 Datasheet
808Kb / 14P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
logo
Renesas Technology Corp
HD74HC138 RENESAS-HD74HC138 Datasheet
67Kb / 9P
   3-to-8-line Decoder/Demultiplexer
HD74LVC138 RENESAS-HD74LVC138 Datasheet
178Kb / 6P
   3-to-8-line Decoder / Demultiplexer
HD74LV138A RENESAS-HD74LV138A_15 Datasheet
118Kb / 9P
   3-to-8-line Decoder / Demultiplexer
logo
Mitsubishi Electric Sem...
M74LS138P MITSUBISHI-M74LS138P Datasheet
215Kb / 4P
   3-LINE TO 8-LINE DECODER / DEMULTIPLEXER
logo
Texas Instruments
SN74LVC138A-EP TI1-SN74LVC138A-EP Datasheet
612Kb / 13P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN54HCT138 TI1-SN54HCT138_16 Datasheet
1Mb / 20P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
logo
Hitachi Semiconductor
HD74LVC138 HITACHI-HD74LVC138 Datasheet
37Kb / 8P
   3-to-8-line Decoder / Demultiplexer
logo
Diodes Incorporated
74AHC138 DIODES-74AHC138 Datasheet
307Kb / 10P
   3-TO-8 LINE DECODER DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com