Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5449YRU-REEL7 Arkusz danych(PDF) 7 Page - Analog Devices

Numer części AD5449YRU-REEL7
Szczegółowy opis  Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5449YRU-REEL7 Arkusz danych(HTML) 7 Page - Analog Devices

Back Button AD5449YRU-REEL7 Datasheet HTML 3Page - Analog Devices AD5449YRU-REEL7 Datasheet HTML 4Page - Analog Devices AD5449YRU-REEL7 Datasheet HTML 5Page - Analog Devices AD5449YRU-REEL7 Datasheet HTML 6Page - Analog Devices AD5449YRU-REEL7 Datasheet HTML 7Page - Analog Devices AD5449YRU-REEL7 Datasheet HTML 8Page - Analog Devices AD5449YRU-REEL7 Datasheet HTML 9Page - Analog Devices AD5449YRU-REEL7 Datasheet HTML 10Page - Analog Devices AD5449YRU-REEL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
AD5429/AD5439/AD5449
Rev. C | Page 7 of 32
ABSOLUTE MAXIMUM RATINGS
Transient currents of up to 100 mA do not cause SCR latch-up.
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
VDD to GND
−0.3 V to +7 V
VREFx, RFBx to GND
−12 V to +12 V
IOUT1, IOUT2 to GND
−0.3 V to +7 V
Input Current to Any Pin Except Supplies
±10 mA
Logic Inputs and Output1
−0.3 V to VDD + 0.3 V
Operating Temperature Range
Extended (Y Version)
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
16-Lead TSSOP, θJA Thermal Impedance
150°C/W
Lead Temperature, Soldering (10 sec)
300°C
IR Reflow, Peak Temperature (<20 sec)
235°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability. Only one absolute maximum rating may be
applied at any one time.
ESD CAUTION
1 Overvoltages at SCLK, SYNC, and SDIN are clamped by internal diodes.


Podobny numer części - AD5449YRU-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5449YRU-REEL7 AD-AD5449YRU-REEL7 Datasheet
860Kb / 32P
   Dual 8-,10-,12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
AD5449YRU-REEL7 AD-AD5449YRU-REEL7 Datasheet
717Kb / 28P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
Rev. E
AD5449YRU-REEL7 AD-AD5449YRU-REEL7 Datasheet
828Kb / 28P
   Multiplying DACs with Serial Interface
More results

Podobny opis - AD5449YRU-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5429 AD-AD5429_13 Datasheet
717Kb / 28P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
Rev. E
AD5449 AD-AD5449_15 Datasheet
939Kb / 29P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
Rev. E
AD5429 AD-AD5429 Datasheet
860Kb / 32P
   Dual 8-,10-,12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
AD5429 AD-AD5429_15 Datasheet
939Kb / 29P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
Rev. E
AD5439 AD-AD5439_15 Datasheet
939Kb / 29P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
Rev. E
AD5432 AD-AD5432_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5443 AD-AD5443_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5426 AD-AD5426_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5426 AD-AD5426 Datasheet
553Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
AD5426 AD-AD5426_13 Datasheet
754Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com