Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9779BSVZ Arkusz danych(PDF) 7 Page - Analog Devices

Numer części AD9779BSVZ
Szczegółowy opis  Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9779BSVZ Arkusz danych(HTML) 7 Page - Analog Devices

Back Button AD9779BSVZ Datasheet HTML 3Page - Analog Devices AD9779BSVZ Datasheet HTML 4Page - Analog Devices AD9779BSVZ Datasheet HTML 5Page - Analog Devices AD9779BSVZ Datasheet HTML 6Page - Analog Devices AD9779BSVZ Datasheet HTML 7Page - Analog Devices AD9779BSVZ Datasheet HTML 8Page - Analog Devices AD9779BSVZ Datasheet HTML 9Page - Analog Devices AD9779BSVZ Datasheet HTML 10Page - Analog Devices AD9779BSVZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
AD9776/AD9778/AD9779
Rev. A | Page 7 of 56
DIGITAL INPUT DATA TIMING SPECIFICATIONS
Table 3. AD9776, AD9778, and AD9779 Digital Input Data Timing Specifications
Parameter
Min
Typ
Max
Unit
INPUT DATA (ALL MODES, −40°C to +85°C)1
Set-Up Time, Input Data to DATACLK
+2.5
ns
Hold Time, Input Data to DATACLK
−0.4
ns
Set-Up Time, Input Data to REFCLK
−0.8
ns
Hold Time, Input Data to REFCLK
+2.9
ns
1 Timing vs. temperature and data valid keep out windows are delineated in Table 19.
AC SPECIFICATIONS
TMIN to TMAX, AVDD33 = 3.3 V, DVDD33 = 3.3 V, DVDD18 = 1.8 V, CVDD18 = 1.8 V,
= 20 mA, maximum sample rate, unless
otherwise noted.
S
OUTF
I
Table 4. AD9776, AD9778, and AD9779 AC Specifications
AD9776
AD9778
AD9779
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
SPURIOUS FREE DYNAMIC RANGE (SFDR)
fDAC = 100 MSPS, fOUT = 20 MHz
82
82
82
dBc
fDAC = 200 MSPS, fOUT = 50 MHz
81
81
82
dBc
fDAC = 400 MSPS, fOUT = 70 MHz
80
80
80
dBc
fDAC = 800 MSPS, fOUT = 70 MHz
85
85
87
dBc
TWO-TONE INTERMODULATION DISTORTION
(IMD)
fDAC = 200 MSPS, fOUT = 50 MHz
87
87
91
dBc
fDAC = 400 MSPS, fOUT = 60 MHz
80
85
85
dBc
fDAC = 400 MSPS, fOUT = 80 MHz
75
81
81
dBc
fDAC = 800 MSPS, fOUT = 100 MHz
75
80
81
dBc
NOISE SPECTRAL DENSITY (NSD) EIGHT-TONE,
500 kHz TONE SPACING
fDAC = 200 MSPS, fOUT = 80 MHz
−152
−155
−158
dBm/Hz
fDAC = 400 MSPS, fOUT = 80 MHz
−155
−159
−160
dBm/Hz
fDAC = 800 MSPS, fOUT = 80 MHz
−157.5
−160
−161
dBm/Hz
WCDMA ADJACENT CHANNEL LEAKAGE
RATIO (ACLR), SINGLE CARRIER
fDAC = 491.52 MSPS, fOUT = 100 MHz
76
78
79
dBc
fDAC = 491.52 MSPS, fOUT = 200 MHz
69
73
74
dBc
WCDMA SECOND ADJACENT CHANNEL
LEAKAGE RATIO (ACLR), SINGLE CARRIER
fDAC = 491.52 MSPS, fOUT = 100 MHz
77.5
80
81
dBc
fDAC = 491.52 MSPS, fOUT = 200 MHz
76
78
78
dBc


Podobny numer części - AD9779BSVZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9779BSVZ1 AD-AD9779BSVZ1 Datasheet
1Mb / 56P
   Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
REV. A
AD9779BSVZRL1 AD-AD9779BSVZRL1 Datasheet
1Mb / 56P
   Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
REV. A
More results

Podobny opis - AD9779BSVZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9778A AD-AD9778A_15 Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS Digital-to-Analog Converters
REV. B
AD9779A AD-AD9779A_15 Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS Digital-to-Analog Converters
REV. B
AD9779 AD-AD9779_15 Datasheet
1Mb / 56P
   Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
REV. A
AD9776 AD-AD9776 Datasheet
1Mb / 56P
   Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
REV. A
AD9776A AD-AD9776A Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS Digital-to-Analog Converters
REV. B
AD9778 AD-AD9778_15 Datasheet
1Mb / 56P
   Dual 12-/14-/16-Bit, 1 GSPS, Digital-to-Analog Converters
REV. A
AD9779ABSVZ AD-AD9779ABSVZ Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS
REV. B
AD9776A AD-AD9776A_15 Datasheet
1Mb / 56P
   Dual, 12-/14-/16-Bit,1 GSPS
REV. B
AD9161 AD-AD9161 Datasheet
2Mb / 144P
   11-Bit/16-Bit, 12 GSPS, RF Digital-to-Analog Converters
Rev. D
logo
Texas Instruments
ADS5400-SP TI1-ADS5400-SP Datasheet
1Mb / 46P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com