Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADF7023BCPZ Arkusz danych(PDF) 7 Page - Analog Devices

Numer części ADF7023BCPZ
Szczegółowy opis  High Performance, Low Power, ISM Band FSK/GFSK/OOK/MSK/GMSK Transceiver IC
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADF7023BCPZ Arkusz danych(HTML) 7 Page - Analog Devices

Back Button ADF7023BCPZ Datasheet HTML 3Page - Analog Devices ADF7023BCPZ Datasheet HTML 4Page - Analog Devices ADF7023BCPZ Datasheet HTML 5Page - Analog Devices ADF7023BCPZ Datasheet HTML 6Page - Analog Devices ADF7023BCPZ Datasheet HTML 7Page - Analog Devices ADF7023BCPZ Datasheet HTML 8Page - Analog Devices ADF7023BCPZ Datasheet HTML 9Page - Analog Devices ADF7023BCPZ Datasheet HTML 10Page - Analog Devices ADF7023BCPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 112 page
background image
Data Sheet
ADF7023
Rev. C | Page 7 of 112
TRANSMITTER SPECIFICATIONS
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions
DATA RATE
2FSK/GFSK/MSK/GMSK
1
300
kbps
OOK
2.4
19.2
kbps
Manchester encoding enabled (Manchester chip
rate = 2 × data rate)
Data Rate Resolution
100
bps
MODULATION ERROR RATE (MER)
RF frequency = 928 MHz, GFSK
10 kbps to 49.5 kbps
25.4
dB
Modulation index = 1
49.6 kbps to 129.5 kbps
25.3
dB
Modulation index = 1
129.6 kbps to 179.1 kbps
23.9
dB
Modulation index = 0.5
179.2 kbps to 239.9 kbps
23.3
dB
Modulation index = 0.5
240 kbps to 300 kbps
23
dB
Modulation index = 0.5
MODULATION
2FSK/GFSK/MSK/GMSK Frequency
Deviation
0.1
409.5
kHz
Deviation Frequency Resolution
100
Hz
Gaussian Filter BT
0.5
Nonprogrammable
OOK
PA Off Feedthrough
−94
dBm
VCO Frequency Pulling
30
kHz
rms
Data rate = 19.2 kbps (38.4 kcps Manchester
encoded), PA output = 10 dBm, PA ramp rate =
64 codes/bit
SINGLE-ENDED PA
Maximum Power1
13.5
dBm
Programmable, separate PA and LNA match2
Minimum Power
−20
dBm
Transmit Power Variation vs.
Temperature
±0.5
dB
From −40°C to +85°C, RF frequency = 868 MHz
Transmit Power Variation vs. V
DD
±1
dB
From 2.2 V to 3.6 V, RF frequency = 868 MHz
Transmit Power Flatness
±1
dB
From 902 MHz to 928 MHz and 863 MHz to
870 MHz
Programmable Step Size
−20 dBm to +13.5 dBm
0.5
dB
Programmable in 63 steps
DIFFERENTIAL PA
Maximum Power1
10
dBm
Programmable
Minimum Power
−20
dBm
Transmit Power Variation vs.
Temperature
±1
dB
From −40°C to +85°C, RF frequency = 868 MHz
Transmit Power Variation vs. V
DD
±2
dB
From 2.2 V to 3.6 V, RF frequency = 868 MHz
Transmit Power Flatness
±1
dB
From 863 MHz to 870 MHz
Programmable Step Size
−20 dBm to +10 dBm
0.5
dB
Programmable in 63 steps
HARMONICS
868 MHz, unfiltered conductive, PA output power
= 10 dBm
Single-Ended PA
Second Harmonic
−15.1
dBc
Third Harmonic
−29.3
dBc
All Other Harmonics
−47.6
dBc
Differential PA
Second Harmonic
−23.2
dBc
Third Harmonic
−25.2
dBc
All Other Harmonics
−24.2
dBc


Podobny numer części - ADF7023BCPZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADF7023BCPZ AD-ADF7023BCPZ Datasheet
1Mb / 112P
   High Performance, Low Power, ISM Band FSK/GFSK/OOK/MSK/GMSK Transceiver IC
ADF7023BCPZ-RL AD-ADF7023BCPZ-RL Datasheet
1Mb / 112P
   High Performance, Low Power, ISM Band FSK/GFSK/OOK/MSK/GMSK Transceiver IC
More results

Podobny opis - ADF7023BCPZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADF7023 AD-ADF7023 Datasheet
1Mb / 112P
   High Performance, Low Power, ISM Band FSK/GFSK/OOK/MSK/GMSK Transceiver IC
ADF7023-J AD-ADF7023-J Datasheet
1Mb / 100P
   High Performance, Low Power, ISM Band FSK/GFSK/MSK/GMSK Transceiver IC
REV. 0
ADF7901 AD-ADF7901_15 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7901 AD-ADF7901_06 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7011 AD-ADF7011 Datasheet
567Kb / 24P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7011 AD-ADF7011_15 Datasheet
573Kb / 24P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010BRUZ AD-ADF7010BRUZ Datasheet
615Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010 AD-ADF7010 Datasheet
561Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010 AD-ADF7010_15 Datasheet
615Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
logo
ON Semiconductor
NCV53480 ONSEMI-NCV53480 Datasheet
542Kb / 60P
   Low-Power OOK/FSK/ASK ISM Band Transceiver
August, 2013 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com