Zakładka z wyszukiwarką danych komponentów |
|
ADG704BRMZ-REEL7 Arkusz danych(PDF) 2 Page - Analog Devices |
|
ADG704BRMZ-REEL7 Arkusz danych(HTML) 2 Page - Analog Devices |
2 / 8 page –2– REV. A ADG704–SPECIFICATIONS1 (VDD = +5 V 10%, GND = 0 V. All Specifications –40 C to +85 C, unless otherwise noted.) B Version –40 C to Parameter +25 C +85 C Units Test Conditions/Comments ANALOG SWITCH Analog Signal Range 0 V to VDD V On-Resistance (RON) 2.5 Ω typ VS = 0 V to VDD, IDS = –10 mA; 4 4.5 Ω max Test Circuit 1 On-Resistance Match Between Channels ( ∆R ON) 0.1 Ω typ VS = 0 V to VDD, IDS = –10 mA 0.4 Ω max On-Resistance Flatness (RFLAT(ON))0.75 Ω typ VS = 0 V to VDD, IDS = –10 mA 1.2 Ω max LEAKAGE CURRENTS VDD = +5.5 V Source OFF Leakage IS (OFF) ±0.01 nA typ VS = 4.5 V/1 V, VD = 1 V/4.5 V; ±0.1 ±0.3 nA max Test Circuit 2 Drain OFF Leakage ID (OFF) ±0.01 nA typ VS = 4.5 V/1 V, VD = 1 V/4.5 V; ±0.1 ±0.3 nA max Test Circuit 2 Channel ON Leakage ID, IS (ON) ±0.01 nA typ VS = VD = 4.5 V or 1 V; ±0.1 ±0.3 nA max Test Circuit 3 DIGITAL INPUTS Input High Voltage, VINH 2.4 V min Input Low Voltage, VINL 0.8 V max Input Current IINL or IINH 0.005 µA typ VIN = VINL or VINH ±0.1 µA max DYNAMIC CHARACTERISTICS 2 tON 14 ns typ RL = 300 Ω, C L = 35 pF 20 ns max VS = 3 V, Test Circuit 4 tOFF 6 ns typ RL = 300 Ω, C L = 35 pF 13 ns max VS = 3 V, Test Circuit 4 Break-Before-Make Time Delay, tD 8 ns typ RL = 300 Ω, CL = 35 pF 1 ns min VS1 = VS2 = 3 V, Test Circuit 5 Charge Injection 3 pC typ VS = 2 V, RS = 0 Ω, C L = 1 nF; Test Circuit 6 Off Isolation –60 dB typ RL = 50 Ω, C L = 5 pF, f = 10 MHz –80 dB typ RL = 50 Ω, C L = 5 pF, f = 1 MHz; Test Circuit 7 Channel-to-Channel Crosstalk –62 dB typ RL = 50 Ω, C L = 5 pF, f = 10 MHz –82 dB typ RL = 50 Ω, C L = 5 pF, f = 1 MHz; Test Circuit 8 Bandwidth –3 dB 200 MHz typ RL = 50 Ω, C L = 5 pF; Test Circuit 9 CS (OFF) 9 pF typ CD (OFF) 37 pF typ CD, CS (ON) 54 pF typ POWER REQUIREMENTS VDD = +5.5 V Digital Inputs = 0 V or 5 V IDD 0.001 µA typ 1.0 µA max NOTES 1Temperature ranges are as follows: B Version: –40 °C to +85°C. 2Guaranteed by design, not subject to production test. Specifications subject to change without notice. |
Podobny numer części - ADG704BRMZ-REEL7 |
|
Podobny opis - ADG704BRMZ-REEL7 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |