Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG711BR Arkusz danych(PDF) 9 Page - Analog Devices

Numer części ADG711BR
Szczegółowy opis  CMOS Low Voltage, 4 廓 Quad, SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG711BR Arkusz danych(HTML) 9 Page - Analog Devices

Back Button ADG711BR Datasheet HTML 5Page - Analog Devices ADG711BR Datasheet HTML 6Page - Analog Devices ADG711BR Datasheet HTML 7Page - Analog Devices ADG711BR Datasheet HTML 8Page - Analog Devices ADG711BR Datasheet HTML 9Page - Analog Devices ADG711BR Datasheet HTML 10Page - Analog Devices ADG711BR Datasheet HTML 11Page - Analog Devices ADG711BR Datasheet HTML 12Page - Analog Devices ADG711BR Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADG711/ADG712/ADG713
TEST CIRCUITS
VS
S
V1
D
IDS
RON = V1/IDS
Figure 11. On Resistance
VS
SD
IS (OFF)
ID (OFF)
A
VD
A
Figure 12. Off Leakage
VS
SD
ID (ON)
VD
A
Figure 13. On Leakage
VDD
VDD
VS
VIN
50%
50%
ADG711
VIN
VS
VOUT
50%
90%
90%
50%
ADG712
VOUT
RL
300Ω
CL
35pF
GND
IN
SD
0.1µF
tON
tOFF
Figure 14. Switching Times
VDD
VDD
50%
50%
0V
0V
0V
ADG713
VS1
VS2
90%
90%
90%
VOUT2
VOUT2
RL2
300Ω
CL2
35pF
GND
IN1, IN2
S2
D2
VOUT1
VOUT1
VIN
RL1
300Ω
CL1
35pF
S1
D1
0.1µF
tD
90%
tD
Figure 15. Break-Before-Make Time Delay, tD
VDD
VDD
VS
RS
VIN
VOUT
SW ON
SW OFF
QINJ = CL × VOUT
VOUT
CL
15nF
GND
IN
SD
∆VOUT
Figure 16. Charge Injection


Podobny numer części - ADG711BR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG711BR AD-ADG711BR Datasheet
119Kb / 8P
   CMOS Low Voltage 4 ohm Quad SPST Switches
REV. 0
ADG711BRU AD-ADG711BRU Datasheet
119Kb / 8P
   CMOS Low Voltage 4 ohm Quad SPST Switches
REV. 0
ADG711BRUZ AD-ADG711BRUZ Datasheet
259Kb / 16P
   CMOS Low Voltage, 4 廓 Quad, SPST Switches
REV. B
More results

Podobny opis - ADG711BR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG711BRUZ AD-ADG711BRUZ Datasheet
259Kb / 16P
   CMOS Low Voltage, 4 廓 Quad, SPST Switches
REV. B
logo
Maxim Integrated Produc...
MAX4651 MAXIM-MAX4651 Datasheet
399Kb / 15P
   Low-Voltage, 4?? Quad, SPST, CMOS Analog Switches
Rev 2; 2/02
logo
Analog Devices
ADG711 AD-ADG711 Datasheet
119Kb / 8P
   CMOS Low Voltage 4 ohm Quad SPST Switches
REV. 0
ADG702BRMZ AD-ADG702BRMZ Datasheet
271Kb / 12P
   CMOS Low Voltage 2 廓 SPST Switches
REV. C
ADG701 AD-ADG701_06 Datasheet
271Kb / 12P
   CMOS Low Voltage 2 廓 SPST Switches
REV. C
logo
Maxim Integrated Produc...
MAX4677 MAXIM-MAX4677_V01 Datasheet
1Mb / 13P
   2廓, Quad, SPST, CMOS Analog Switches
2021
MAX4610 MAXIM-MAX4610 Datasheet
1Mb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 2; 11/03
MAX312 MAXIM-MAX312_V01 Datasheet
420Kb / 12P
   10廓, Quad, SPST, CMOS Analog Switches
19-0420; Rev 2; 7/02
MAX4610 MAXIM-MAX4610_09 Datasheet
162Kb / 11P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 6; 5/09
MAX4610 MAXIM-MAX4610_07 Datasheet
422Kb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 5; 6/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com