Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG711BR-REEL Arkusz danych(PDF) 4 Page - Analog Devices

Numer części ADG711BR-REEL
Szczegółowy opis  CMOS Low Voltage, 4 廓 Quad, SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG711BR-REEL Arkusz danych(HTML) 4 Page - Analog Devices

  ADG711BR-REEL Datasheet HTML 1Page - Analog Devices ADG711BR-REEL Datasheet HTML 2Page - Analog Devices ADG711BR-REEL Datasheet HTML 3Page - Analog Devices ADG711BR-REEL Datasheet HTML 4Page - Analog Devices ADG711BR-REEL Datasheet HTML 5Page - Analog Devices ADG711BR-REEL Datasheet HTML 6Page - Analog Devices ADG711BR-REEL Datasheet HTML 7Page - Analog Devices ADG711BR-REEL Datasheet HTML 8Page - Analog Devices ADG711BR-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADG711/ADG712/ADG713
Rev. B | Page 4 of 16
VDD = +3 V ± 10%, GND = 0 V. All specifications −40°C to +85°C, unless otherwise noted.
Table 2.
Parameter
+25°C
−40°C to +85°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 V to VDD
V
On Resistance (RON)
5
5.5
Ω typ
VS = 0 V to VDD, IS = −10 mA;
8
Ω max
See Figure 11
On Resistance Match Between
0.1
Ω typ
VS = 0 V to VDD, IS = −10 mA
Channels (ΔRON)
0.3
Ω max
On Resistance Flatness (RFLAT(ON))
2.5
Ω typ
VS = 0 V to VDD, IS = −10 mA
LEAKAGE CURRENTS
VDD = +3.3 V
Source Off Leakage IS (Off )
±0.01
nA typ
VS = 3 V/1 V, VD = 1 V/3 V
±0.1
±0.2
nA max
See Figure 12
Drain Off Leakage ID (Off )
±0.01
nA typ
VS = 3 V/1 V, VD = 1 V/ 3 V
±0.1
±0.2
nA max
See Figure 12
Channel On Leakage ID, IS (On)
±0.01
nA typ
VS = VD = 1 V, or 3 V
±0.1
±0.2
nA max
See Figure 13
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.4
V max
Input Current
IINL or IINH
0.005
μA typ
VIN = VINL or VINH
±0.1
μA max
DYNAMIC CHARACTERISTICS1
tON
13
ns typ
RL = 300 Ω, CL = 35 pF
20
ns max
VS = 2 V; see Figure 14
tOFF
7
ns typ
RL = 300 Ω, CL = 35 pF
12
ns max
VS = 2 V; see Figure 14
Break-Before-Make Time Delay, tD
7
ns typ
RL = 300 Ω, CL = 35 pF
(ADG713 Only)
1
ns min
VS1 = VS2 = 2 V; see Figure 15
Charge Injection
3
pC typ
VS = 1.5 V; RS = 0 Ω, CL = 1 nF; see Figure 16
Off Isolation
−58
dB typ
RL = 50 Ω, CL = 5 pF, f = 10 MHz
−78
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure 17
Channel-to-Channel Crosstalk
−90
dB typ
RL = 50 Ω, CL = 5 pF, f = 10 MHz; see Figure 18
Bandwidth −3 dB
200
MHz typ
RL = 50 Ω, CL = 5 pF; see Figure 19
CS
10
pF typ
CD
10
pF typ
CD, CS (On)
22
pF typ
POWER REQUIREMENTS
VDD = +3.3 V
IDD
0.001
μA typ
Digital inputs = 0 V or 3 V
1.0
μ max
1 Guaranteed by design, not subject to production test.


Podobny numer części - ADG711BR-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG711BR AD-ADG711BR Datasheet
119Kb / 8P
   CMOS Low Voltage 4 ohm Quad SPST Switches
REV. 0
ADG711BRU AD-ADG711BRU Datasheet
119Kb / 8P
   CMOS Low Voltage 4 ohm Quad SPST Switches
REV. 0
ADG711BRUZ AD-ADG711BRUZ Datasheet
259Kb / 16P
   CMOS Low Voltage, 4 廓 Quad, SPST Switches
REV. B
More results

Podobny opis - ADG711BR-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG711BRUZ AD-ADG711BRUZ Datasheet
259Kb / 16P
   CMOS Low Voltage, 4 廓 Quad, SPST Switches
REV. B
logo
Maxim Integrated Produc...
MAX4651 MAXIM-MAX4651 Datasheet
399Kb / 15P
   Low-Voltage, 4?? Quad, SPST, CMOS Analog Switches
Rev 2; 2/02
logo
Analog Devices
ADG711 AD-ADG711 Datasheet
119Kb / 8P
   CMOS Low Voltage 4 ohm Quad SPST Switches
REV. 0
ADG702BRMZ AD-ADG702BRMZ Datasheet
271Kb / 12P
   CMOS Low Voltage 2 廓 SPST Switches
REV. C
ADG701 AD-ADG701_06 Datasheet
271Kb / 12P
   CMOS Low Voltage 2 廓 SPST Switches
REV. C
logo
Maxim Integrated Produc...
MAX4677 MAXIM-MAX4677_V01 Datasheet
1Mb / 13P
   2廓, Quad, SPST, CMOS Analog Switches
2021
MAX4610 MAXIM-MAX4610 Datasheet
1Mb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 2; 11/03
MAX312 MAXIM-MAX312_V01 Datasheet
420Kb / 12P
   10廓, Quad, SPST, CMOS Analog Switches
19-0420; Rev 2; 7/02
MAX4610 MAXIM-MAX4610_09 Datasheet
162Kb / 11P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 6; 5/09
MAX4610 MAXIM-MAX4610_07 Datasheet
422Kb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 5; 6/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com