Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG507ABQ Arkusz danych(PDF) 1 Page - Analog Devices

Numer części ADG507ABQ
Szczegółowy opis  CMOS 8-/16-Channel Analog Multiplexers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG507ABQ Arkusz danych(HTML) 1 Page - Analog Devices

  ADG507ABQ Datasheet HTML 1Page - Analog Devices ADG507ABQ Datasheet HTML 2Page - Analog Devices ADG507ABQ Datasheet HTML 3Page - Analog Devices ADG507ABQ Datasheet HTML 4Page - Analog Devices ADG507ABQ Datasheet HTML 5Page - Analog Devices ADG507ABQ Datasheet HTML 6Page - Analog Devices ADG507ABQ Datasheet HTML 7Page - Analog Devices ADG507ABQ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. C
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADG506A/ADG507A
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1998
CMOS
8-/16-Channel Analog Multiplexers
FUNCTIONAL BLOCK DIAGRAM
FEATURES
44 V Supply Maximum Rating
VSS to VDD Analog Signal Range
Single/Dual Supply Specifications
Wide Supply Ranges (10.8 V to 16.5 V)
Extended Plastic Temperature Range
(–40 C to +85 C)
Low Power Dissipation (28 mW max)
Low Leakage (20 pA typ)
Available in 28-Lead DIP, SOIC, PLCC, TSSOP and LCCC
Packages
Superior Alternative to:
DG506A, Hl-506
DG507A, Hl-507
GENERAL DESCRIPTION
The ADG506A and ADG507A are CMOS monolithic analog
multiplexers with 16 channels and dual 8 channels, respectively.
The ADG506A switches one of 16 inputs to a common output,
depending on the state of four binary addresses and an enable
input. The ADG507A switches one of eight differential inputs to
a common differential output, depending on the state of three
binary addresses and an enable input. Both devices have TTL
and 5 V CMOS logic compatible digital inputs.
The ADG506A and ADG507A are designed on an enhanced
LC
2MOS process, which gives an increased signal capability of
VSS to VDD and enables operation over a wide range of supply
voltages. The devices can operate comfortably anywhere in the
10.8 V to 16.5 V single or dual supply range. These multiplexers
also feature high switching speeds and low RON.
PRODUCT HIGHLIGHTS
1. Single/Dual Supply Specifications with a Wide Tolerance
The devices are specified in the 10.8 V to 16.5 V range for
both single and dual supplies.
2. Extended Signal Range
The enhanced LC2MOS processing results in a high break-
down and an increased analog signal range of VSS to VDD.
3. Break-Before-Make Switching
Switches are guaranteed break-before-make so input signals
are protected against momentary shorting.
4. Low Leakage
Leakage currents in the range of 20 pA make these multiplexers
suitable for high precision circuits.
ORDERING GUIDE
Temperature
Package
Model1
Range
Option2
ADG506AKN
–40
°C to +85°C
N-28
ADG506AKR
–40
°C to +85°C
R-28
ADG506AKP
–40
°C to +85°C
P-28A
ADG506ABQ
–40
°C to +85°C
Q-28
ADG506ATQ
–55
°C to +125°C
Q-28
ADG506ATE
–55
°C to +125°C
E-28A
ADG507AKN
–40
°C to +85°C
N-28
ADG507AKR
–40
°C to +85°C
R-28
ADG507AKP
–40
°C to +85°C
P-28A
ADG507AKRU
–40
°C to +85°C
RU-28
ADG507ABQ
–40
°C to +85°C
Q-28
ADG507ATQ
–55
°C to +125°C
Q-28
ADG507ATE
–55
°C to +125°C
E-28A
NOTES
1To order MIL-STD-883, Class B processed parts, add /883B to part number.
See Analog Devices’ Military/Aerospace Reference Manual (1994) for military
data sheet.
2E = Leadless Ceramic Chip Carrier (LCCC); N = Plastic DIP; P = Plastic
Leaded Chip Carrier (PLCC); Q = Cerdip; R = 0.3" Small Outline IC (SOIC);
RU = Thin Shrink Small Outline Package (TSSOP).


Podobny numer części - ADG507ABQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG507ABQ AD-ADG507ABQ Datasheet
134Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG507ABQ AD-ADG507ABQ Datasheet
143Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG507ABQ AD-ADG507ABQ Datasheet
143Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG507ABQ AD-ADG507ABQ Datasheet
133Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG507ABQ AD-ADG507ABQ Datasheet
133Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
More results

Podobny opis - ADG507ABQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG507AKRUZ AD-ADG507AKRUZ Datasheet
143Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG507AKRZ AD-ADG507AKRZ Datasheet
143Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506A AD-ADG506A Datasheet
134Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506AKNZ AD-ADG506AKNZ Datasheet
143Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506ATQ AD-ADG506ATQ Datasheet
133Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506ATQ AD-ADG506ATQ Datasheet
154Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506ATE AD-ADG506ATE Datasheet
133Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG507AKPZ AD-ADG507AKPZ Datasheet
143Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506AKPZ AD-ADG506AKPZ Datasheet
133Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
5962-89710013A AD-5962-89710013A Datasheet
415Kb / 20P
   CMOS Latched 8-/16-Channel Analog Multiplexers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com