Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST16C2550IJ44 Arkusz danych(PDF) 3 Page - Exar Corporation

Numer części ST16C2550IJ44
Szczegółowy opis  Up to 4 Mbps with external clock of 64 MHz
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EXAR [Exar Corporation]
Strona internetowa  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C2550IJ44 Arkusz danych(HTML) 3 Page - Exar Corporation

  ST16C2550IJ44 Datasheet HTML 1Page - Exar Corporation ST16C2550IJ44 Datasheet HTML 2Page - Exar Corporation ST16C2550IJ44 Datasheet HTML 3Page - Exar Corporation ST16C2550IJ44 Datasheet HTML 4Page - Exar Corporation ST16C2550IJ44 Datasheet HTML 5Page - Exar Corporation ST16C2550IJ44 Datasheet HTML 6Page - Exar Corporation ST16C2550IJ44 Datasheet HTML 7Page - Exar Corporation ST16C2550IJ44 Datasheet HTML 8Page - Exar Corporation ST16C2550IJ44 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
ORDERING INFORMATION
PART NUMBER
PACKAGE
OPERATING
TEMPERATURE
RANGE
DEVICE STATUS
ST16C2550CP40
40-Lead PDIP
0°C to +70°C
Active. See the ST16C2550CQ48 for new designs.
ST16C2550CJ44
44-Lead PLCC
0°C to +70°C
Active
ST16C2550CQ48 48-Lead TQFP
0°C to +70°C
Active
ST16C2550IP40
40-Lead PDIP
-40°C to +85°C Active. See the ST16C2550IQ48 for new designs.
ST16C2550IJ44
44-Lead PLCC
-40°C to +85°C Active
ST16C2550IQ48
48-Lead TQFP
-40°C to +85°C Active
ST16C2550
3
REV. 4.4.1
2.97V TO 5.5V DUART WITH 16-BYTE FIFO


Podobny numer części - ST16C2550IJ44

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Exar Corporation
ST16C2550IJ44 EXAR-ST16C2550IJ44 Datasheet
443Kb / 34P
   DUAL UART WITH 16-BYTE TRANSMIT AND RECEIVE FIFOS
ST16C2550IJ44 EXAR-ST16C2550IJ44 Datasheet
661Kb / 39P
   2.97V TO 5.5V DUART WITH 16-BYTE FIFO
More results

Podobny opis - ST16C2550IJ44

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STM32F303X6 STMICROELECTRONICS-STM32F303X6 Datasheet
1Mb / 115P
   Up to 64 Kbytes of Flash memory
October 2016 Rev 5
logo
New Japan Radio
NJU6359 NJRC-NJU6359 Datasheet
330Kb / 11P
   SERIAL I/O REAL TIME CLOCK WITH WAKE-UP OUTPUT for EXTERNAL CLOCK
logo
List of Unclassifed Man...
ICS551MI ETC2-ICS551MI Datasheet
199Kb / 9P
   Input/Output clock frequency up to 160 MHz
logo
NXP Semiconductors
KE1XZP48M48SF0 NXP-KE1XZP48M48SF0 Datasheet
1Mb / 82P
   Kinetis KE1xZ with up to 64 KB Flash
Rev. 3, 06/2020
logo
List of Unclassifed Man...
ST-85540 ETC-ST-85540 Datasheet
114Kb / 1P
   64 MBPS INTERFACE TRANSFORMERS
logo
ams AG
AS8223 AMSCO-AS8223 Datasheet
74Kb / 2P
   Data transfer up to 10 Mbps
logo
STMicroelectronics
M24C64-A125 STMICROELECTRONICS-M24C64-A125 Datasheet
608Kb / 40P
   Automotive 64-Kbit serial IC bus EEPROM with 1 MHz clock
logo
Rohm
BD1754HFN ROHM-BD1754HFN_12 Datasheet
379Kb / 19P
   Constant Current LED Driver with 64 Dimming Steps for up to 4 LEDs
logo
QUARTZCOM the communica...
MCO-1S-PE-6P QUARTZCOM-MCO-1S-PE-6P Datasheet
124Kb / 1P
   SMD Clock Oscillator LVPECL Output frequency up to 320 MHz
logo
Rohm
BD1754HFN-TR ROHM-BD1754HFN-TR Datasheet
379Kb / 19P
   Constant Current LED Driver with 64 Dimming Steps for up to 4 LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com