Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FM25V10-GTR Arkusz danych(PDF) 4 Page - Cypress Semiconductor

Numer części FM25V10-GTR
Szczegółowy opis  1Mb Serial 3V F-RAM Memory
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYPRESS [Cypress Semiconductor]
Strona internetowa  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM25V10-GTR Arkusz danych(HTML) 4 Page - Cypress Semiconductor

  FM25V10-GTR Datasheet HTML 1Page - Cypress Semiconductor FM25V10-GTR Datasheet HTML 2Page - Cypress Semiconductor FM25V10-GTR Datasheet HTML 3Page - Cypress Semiconductor FM25V10-GTR Datasheet HTML 4Page - Cypress Semiconductor FM25V10-GTR Datasheet HTML 5Page - Cypress Semiconductor FM25V10-GTR Datasheet HTML 6Page - Cypress Semiconductor FM25V10-GTR Datasheet HTML 7Page - Cypress Semiconductor FM25V10-GTR Datasheet HTML 8Page - Cypress Semiconductor FM25V10-GTR Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
FM25V10 - 1Mb SPI FRAM
Document Number: 001-84499 Rev. **
Page 4 of 17
System Hookup
The SPI interface uses a total of four pins: clock,
data-in, data-out, and chip select. A typical system
configuration uses one or more FM25V10 devices
with a microcontroller that has a dedicated SPI port,
as Figure 3 illustrates. Note that the clock, data-in,
and data-out pins are common among all devices.
The Chip Select and Hold pins must be driven
separately for each FM25V10 device.
For a microcontroller that has no dedicated SPI bus, a
general purpose port may be used. To reduce
hardware resources on the controller, it is possible to
connect the two data pins together and tie off the
Hold pin. Figure 4 shows a configuration that uses
only three pins.
SPI
Microcontroller
FM25V10
Q
D
C
S
HOLD
FM25V10
Q
D
C
S
HOLD
SCK
MOSI
MISO
SS1
SS2
HOLD1
HOLD2
MOSI : Master Out Slave In
MISO : Master In Slave Out
SS : Slave Select
Figure 3. 2Mbit (256KB) System Configuration with SPI port
Microcontroller
FM25V10
Q
D
C
S
HOLD
P1.0
P1.1
P1.2
Figure 4. System Configuration without SPI port


Podobny numer części - FM25V10-GTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ramtron International C...
FM25V10-GTR RAMTRON-FM25V10-GTR Datasheet
333Kb / 16P
   1Mb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25V10-GTR CYPRESS-FM25V10-GTR Datasheet
531Kb / 16P
   1Mb Serial 3V F-RAM Memory
More results

Podobny opis - FM25V10-GTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cypress Semiconductor
FM24V10 CYPRESS-FM24V10 Datasheet
441Kb / 16P
   1Mb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24V10 RAMTRON-FM24V10_10 Datasheet
347Kb / 16P
   1Mb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24V10 CYPRESS-FM24V10_13 Datasheet
417Kb / 17P
   1Mb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25V10 RAMTRON-FM25V10 Datasheet
333Kb / 16P
   1Mb Serial 3V F-RAM Memory
FM24V10 RAMTRON-FM24V10 Datasheet
206Kb / 15P
   1Mb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25V10 CYPRESS-FM25V10 Datasheet
531Kb / 16P
   1Mb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25V02 RAMTRON-FM25V02 Datasheet
343Kb / 17P
   256Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL64B CYPRESS-FM24CL64B Datasheet
354Kb / 13P
   64Kb Serial 3V F-RAM Memory
FM24V01 CYPRESS-FM24V01 Datasheet
378Kb / 14P
   128Kb Serial 3V F-RAM Memory
FM24V02 CYPRESS-FM24V02 Datasheet
401Kb / 16P
   256Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com