Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FM25W256-GTR Arkusz danych(PDF) 2 Page - Cypress Semiconductor

Numer części FM25W256-GTR
Szczegółowy opis  256Kb Wide Voltage SPI F-RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYPRESS [Cypress Semiconductor]
Strona internetowa  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM25W256-GTR Arkusz danych(HTML) 2 Page - Cypress Semiconductor

  FM25W256-GTR Datasheet HTML 1Page - Cypress Semiconductor FM25W256-GTR Datasheet HTML 2Page - Cypress Semiconductor FM25W256-GTR Datasheet HTML 3Page - Cypress Semiconductor FM25W256-GTR Datasheet HTML 4Page - Cypress Semiconductor FM25W256-GTR Datasheet HTML 5Page - Cypress Semiconductor FM25W256-GTR Datasheet HTML 6Page - Cypress Semiconductor FM25W256-GTR Datasheet HTML 7Page - Cypress Semiconductor FM25W256-GTR Datasheet HTML 8Page - Cypress Semiconductor FM25W256-GTR Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
FM25W256 - 256Kb SPI F-RAM
Document Number: 001-84506 Rev. **
Page 2 of 14
Instruction Decode
Clock Generator
Control Logic
Write Protect
Instruction Register
Address Register
Counter
4K x 64
FRAM Array
15
Data I/O Register
8
Nonvolatile Status
Register
3
WP
CS
HOLD
SCK
SO
SI
Figure 1. Block Diagram
Pin Descriptions
Pin Name
I/O
Description
/CS
Input
Chip Select: This active low input activates the device. When high, the device enters
low-power standby mode, ignores other inputs, and all outputs are tri-stated. When
low, the device internally activates the SCK signal. A falling edge on /CS must occur
prior to every op-code.
SCK
Input
Serial Clock: All I/O activity is synchronized to the serial clock. Inputs are latched on
the rising edge and outputs occur on the falling edge. Since the device is static, the
clock frequency may be any value between 0 and 20 MHz and may be interrupted at
any time.
/HOLD
Input
Hold: The /HOLD pin is used when the host CPU must interrupt a memory operation
for another task. When /HOLD is low, the current operation is suspended. The device
ignores any transition on SCK or /CS. All transitions on /HOLD must occur while
SCK is low.
/WP
Input
Write Protect: This active low pin prevents write operations to the status register only.
A complete explanation of write protection is provided on pages 6 and 7.
SI
Input
Serial Input: All data is input to the device on this pin. The pin is sampled on the
rising edge of SCK and is ignored at other times. It should always be driven to a valid
logic level to meet IDD specifications.
* SI may be connected to SO for a single pin data interface.
SO
Output
Serial Output: This is the data output pin. It is driven during a read and remains tri-
stated at all other times including when /HOLD is low. Data transitions are driven on
the falling edge of the serial clock.
* SO may be connected to SI for a single pin data interface.
VDD
Supply
Power Supply: 2.7V to 5.5V
VSS
Supply
Ground


Podobny numer części - FM25W256-GTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ramtron International C...
FM25W256-GTR RAMTRON-FM25W256-GTR Datasheet
297Kb / 13P
   256Kb Wide Voltage SPI F-RAM
logo
Cypress Semiconductor
FM25W256-GTR CYPRESS-FM25W256-GTR Datasheet
453Kb / 13P
   256Kb Wide Voltage SPI F-RAM
FM25W256-GTR CYPRESS-FM25W256-GTR Datasheet
416Kb / 16P
   256Kb Wide Voltage SPI F-RAM
More results

Podobny opis - FM25W256-GTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cypress Semiconductor
FM25W256 CYPRESS-FM25W256 Datasheet
453Kb / 13P
   256Kb Wide Voltage SPI F-RAM
FM25W256-G CYPRESS-FM25W256-G Datasheet
416Kb / 16P
   256Kb Wide Voltage SPI F-RAM
logo
Ramtron International C...
FM25W256 RAMTRON-FM25W256 Datasheet
297Kb / 13P
   256Kb Wide Voltage SPI F-RAM
FM18W08 RAMTRON-FM18W08 Datasheet
333Kb / 11P
   256Kb Wide Voltage Bytewide F-RAM
logo
Cypress Semiconductor
FM24W256 CYPRESS-FM24W256 Datasheet
356Kb / 14P
   256Kb Wide Voltage Serial F-RAM
logo
Ramtron International C...
FM24W256 RAMTRON-FM24W256 Datasheet
231Kb / 13P
   256Kb Wide Voltage Serial F-RAM
logo
Cypress Semiconductor
FM18W08 CYPRESS-FM18W08 Datasheet
325Kb / 12P
   256Kb Wide Voltage Bytewide F-RAM
logo
Ramtron International C...
FM24V02 RAMTRON-FM24V02 Datasheet
200Kb / 15P
   256Kb Serial 3V F-RAM Memory
FM25V02 RAMTRON-FM25V02 Datasheet
343Kb / 17P
   256Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24V02 CYPRESS-FM24V02 Datasheet
401Kb / 16P
   256Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com