Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HCPL-314J-500E Arkusz danych(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Numer części HCPL-314J-500E
Szczegółowy opis  0.4 Amp Output Current IGBT Gate Drive Optocoupler
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Strona internetowa  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-314J-500E Arkusz danych(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-314J-500E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-314J-500E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-314J-500E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-314J-500E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-314J-500E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-314J-500E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-314J-500E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-314J-500E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-314J-500E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
Electrical Specifications (DC)
Over recommended operating conditions unless otherwise specified.
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Fig.
Note
High Level Output Current
IOH
0.2
A
Vo = VCC- 4
2
5
0.4
0.5
Vo = VCC-10
3
2
Low Level Output Current
IOL
0.2
0.4
A
Vo = VEE+2.5
5
5
0.4
0.5
Vo = VEE+10
6
2
High Level Output Voltage
VOH
VCC-4
VCC-1.8
V
Io = -100 mA
1
6, 7
Low Level Output Voltage
VOL
0.4
1
V
Io = 100 mA
4
High Level Supply Current
ICCH
0.7
3
mA
Io = 0 mA
7, 8
15
Low Level Supply Current
ICCL
1.2
3
mA
Io = 0 mA
Threshold Input Current
Low to High
IFLH
5
mA
Io = 0 mA, Vo>5 V
9, 15
Threshold Input Voltage
High to Low
VFHL
0.8
V
Input Forward Voltage
VF
1.2
1.5
1.8
V
IF = 10 mA
16
Temperature Coefficient
of Input Forward Voltage
'VF/'TA
-1.2
mV/°C
Input Reverse Breakdown
Voltage
BVR
310
V
IR = 100 μA
Input Capacitance
CIN
70
pF
f = 1 MHz,
VF = 0 V
Switching Specifications (AC)
Over recommended operating conditions unless otherwise specified.
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Fig.
Note
Propagation Delay Time
to High Output Level
tPLH
0.1
0.2
0.7
μs
Rg = 47 Ω,
Cg = 3 nF,
f = 10 kHz,
Duty Cycle =50%,
IF = 8 mA,
VCC = 30 V
10, 11,
12, 13,
14
Propagation Delay Time
to Low Output Level
tPHL
0.1
0.3
0.7
μs
14, 17
Propagation Delay
Difference Between Any
Two Parts or Channels
PDD
-0.5
0.5
μs
10
Rise Time
tR
50
ns
Fall Time
tF
50
ns
Output High Level Common
Mode Transient Immunity
|CMH|
25
35
kV/μs
TA = 25°C,
VCM = 1.5 kV
18
11,
12
Output Low Level Common
Mode Transient Immunity
|CML|
25
35
kV/μs
18
11,
13


Podobny numer części - HCPL-314J-500E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
405Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results

Podobny opis - HCPL-314J-500E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0314-000E AVAGO-HCPL-0314-000E Datasheet
424Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0302-500 AVAGO-HCPL-0302-500 Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-T251-500E AVAGO-HCPL-T251-500E Datasheet
259Kb / 6P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3140-000E AVAGO-HCPL-3140-000E Datasheet
424Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3020-500E AVAGO-HCPL-3020-500E Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0302 AVAGO-HCPL-0302 Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J Datasheet
287Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com