Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRLH5034PBF Arkusz danych(PDF) 4 Page - International Rectifier

Numer części IRLH5034PBF
Szczegółowy opis  Secondary Side Synchronous Rectification, Inverters for DC Motors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRLH5034PBF Arkusz danych(HTML) 4 Page - International Rectifier

  IRLH5034PBF Datasheet HTML 1Page - International Rectifier IRLH5034PBF Datasheet HTML 2Page - International Rectifier IRLH5034PBF Datasheet HTML 3Page - International Rectifier IRLH5034PBF Datasheet HTML 4Page - International Rectifier IRLH5034PBF Datasheet HTML 5Page - International Rectifier IRLH5034PBF Datasheet HTML 6Page - International Rectifier IRLH5034PBF Datasheet HTML 7Page - International Rectifier IRLH5034PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IRLH5034PbF
4
www.irf.com
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case (Bottom)
Fig 8. Maximum Safe Operating Area
Fig 9. Maximum Drain Current vs.
Case (Bottom) Temperature
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 10. Threshold Voltage vs. Temperature
0.2
0.4
0.6
0.8
1.0
1.2
1.4
VSD, Source-to-Drain Voltage (V)
1.0
10
100
1000
TJ = 25°C
TJ = 150°C
VGS = 0V
-75 -50 -25
0
25
50
75 100 125 150
TJ , Temperature ( °C )
0.5
1.0
1.5
2.0
2.5
3.0
ID = 150µA
ID = 500µA
ID = 1.0mA
ID = 1.0A
1E-006
1E-005
0.0001
0.001
0.01
0.1
t1 , Rectangular Pulse Duration (sec)
0.0001
0.001
0.01
0.1
1
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthjc + Tc
0
1
10
100
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
OPERATION IN THIS AREA
LIMITED BY R DS(on)
Tc = 25°C
Tj = 150°C
Single Pulse
100µsec
1msec
10msec
DC
25
50
75
100
125
150
TC , Case Temperature (°C)
0
50
100
150
200
250
Limited By Package


Podobny numer części - IRLH5034PBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRLH5034PBF IRF-IRLH5034PBF Datasheet
263Kb / 9P
   Secondary Side Synchronous Rectification
IRLH5034PBF IRF-IRLH5034PBF_15 Datasheet
263Kb / 9P
   Secondary Side Synchronous Rectification
More results

Podobny opis - IRLH5034PBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRFH5204PBF IRF-IRFH5204PBF Datasheet
295Kb / 8P
   Secondary Side Synchronous Rectification, Inverters for DC Motors
IRFH5020PBF IRF-IRFH5020PBF_15 Datasheet
266Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5210PBF IRF-IRFH5210PBF_15 Datasheet
244Kb / 9P
   Secondary Side Synchronous Rectification
IRLH5034PBF IRF-IRLH5034PBF_15 Datasheet
263Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5006PBF IRF-IRFH5006PBF_15 Datasheet
269Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5025PBF IRF-IRFH5025PBF_15 Datasheet
265Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5220PBF IRF-IRFH5220PBF_15 Datasheet
243Kb / 9P
   Secondary Side Synchronous Rectification
IRFH7107PBF IRF-IRFH7107PBF Datasheet
272Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5004PBF IRF-IRFH5004PBF_15 Datasheet
265Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5010PBF IRF-IRFH5010PBF_15 Datasheet
260Kb / 9P
   Secondary Side Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com