Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRLML2502PBF Arkusz danych(PDF) 1 Page - International Rectifier

Numer części IRLML2502PBF
Szczegółowy opis  Ultra Low On-Resistance, N-Channel MOSFET, SOT-23 Footprint
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRLML2502PBF Arkusz danych(HTML) 1 Page - International Rectifier

  IRLML2502PBF_12 Datasheet HTML 1Page - International Rectifier IRLML2502PBF_12 Datasheet HTML 2Page - International Rectifier IRLML2502PBF_12 Datasheet HTML 3Page - International Rectifier IRLML2502PBF_12 Datasheet HTML 4Page - International Rectifier IRLML2502PBF_12 Datasheet HTML 5Page - International Rectifier IRLML2502PBF_12 Datasheet HTML 6Page - International Rectifier IRLML2502PBF_12 Datasheet HTML 7Page - International Rectifier IRLML2502PBF_12 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Parameter
Typ.
Max.
Units
RθJA
Maximum Junction-to-Ambient
ƒ
75
100
°C/W
IRLML2502PbF
HEXFET® Power MOSFET
These N-Channel MOSFETs from International Rectifier
utilize advanced processing techniques to achieve extremely
low on-resistance per silicon area. This benefit, combined
with the fast switching speed and ruggedized device design
that HEXFET® power MOSFETs are well known for, provides
the designer with an extremely efficient and reliable device
for use in battery and load management.
A thermally enhanced large pad leadframe has been
incorporated into the standard SOT-23 package to produce
a HEXFET Power MOSFET with the industry's smallest
footprint. This package, dubbed the Micro3
™, is ideal for
applications where printed circuit board space is at a
premium. The low profile (<1.1mm) of the Micro3 allows it
to fit easily into extremely thin application environments
such as portable electronics and PCMCIA cards. The thermal
resistance and power dissipation are the best available.
Thermal Resistance
VDSS = 20V
RDS(on) = 0.045Ω
l Ultra Low On-Resistance
l N-Channel MOSFET
l SOT-23 Footprint
l Low Profile (<1.1mm)
l Available in Tape and Reel
l Fast Switching
l Lead-Free
l Halogen-Free
Description
09/25/12
www.irf.com
1
Parameter
Max.
Units
VDS
Drain- Source Voltage
20
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ 4.5V
4.2
ID @ TA= 70°C
Continuous Drain Current, VGS @ 4.5V
3.4
A
IDM
Pulsed Drain Current

33
PD @TA = 25°C
Power Dissipation
1.25
PD @TA = 70°C
Power Dissipation
0.8
Linear Derating Factor
0.01
W/°C
VGS
Gate-to-Source Voltage
± 12
V
TJ, TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
Absolute Maximum Ratings
W
Micro3
D
S
G
3
1
2
PD - 94892D


Podobny numer części - IRLML2502PBF_12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRLML2502PBF-1 IRF-IRLML2502PBF-1 Datasheet
193Kb / 8P
   Compatible with Existing Surface Mount Techniques
IRLML2502PBF-1 IRF-IRLML2502PBF-1_15 Datasheet
193Kb / 8P
   Compatible with Existing Surface Mount Techniques
IRLML2502PBF IRF-IRLML2502PBF_15 Datasheet
204Kb / 9P
   Ultra Low On-Resistance
More results

Podobny opis - IRLML2502PBF_12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRLML6401PBF IRF-IRLML6401PBF_10 Datasheet
196Kb / 8P
   Ultra Low On-Resistance, P-Channel MOSFET, SOT-23 Footprint
IRF7331PBF IRF-IRF7331PBF_08 Datasheet
220Kb / 9P
   Ultra Low On-Resistance Dual N-Channel MOSFET
IRF5800 IRF-IRF5800_03 Datasheet
114Kb / 8P
   Ultra Low On-Resistance, P-Channel MOSFET
logo
Xian Semipower Electron...
SW2N10 SEMIPOWER-SW2N10 Datasheet
454Kb / 5P
   N-channel SOT-23 MOSFET
SW601Q SEMIPOWER-SW601Q Datasheet
447Kb / 4P
   N-channel SOT-23 MOSFET
logo
International Rectifier
IRLML2803GPBF IRF-IRLML2803GPBF_11 Datasheet
230Kb / 8P
   Generation V Technology, Ultra Low On-Resistance, N-Channel MOSFET
IRLML6302PBF IRF-IRLML6302PBF_07 Datasheet
285Kb / 8P
   technology, Ultra Low On-Resistance, P-Channel MOSFET
logo
Renesas Technology Corp
N0604N-S19-AY RENESAS-N0604N-S19-AY Datasheet
148Kb / 8P
   N-channel MOSFET Low on-state resistance
logo
International Rectifier
IRF7663PBF IRF-IRF7663PBF Datasheet
151Kb / 7P
   Trench Technology, Ultra Low On-Resistance, P-Channel MOSFET
IRF7424 IRF-IRF7424 Datasheet
229Kb / 9P
   Ultra Low On-Resistance
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com