Zakładka z wyszukiwarką danych komponentów |
|
LM2903Q2T Arkusz danych(PDF) 7 Page - STMicroelectronics |
|
LM2903Q2T Arkusz danych(HTML) 7 Page - STMicroelectronics |
7 / 18 page LM2903 Typical application schematics Doc ID 2470 Rev 10 7/18 5 Typical application schematics Figure 8. Basic comparator Figure 9. Driving CMOS V CC = 5 V 15 k Ω V O +V (ref) 1/2 LM2903 -V (ref) 5 V 100 k Ω & 1/ 2 LM2903 +V (ref) -V (ref) Figure 10. Driving TTL Figure 11. Low frequency op-amp 5 V 10 k Ω +V (ref) & & 1/ 2 LM2903 -V (ref) 5 V 15 k Ω e o 0.5 μF 100 k Ω e l 1 k Ω ~ 1/2 LM2903 A V = 100 Figure 12. Low frequency op-amp with boost Figure 13. Transducer amplifier 5 V 15 k Ω 0.5 μF 100 k Ω 1 k Ω ~ 2N 2222 (e o = 0 V for el = 0 V) 1/ 2 LM2903 e o e l A V = 100 5 V 10 k Ω e o 20 M Ω 3 k Ω Magnetic pick-up 10 k Ω 1/ 2 LM2903 |
Podobny numer części - LM2903Q2T |
|
Podobny opis - LM2903Q2T |