Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Am79C940BJI Arkusz danych(PDF) 3 Page - Rochester Electronics

Numer części Am79C940BJI
Szczegółowy opis  Media Access Controller for Ethernet (MACE) 84-pin PLCC and 100-pin PQFP Packages
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROCHESTER [Rochester Electronics]
Strona internetowa  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

Am79C940BJI Arkusz danych(HTML) 3 Page - Rochester Electronics

  Am79C940BJI Datasheet HTML 1Page - Rochester Electronics Am79C940BJI Datasheet HTML 2Page - Rochester Electronics Am79C940BJI Datasheet HTML 3Page - Rochester Electronics Am79C940BJI Datasheet HTML 4Page - Rochester Electronics Am79C940BJI Datasheet HTML 5Page - Rochester Electronics Am79C940BJI Datasheet HTML 6Page - Rochester Electronics Am79C940BJI Datasheet HTML 7Page - Rochester Electronics Am79C940BJI Datasheet HTML 8Page - Rochester Electronics Am79C940BJI Datasheet HTML 9Page - Rochester Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
79C940
Specification Number 79C940B-CI (A) Rev C
Page 3 of 13
Rochester Part Number
AMD Part Number
Package
Temperature
Am79C940B-16JC
Am79C940B-16JC
LDCC-84, Plastic
0° to +70°C
Am79C940B-25JC
Am79C940B-25JC
LDCC-84, Plastic
0° to +70°C
Am79C940BJC
Am79C940BJC
LDCC-84, Plastic
0° to +70°C
Am79C940BJI
Am79C940BJI
LDCC-84, Plastic
-40° to +85°C
Am79C940BKC
Am79C940BKC
TPAK-100, Plastic
0° to +70°C
Am79C940BKC/W
Am79C940BKC/W
QFP-100, Plastic
0° to +70°C
Am79C940BKI
Am79C940BKI
TPAK-100, Plastic
-40° to +85°C
Am79C940BKI/W
Am79C940BKI/W
QFP-100, Plastic
-40° to +85°C
Am79C940BVC
Am79C940BVC
TPAK-80, Plastic
0° to +70°C
Am79C940BVC/W
Am79C940BVC/W
TQFP-80, Plastic
0° to +70°C
Am79C940BVI
Am79C940BVI
TPAK-80, Plastic
-40° to +85°C
Am79C940BVI/W
Am79C940BVI/W
TQFP-80, Plastic
-40° to +85°C
Rochester Ordering Guide
*Most products can also be offered as RoHS compliant, designated by a –G suffix. Please contact factory for more information.


Podobny numer części - Am79C940BJI

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advanced Micro Devices
AM79C940 AMD-AM79C940 Datasheet
914Kb / 122P
   Media Access Controller for Ethernet (MACE)
AM79C940 AMD-AM79C940 Datasheet
1Mb / 144P
   Media Access Controller for Ethernet (MACE??
logo
Pulse A Technitrol Comp...
AM79C940 PULSE-AM79C940 Datasheet
253Kb / 12P
   LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
Advanced Micro Devices
AM79C940JC/W AMD-AM79C940JC/W Datasheet
1Mb / 144P
   Media Access Controller for Ethernet (MACE??
AM79C940JCW AMD-AM79C940JCW Datasheet
914Kb / 122P
   Media Access Controller for Ethernet (MACE)
More results

Podobny opis - Am79C940BJI

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advanced Micro Devices
AM79C940 AMD-AM79C940_00 Datasheet
1Mb / 144P
   Media Access Controller for Ethernet (MACE??
AM79C940 AMD-AM79C940 Datasheet
914Kb / 122P
   Media Access Controller for Ethernet (MACE)
logo
List of Unclassifed Man...
NPC1140-BB1C ETC2-NPC1140-BB1C Datasheet
99Kb / 1P
   Quad Gigabit Ethernet Media Access Controller
logo
Silan Microelectronics ...
SC92031 SILAN-SC92031 Datasheet
476Kb / 38P
   10/100 MBPS INTEGRATED PCI ETHERNET MEDIA ACCESS CONTROLLER AND PHYSICAL LAYER
logo
Texas Instruments
DP83816 TI1-DP83816 Datasheet
1Mb / 112P
[Old version datasheet]   10/100 Mb/s Integrated PCI Ethernet Media Access Controller
logo
Digital Core Design
DMAC DCD-DMAC Datasheet
136Kb / 4P
   Media Access Controller
logo
Texas Instruments
DP83815 TI1-DP83815_11 Datasheet
969Kb / 110P
[Old version datasheet]   10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter)
logo
National Semiconductor ...
DP83815 NSC-DP83815 Datasheet
779Kb / 108P
   10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter)
logo
Texas Instruments
DP83816AVNG TI1-DP83816AVNG Datasheet
853Kb / 108P
[Old version datasheet]   DP83816 10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer
DP83816AVNG-NOPB TI1-DP83816AVNG-NOPB Datasheet
854Kb / 109P
[Old version datasheet]   10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter-II)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com