Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5316BRU-REEL7 Arkusz danych(PDF) 4 Page - Analog Devices

Numer części AD5316BRU-REEL7
Szczegółowy opis  2.5 V to 5.5 V, 400 關A, 2-Wire Interface, Quad Voltage Output, 8-/10-/12-Bit DACs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5316BRU-REEL7 Arkusz danych(HTML) 4 Page - Analog Devices

  AD5316BRU-REEL7 Datasheet HTML 1Page - Analog Devices AD5316BRU-REEL7 Datasheet HTML 2Page - Analog Devices AD5316BRU-REEL7 Datasheet HTML 3Page - Analog Devices AD5316BRU-REEL7 Datasheet HTML 4Page - Analog Devices AD5316BRU-REEL7 Datasheet HTML 5Page - Analog Devices AD5316BRU-REEL7 Datasheet HTML 6Page - Analog Devices AD5316BRU-REEL7 Datasheet HTML 7Page - Analog Devices AD5316BRU-REEL7 Datasheet HTML 8Page - Analog Devices AD5316BRU-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD5306/AD5316/AD5326
Rev. F | Page 4 of 24
A Version1
B Version1
Parameter2
Min
Typ
Max
Min
Typ
Max
Unit
Conditions/Comments
Short-Circuit Current
25
25
mA
VDD = 5 V.
16
16
mA
VDD = 3 V.
Power-Up Time
2.5
2.5
μs
Coming out of power-
down mode; VDD = 5 V.
5
5
μs
Coming out of power-
down mode; VDD = 3 V.
LOGIC INPUTS
(Excluding SCL, SDA)6
Input Current
±1
±1
μA
VIL, Input Low Voltage
0.8
0.8
V
VDD = 5 V ± 10%.
0.6
0.6
V
VDD = 3 V ± 10%.
0.5
0.5
V
VDD = 2.5 V.
VIH, Input High Voltage
1.7
1.7
V
VDD = 2.5 V to 5.5 V;
TTL and 1.8 V CMOS
compatible.
Pin Capacitance
3
3
pF
LOGIC INPUTS (SCL, SDA)6
VIH, Input High Voltage
0.7 VDD
VDD + 0.3
0.7 VDD
VDD + 0.3
V
SMBus compatible at
VDD < 3.6 V.
VIL, Input Low Voltage
−0.3
+0.3 VDD
−0.3
+0.3 VDD
V
SMBus compatible at
VDD < 3.6 V.
IIN, Input Leakage Current
±1
±1
μA
VHYST, Input Hysteresis
0.05 VDD
0.05 VDD
V
See Figure 20.
CIN, Input Capacitance
8
8
pF
Glitch Rejection
50
50
ns
Input filtering suppresses
noise spikes of less than
50 ns.
LOGIC OUTPUT (SDA)6
VOL, Output Low Voltage
0.4
0.4
V
ISINK = 3 mA.
0.6
0.6
V
ISINK = 6 mA.
Three-State Leakage Current
±1
±1
μA
Three-State Output
Capacitance
8
8
pF
POWER REQUIREMENTS
VDD
2.5
5.5
2.5
5.5
V
IDD (Normal Mode)8
VIH = VDD and VIL = GND;
interface inactive.
VDD = 4.5 V to 5.5 V
500
900
500
900
μA
All DACs in unbuffered
mode.
Buffered mode, extra
current is typically x mA
per DAC, where
x = 5 μA + VREF/RDAC.
VDD = 2.5 V to 3.6 V
400
750
400
750
μA
IDD (Power-Down Mode)
VIH = VDD and VIL = GND;
interface inactive.
VDD = 4.5 V to 5.5 V
0.3
1
0.3
1
μA
IDD = 3 μA (max) during
readback on SDA.
VDD = 2.5 V to 3.6 V
0.09
1
0.09
1
μA
IDD = 1.5 μA (max) during
readback on SDA.
1 Temperature range (A, B versions): −40°C to +105°C; typical at +25°C.
2 See the Terminology section.
3 DC specifications tested with the outputs unloaded.
4 Linearity is tested using a reduced code range: AD5306 (Code 8 to 255); AD5316 (Code 28 to 1023); AD5326 (Code 115 to 4095).
5 This corresponds to x codes. x = deadband voltage/LSB size.
6 Guaranteed by design and characterization; not production tested.
7 For the amplifier output to reach its minimum voltage, the offset error must be negative; for the amplifier output to reach its maximum voltage, VREF = VDD,
the offset plus gain error must be positive.
8 Interface inactive; all DACs active. DAC outputs unloaded.


Podobny numer części - AD5316BRU-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5316 AD-AD5316 Datasheet
427Kb / 20P
   2.5 V to 5.5 V, 500 uA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
REV. F
AD5316 AD-AD5316 Datasheet
359Kb / 20P
   2.5 V to 5.5 V, 115 uA, Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5316 AD-AD5316 Datasheet
274Kb / 20P
   2.5 V to 5.5 V, 230uA, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5316 AD-AD5316 Datasheet
324Kb / 20P
   2.5 V to 5.5 V, 500 uA, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5316 AD-AD5316 Datasheet
357Kb / 24P
   2.5 V to 5.5 V, 500 關A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages
Rev. H
More results

Podobny opis - AD5316BRU-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5316 AD-AD5316_15 Datasheet
528Kb / 24P
   2.5 V to 5.5 V, 400 A, 2-Wire Interface, Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. F
AD5306 AD-AD5306_15 Datasheet
528Kb / 24P
   2.5 V to 5.5 V, 400 A, 2-Wire Interface, Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. F
AD5326 AD-AD5326_15 Datasheet
528Kb / 24P
   2.5 V to 5.5 V, 400 A, 2-Wire Interface, Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. F
AD5325 AD-AD5325_15 Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 A, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
AD5315 AD-AD5315_15 Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 A, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
AD5305ARM AD-AD5305ARM Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 A, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
AD5311BRMZ AD-AD5311BRMZ Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 關A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5301 AD-AD5301_07 Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 關A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5301 AD-AD5301_15 Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
AD5311 AD-AD5311_15 Datasheet
429Kb / 24P
   2.5 V to 5.5 V, 120 A, 2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com